Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

103FPB202K Datasheet(PDF) 2 Page - Illinois Capacitor, Inc.

Part # 103FPB202K
Description  Impregnated Polypropylene Film with Aluminum Foil Electrodes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

103FPB202K Datasheet(HTML) 2 Page - Illinois Capacitor, Inc.

  103FPB202K Datasheet HTML 1Page - Illinois Capacitor, Inc. 103FPB202K Datasheet HTML 2Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
3757 W. Touhy Ave., Lincolnwood, IL 60712 • (847) 675-1760 • Fax (847) 673-2850 • www.illcap.com
167
®
FPB
PHYSICAL DIMENSIONS
STANDARD PARTS LISTING
Impregnated
Polypropylene Film with
Aluminum Foil
Electrodes
dv/dt
(v/µs)
Dimensions
L x H x T
(mm)
0.001
1000
102FPB102K
6000
13x11x5
0.001
2000
102FPB202K
5000
18x12x6
0.0015
1000
152FPB102K
6000
13x11x5
0.0015
2000
152FPB202K
5000
18x12x6
0.0022
1000
222FPB102K
6000
13x11x5
0.0022
2000
222FPB202K
5000
18x12x6
0.0033
1000
332FPB102K
6000
13x11x5
0.0033
2000
332FPB202K
5000
18x12x6
0.0047
630
472FPB630K
6000
13x11x5
0.0047
1000
472FPB102K
6000
13x11x5
0.0047
2000
472FPB202K
5000
18x12x6
0.0068
630
682FPB630K
6000
13x11x5
0.0068
1000
682FPB102K
6000
13x11x5
0.0068
2000
682FPB202K
3000
26.5x16x7
0.01
630
103FPB630K
6000
13x11x5
0.01
1000
103FPB102K
6000
13x12x6
0.01
1000
103FPB102KE
5000
18x12x6
0.01
2000
103FPB202K
3000
26.5x16x7
Capacitance
(µF)
WVDC
PART
NUMBER
dv/dt
(v/µs)
Dimensions
L x H x T
(mm)
0.015
630
153FPB630K
6000
13x12x6
0.015
1000
153FPB102K
5000
18x12x6
0.015
2000
153FPB202K
3000
26.5x17x8.5
0.022
630
223FPB630K
5000
18x12x6
0.022
1000
223FPB102K
5000
18x12x6
0.022
2000
223FPB202K
3000
26.5x20x11
0.033
630
333FPB630K
5000
18x13.5x7.5
0.033
1000
333FPB102K
5000
18x13.5x7.5
0.047
630
473FPB630K
3000
26.5x16x7
0.047
1000
473FPB102K
3000
26.5x16x7
0.068
630
683FPB630K
3000
26.5x17x8.5
0.068
1000
683FPB102K
3000
26.5x17x8.5
0.1
630
104FPB630K
3000
26.5x20x11
0.1
1000
104FPB102K
3000
26.5x20x11
0.15
630
154FPB630K
2000
32x20x11
0.15
1000
154FPB102K
2000
32x20x11
0.22
630
224FPB630K
2000
32x22x13
0.22
1000
224FPB102K
2000
32x22x13
Capacitance
(µF)
WVDC
PART
NUMBER
630
1000
2000
0.001
13x11x5
18x12x6
0.0015
13x11x5
18x12x6
0.0022
13x11x5
18x12x6
0.0033
13x11x5
18x12x6
0.0047
13x11x5
13x11x5
18x12x6
0.0068
13x11x5
13x11x5
26.5x16x7
0.01
13x11x5
13x12x6
26.5x16x7
18x12x6
0.015
13x12x6
18x12x6
26.5x17x8.5
0.022
18x12x6
18x12x6
26.5x20x11
0.033
18x13.5x7.5
18x13.5x7.5
0.047
26.5x16x7
26.5x16x7
0.068
26.5x17x8.5
26.5x17x8.5
0.1
26.5x20x11
26.5x20x11
0.15
32x20x11
32x20x11
0.22
32x22x13
32x22x13
WVDC
µF
*Customized capacitors available upon request.
Contact Illinois Capacitor Inc. for details.
Convert to inches, divide by 25.4
LxHxT (mm)


Similar Part No. - 103FPB202K

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
103FPA202K ILLINOISCAPACITOR-103FPA202K Datasheet
372Kb / 2P
   Axial Leaded Impregnated Polypropylene Film with Aluminum Foil Electrodes
103FPA302K ILLINOISCAPACITOR-103FPA302K Datasheet
372Kb / 2P
   Axial Leaded Impregnated Polypropylene Film with Aluminum Foil Electrodes
More results

Similar Description - 103FPB202K

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
104FPL102KK2 ILLINOISCAPACITOR-104FPL102KK2 Datasheet
418Kb / 7P
   Boxed Impregnated Polypropylene Film with Aluminum Foil Electrodes
103FPA202K ILLINOISCAPACITOR-103FPA202K Datasheet
372Kb / 2P
   Axial Leaded Impregnated Polypropylene Film with Aluminum Foil Electrodes
153FPF302K ILLINOISCAPACITOR-153FPF302K Datasheet
367Kb / 2P
   Oval Leaded Polypropylene Film with Aluminum Foil Electrodes
102PWS202KD ILLINOISCAPACITOR-102PWS202KD Datasheet
223Kb / 3P
   Axial leaded polypropylene film with aluminum foil electrodes capacitors for power semiconductors
222PWS202KD ILLINOISCAPACITOR-222PWS202KD Datasheet
138Kb / 1P
   AXIAL LEAD METALLIZED FILM WITH FOIL ELECTRODES
logo
Kemet Corporation
R76ID1680XX3XX KEMET-R76ID1680XX3XX Datasheet
990Kb / 12P
   POLYPROPYLENE CAPACITOR WITH DOUBLE SIDED METALLIZED FILM ELECTRODES
C274AC35120AA0J KEMET-C274AC35120AA0J Datasheet
56Kb / 1P
   Capacitor, film, Film-Foil Polypropylene
logo
List of Unclassifed Man...
PFR ETC1-PFR Datasheet
27Kb / 4P
   Polypropylene film/foil capacitor
KP460 ETC1-KP460 Datasheet
1,015Kb / 29P
   Polypropylene film foil capacitors
logo
Cornell Dubilier Electr...
WPP1D1K-F CDE-WPP1D1K-F Datasheet
156Kb / 2P
   Film/Foil Polypropylene Capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com