Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

156CKH063M Datasheet(PDF) 4 Page - Illinois Capacitor, Inc.

Part # 156CKH063M
Description  105째C General Purpose Aluminum Electrolytic Capacitors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

156CKH063M Datasheet(HTML) 4 Page - Illinois Capacitor, Inc.

  156CKH063M Datasheet HTML 1Page - Illinois Capacitor, Inc. 156CKH063M Datasheet HTML 2Page - Illinois Capacitor, Inc. 156CKH063M Datasheet HTML 3Page - Illinois Capacitor, Inc. 156CKH063M Datasheet HTML 4Page - Illinois Capacitor, Inc. 156CKH063M Datasheet HTML 5Page - Illinois Capacitor, Inc. 156CKH063M Datasheet HTML 6Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
3757 W. Touhy Ave., Lincolnwood, IL 60712 • (847) 675-1760 • Fax (847) 673-2850 • www.illcap.com
56
®
CKE/CKH
+ 105°C General
Purpose Aluminum
Electrolytic Capacitors
STANDARD PART LISTING
Dimensions
DxL
(mm)
PART
NUMBER
Capacitance
(µF)
Maximum RMS
Ripple Current
(mA)
120Hz,+105°C
WVDC
Maximum
ESR
120Hz,+20°C
0.1
50
104CKH050M
1657.8640
5
5x11
0.15
50
154CKH050M
1105.2427
5
5x11
0.22
50
224CKH050M
753.5745
7
5x11
0.33
50
334CKH050M
502.3830
8
5x11
0.47
50
474CKH050M
352.7370
10
5x11
0.47
100
474CKH100M
282.1896
10
5x11
0.47
250
474CKH250M
529.1055
11
6.3x11
0.68
50
684CKH050M
243.8035
10
5x11
1
50
105CKH050M
165.7864
13
5x11
1
100
105CKE100M
132.6291
16
5x11
1
250
105CKE250M
248.6796
16
6.3x11
1
350
105CKE350M
331.5728
16
6.3x11
1
400
105CKE400M
331.5728
16
8x11.5
1
450
105CKE450M
331.5728
17
10x12.5
1.5
50
155CKH050M
110.5243
15
5x11
2.2
50
225CKH050M
75.3575
20
5x11
2.2
100
225CKE100M
60.2860
24
5x11
2.2
250
225CKH250M
113.0362
24
6.3x11
2.2
350
225CKE350M
150.7149
21
6.3x11
2.2
400
225CKE400M
150.7149
26
8x11.5
2.2
450
225CKE450M
150.7149
31
10x12.5
2.2
450
225CKH450M
150.7149
31
10x20
2.2
450
225CKE450MJM
150.7149
20
8x11.5
3.3
50
335CKE050M
50.2383
27
5x11
3.3
100
335CKE100M
40.1906
30
5x11
3.3
200
335CKE200M
75.3575
26
6.3x11
3.3
250
335CKE250MGM
75.3575
28
6.3x11
3.3
250
335CKE250M
75.3575
33
8x11.5
3.3
350
335CKE350MJM
100.4766
30
8x11.5
3.3
400
335CKE400M
100.4766
32
10x12.5
3.3
400
335CKE400MJM
100.4766
34
8x11.5
3.3
450
335CKE450MLM
100.4766
28
10x12.5
3.3
450
335CKE450MLM
100.4766
28
10x13
3.3
450
335CKE450M
100.4766
41
12.5x20
4.7
100
475CKE100M
28.2190
35
5x11
4.7
160
475CKE160M
52.9106
29
6.3x11
4.7
200
475CKE200M
52.9106
35
6.3x11
4.7
250
475CKH250M
52.9106
36
10x12.5
4.7
250
475CKE250MGM
52.9106
35
6.3x11
4.7
250
475CKE250M
52.9106
39
8x11.5
4.7
350
475CKE350M
70.5474
37
10x12.5
4.7
350
475CKE350MJM
70.5474
39
8x11.5
4.7
400
475CKE400MLN
70.5474
42
10x12.5
4.7
400
475CKE400M
70.5474
42
10x16
4.7
450
475CKE450MLN
70.5474
32
10x12.5
Dimensions
DxL
(mm)
PART
NUMBER
Capacitance
(µF)
Maximum RMS
Ripple Current
(mA)
120Hz,+105°C
WVDC
Maximum
ESR
120Hz,+20°C
4.7
450
475CKE450M
70.5474
43
10x20
4.7
450
475CKH450M
70.5474
49
12.5x20
6.8
50
685CKH050M
24.3804
40
5x11
6.8
63
685CKH063M
24.3804
42
5x11
6.8
100
685CKH100M
19.5043
52
6.3x11
6.8
250
685CKH250M
36.5705
65
10x16
10
50
106CKH050M
16.5786
46
5x11
10
63
106CKE063M
16.5786
46
5x11
10
100
106CKE100MEM
13.2629
50
5x11
10
100
106CKH100M
13.2629
55
6.3x11
10
160
106CKE160M
24.8680
49
8x11.5
10
200
106CKE200M
24.8680
60
10x12.5
10
200
106CKE200MJM
24.8680
57
8x11.5
10
250
106CKE250MLN
24.8680
71
10x12.5
10
250
106CKH250M
24.8680
70
10x16
10
350
106CKE350MLQ
33.1573
64
10x16
10
350
106CKE350M
33.1573
65
10x20
10
400
106CKE400MLQ
33.1573
64
10x16
10
400
106CKE400M
33.1573
73
10x20
10
450
106CKE450MLU
33.1573
27
10x21
10
450
106CKE450M
33.1573
65
12.5x20
15
50
156CKH050M
11.0524
58
5x11
15
63
156CKH063M
11.0524
65
6.3x11
15
100
156CKH100M
8.8419
80
8x11.5
15
160
156CKH160M
16.5786
80
10x16
15
250
156CKH250M
16.5786
90
10x20
22
50
226CKH050M
7.5357
68
5x11
22
63
226CKE063M
7.5357
70
5x11
22
63
226CKH063M
7.5357
70
6.3x11
22
100
226CKE100M
6.0286
85
6.3x11
22
100
226CKH100M
6.0286
96
8x11.5
22
160
226CKE160MLN
11.3036
92
10x12.5
22
160
226CKE160M
11.3036
85
10x16
22
200
226CKE200MLQ
11.3036
105
10x16
22
200
226CKH200M
11.3036
95
10x20
22
250
226CKE250MLU
11.3036
105
10x20
22
250
226CKE250M
11.3036
130
12.5x20
22
350
226CKE350MNU
15.0715
105
12.5x20
22
400
226CKE400M
15.0715
120
12.5x25
22
450
226CKE450MNV
15.0715
100
13x26
22
450
226CKE450M
15.0715
130
16x25
22
450
226CKH450M
15.0715
130
16x31.5
33
50
336CKE050M
5.0238
85
5x11
33
63
336CKE063M
5.0238
95
6.3x11
33
100
336CKH100M
4.0191
140
10x12.5
PLEASE NOTE: The CKE and CKH Series have been merged. CHECK PART NUMBERS CAREFULLY.


Similar Part No. - 156CKH063M

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
156CKH063M ILLINOISCAPACITOR-156CKH063M Datasheet
541Kb / 4P
   105 General Purpose Radial Lead Aluminum Electrolytic Capacitors
More results

Similar Description - 156CKH063M

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
104SMH050M ILLINOISCAPACITOR-104SMH050M Datasheet
101Kb / 2P
   105째C General Purpose Surface Mount Chip Aluminum Electrolytic Capacitors
logo
NTE Electronics
VHT10M25 NTE-VHT10M25 Datasheet
17Kb / 2P
   105째C ALUMINUM ELECTROLYTIC
logo
Illinois Capacitor, Inc...
102LRP160M ILLINOISCAPACITOR-102LRP160M Datasheet
393Kb / 3P
   105째C Screw Terminal Aluminum Electrolytic Capacitors
104CKR050M ILLINOISCAPACITOR-104CKR050M Datasheet
134Kb / 5P
   85째C General Purpose Aluminum Electrolytic Capacitors
logo
Cornell Dubilier Electr...
AVS CDE-AVS_17 Datasheet
462Kb / 6P
   SMT Aluminum Electrolytic Capacitors - General Purpose
logo
Illinois Capacitor, Inc...
474TMA100M ILLINOISCAPACITOR-474TMA100M Datasheet
104Kb / 4P
   105째C Standard Axial Lead Aluminum Electrolytic Capacitors
104NCN050M ILLINOISCAPACITOR-104NCN050M Datasheet
411Kb / 2P
   105째C Non-polarized Surface Mount Aluminum Electrolytic Capacitors
685KFM400M ILLINOISCAPACITOR-685KFM400M Datasheet
391Kb / 2P
   105째C 10,000 Hour Radial Lead Aluminum Electrolytic Capacitors
474KXM100M ILLINOISCAPACITOR-474KXM100M Datasheet
130Kb / 5P
   105째C Low Impedance Radial Lead Aluminum Electrolytic Capacitors
476LMU450M2BC ILLINOISCAPACITOR-476LMU450M2BC Datasheet
553Kb / 5P
   105째C Long Life Snap-Mount Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com