Electronic Components Datasheet Search |
|
226CKS160M Datasheet(PDF) 1 Page - Illinois Capacitor, Inc. |
|
226CKS160M Datasheet(HTML) 1 Page - Illinois Capacitor, Inc. |
1 / 5 page 3757 W. Touhy Ave., Lincolnwood, IL 60712 • (847) 675-1760 • Fax (847) 673-2850 • www.illcap.com 38 ® Leakage Current Operating Temperature Range 2 minutes Load Life I Lead Free Leads I In Stock SPECIFICATIONS FEATURES Capacitance Tolerance ±20% at 120Hz, 20°C Time Shelf Life .03 CV or 4 µA, whichever is greater 0.03CV + 40µA 1,000 hours at 85°C with no voltage applied. Dissipation Factor 120Hz, 20°C tan δ WVDC Surge Voltage SVDC WVDC Impedance Ratio (Max.) @120Hz -25°C/20°C -40°C/20°C 4 3 2 2 2 2 2 23 33 6 6 15 86 4 3 3 3 3 3 6 6 6 6 6 - WVDC 6.3 to 100 WVDC 160 to 450 WVDC SPECIAL ORDER OPTIONS • Special tolerances: ±10% (K), -10% + 30% • Ammo Pack • Cut, Formed, Cut and Formed Leads • Epoxy end sealed • Mylar sleeve +85°C General Purpose Aluminum Electrolytic Capacitors I Standardized Case Sizes I Multiple Case Styles Ripple Current Multipliers Frequency (Hz) C ≤10 10<C ≤100 100<C ≤1000 50 120 400 1K 10K 100K 0.8 0.8 0.8 1.0 1.0 1.0 1.3 1.23 1.16 1.45 1.36 1.25 1.65 1.48 1.35 1.7 1.53 1.38 C>1000 0.8 1.0 1.11 1.17 1.25 1.28 Temperature (°C) +85 1.0 +70 1.3 1.0 1.0 1.0 1.3 1.3 1.3 1.5 1.5 1.5 Capacitance (µF) CKR/ CKS 6.3 10 16 25 35 50 63 100 160 200 250 350 400 450 .24 .20 .16 .14 .12 .1 .1 .08 .15 .15 .15 .2 .2 .2 Note: For above D.F. specifications, add .02 for every 1,000 µF above 1,000 µF Capacitance change Dissipation factor Leakage current Capacitance change Dissipation factor Leakage current ≤ 20% of initial measured value ≤ 200% of initial specified value < The initial specified value < 20% of initial measured value ≤150% of initial specified value <100% Initial specified value 2,000 hours at 85°C with rated WVDC 1 minutes 2 minutes 6.3 10 16 25 35 50 63 100 160 200 250 350 400 450 7.9 13 20 32 44 63 79 125 200 250 300 400 450 500 .01 CV or 3 µA, whichever is greater +60 1.5 -40°C to +85°C (6.3 to 400 WVDC) -25°C to +85°C (450 WVDC) |
Similar Part No. - 226CKS160M |
|
Similar Description - 226CKS160M |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |