Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

226GAZ6R3M Datasheet(PDF) 2 Page - Illinois Capacitor, Inc.

Part # 226GAZ6R3M
Description   105째C Low Impedance, Low Profile Surface Mount Chip Aluminum Electrolytic Capacitors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

226GAZ6R3M Datasheet(HTML) 2 Page - Illinois Capacitor, Inc.

  226GAZ6R3M Datasheet HTML 1Page - Illinois Capacitor, Inc. 226GAZ6R3M Datasheet HTML 2Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
3757 W. Touhy Ave., Lincolnwood, IL 60712 • (847) 675-1760 • Fax (847) 673-2850 • www.illcap.com
2
®
4
5
6.3
5.4 +0.1/-0.2
5.4 +0.1/-0.2
5.4 +0.1/-0.2
4.3
5.3
6.6
4.3
5.3
6.6
5.0
6.0
7.3
1.0
1.4
2.2
0.5~0.8
0.5~0.8
0.5~0.8
(mm)
D+0.5 MAX
L
W±0.2
H±0.2
C±0.2
R
P±0.2
GAZ
+105°C Low Impedance
Low Profile Surface
Mount Chip Aluminum
Electrolytic Capacitors
STANDARD PART LISTING
0.3 MAX
L
W
R
(+)
PHYSICAL DIMENSIONS
DIMENSIONS
(mm)
135
105GAZ035M
198.944
3.9
60
4x5.4
150
105GAZ050M
198.944
4.9
30
4x5.4
2.2
35
225GAZ035M
90.429
3.6
60
4x5.4
2.2
50
225GAZ050M
90.429
4.5
30
4x5.4
3.3
35
335GAZ035M
60.286
3
60
4x5.4
3.3
50
335GAZ050M
60.286
3.7
30
4x5.4
4.7
35
475GAZ035M
42.328
2.5
60
4x5.4
4.7
50
475GAZ050M
42.328
3.1
41
5x5.4
6.8
25
685GAZ025M
34.132
2.7
60
4x5.4
6.8
35
685GAZ035M
29.256
2.2
60
5x5.4
6.8
50
685GAZ050M
29.256
2.7
55
6.3x5.4
10
16
106GAZ016M
26.526
3.3
60
4x5.4
10
35
106GAZ035M
19.894
1.9
70
5x5.4
10
50
106GAZ050M
19.894
2.4
70
6.3x5.4
22
6.3
226GAZ6R3M
18.086
3.2
60
4x5.4
22
16
226GAZ016M
12.057
1.8
85
5x5.4
22
35
226GAZ035M
9.043
1
120
6.3x5.4
33
10
336GAZ010M
10.048
1.7
75
5x5.4
33
25
336GAZ025M
7.033
1
140
6.3x5.4
47
6.3
476GAZ6R3M
8.466
2
80
5x5.4
47
16
476GAZ016M
5.644
1.1
140
6.3x5.4
68
10
686GAZ010M
4.876
1.1
130
6.3x5.4
100
10
107GAZ010M
3.316
.9
150
6.3x5.4
35
(44)
50
(63)
25
(32)
6.3
(7.9)
10
(16)
16
(20)
1
4x5.4
4x5.4
2.2
4x5.4
4x5.4
3.3
4x5.4
4x5.4
4.7
4x5.4
5x5.4
6.8
4x5.4
5x5.4
6.3x5.4
10
4x5.4
5x5.4
6.3x5.4
22
4x5.4
5x5.4
6.3x5.4
33
5x5.4
6.3x5.4
47
5x5.4
6.3x5.4
68
6.3x5.4
100
6.3x5.4
WVDC
(SV)
(µF)
Dimensions
DxL
(mm)
Maximum RMS
Ripple Current
(mA) at 100Hz,
+105°C
PART
NUMBER
WVDC
Capacitance
(µF)
Maximum
ESR
120Hz,+20°C
Impedance
at 100Hz,
+20°C
Dimensions
DxL
(mm)
Maximum RMS
Ripple Current
(mA) at 100Hz,
+105°C
PART
NUMBER
WVDC
Capacitance
(µF)
Maximum
ESR
120Hz,+20°C
Impedance
at 100Hz,
+20°C


Similar Part No. - 226GAZ6R3M

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
226GXX050MEY ILLINOISCAPACITOR-226GXX050MEY Datasheet
230Kb / 2P
   High temperature ??Very Low ESR ??High ripple current ??stablewith temperature ??High frequency ??Long life ??ROHS compliant
226GXX050MEY ILLINOISCAPACITOR-226GXX050MEY Datasheet
124Kb / 1P
   SMD ALUMINUM POLYMER CAPACITORS
More results

Similar Description - 226GAZ6R3M

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
105AXZ050M ILLINOISCAPACITOR-105AXZ050M Datasheet
114Kb / 3P
   105째C Low Impedance Surface Mount Chip Aluminum Electrolytic Capacitors
106ACZ035M ILLINOISCAPACITOR-106ACZ035M Datasheet
415Kb / 3P
   105째C Very Low Impedance Surface Mount Aluminum Electrolytic Capacitors
474KXM100M ILLINOISCAPACITOR-474KXM100M Datasheet
130Kb / 5P
   105째C Low Impedance Radial Lead Aluminum Electrolytic Capacitors
105AXZ050M ILLINOISCAPACITOR-105AXZ050M_13 Datasheet
227Kb / 2P
   105C Low Impedance Surface Mount Aluminum Electrolytic Capacitors
477JZM016M ILLINOISCAPACITOR-477JZM016M Datasheet
414Kb / 2P
   105째C Low ESR Low Impedance Aluminimum Electrolytic Capacitors
106ACZ035M ILLINOISCAPACITOR-106ACZ035M_13 Datasheet
230Kb / 2P
   105C Very Low Impedance Surface Mount Aluminum Electrolytic Capacitors
104FXM050M ILLINOISCAPACITOR-104FXM050M Datasheet
122Kb / 4P
   105째C Low Profile Radial Lead Aluminum Electrolytic Capacitors
104SMH050M ILLINOISCAPACITOR-104SMH050M Datasheet
101Kb / 2P
   105째C General Purpose Surface Mount Chip Aluminum Electrolytic Capacitors
logo
RFE international
VZH101MIVTR080100 RFE-VZH101MIVTR080100 Datasheet
122Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS VZH Series: Surface Mount, Ultra Low Impedance
VZH RFE-VZH Datasheet
767Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS VZH Series: Surface Mount, Ultra Low Impedance
2021.09.09
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com