Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

475HST050M Datasheet(PDF) 3 Page - Illinois Capacitor, Inc.

Part # 475HST050M
Description  125째C Axial Lead Aluminum Electrolytic Capacitors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

475HST050M Datasheet(HTML) 3 Page - Illinois Capacitor, Inc.

  475HST050M Datasheet HTML 1Page - Illinois Capacitor, Inc. 475HST050M Datasheet HTML 2Page - Illinois Capacitor, Inc. 475HST050M Datasheet HTML 3Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3757 W. Touhy Ave., Lincolnwood, IL 60712 • (847) 675-1760 • Fax (847) 673-2850 • www.illcap.com
®
HST
+ 125°C Axial Lead
Aluminum Electrolytic
Capacitors
1
50
105HST050M
165.786
10
8x16
2.2
50
225HST050M
75.357
22
8x16
3.3
50
335HST050M
50.238
27
8x16
4.7
50
475HST050M
35.274
32
8x16
10
50
106HST050M
16.579
47
8x16
22
50
226HST050M
7.536
70
8x16
33
50
336HST050M
5.024
85
8x16
47
50
476HST050M
3.527
105
8x16
47
63
476HST063M
3.527
120
8x20
100
25
107HST025M
2.321
125
8x16
100
50
107HST050M
1.658
180
8x20
100
63
107HST063M
1.658
200
10x21
220
10
227HST010M
1.507
155
8x16
220
25
227HST025M
1.055
220
8x20
220
35
227HST035M
0.904
260
10x21
220
50
227HST050M
0.754
320
10x26
220
63
227HST063M
0.754
360
12.5x26
330
16
337HST016M
0.804
250
8x20
330
25
337HST025M
0.703
300
10x21
330
35
337HST035M
0.603
350
10x26
PART
NUMBER
WVDC
Maximum
ESR
120Hz,+20°C
STANDARD PART LISTING
Maximum RMS
Ripple Current
(mA)
120Hz,+125°C
Dimension
D x L
(mm)
PART
NUMBER
WVDC
Maximum
ESR
120Hz,+20°C
Capacitance
(µF)
Maximum RMS
Ripple Current
(mA)
120Hz,+125°C
Dimension
D x L
(mm)
Capacitance
(µF)
330
50
337HST050M
0.502
430
12.5x26
330
63
337HST063M
0.502
480
12.5x31
470
10
477HST010M
0.705
270
8x20
470
16
477HST016M
0.564
330
10x21
470
25
477HST025M
0.494
390
10x26
470
35
477HST035M
0.423
470
12.5x26
470
50
477HST050M
0.353
570
12.5x31
470
63
477HST063M
0.353
650
16x31
1000
10
108HST010M
0.332
470
10x26
1000
16
108HST016M
0.265
590
12.5x26
1000
25
108HST025M
0.232
700
12.5x31
1000
35
108HST035M
0.199
850
16x31
1000
50
108HST050M
0.166
1030
16x41
2200
10
228HST010M
0.181
820
12.5x31
2200
16
228HST016M
0.151
1030
16x31
2200
25
228HST025M
0.136
1210
16x41
3300
10
338HST010M
0.131
1090
16x31
3300
16
338HST016M
0.111
1330
16x41
4700
10
478HST010M
0.099
1390
16x41


Similar Part No. - 475HST050M

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
475HSM050M ILLINOISCAPACITOR-475HSM050M Datasheet
416Kb / 3P
   125째C Standard Radial Lead Aluminum Electrolytic Capacitors
475HSM050M ILLINOISCAPACITOR-475HSM050M Datasheet
516Kb / 3P
   125C Standard Radial Lead Aluminum Electrolytic Capacitors
475HSM050M ILLINOISCAPACITOR-475HSM050M Datasheet
165Kb / 2P
   Small size - High voltage - General purpose
475HSM050M ILLINOISCAPACITOR-475HSM050M Datasheet
160Kb / 2P
   Small size - High voltage - General purpose
More results

Similar Description - 475HST050M

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
105HSM050M ILLINOISCAPACITOR-105HSM050M Datasheet
416Kb / 3P
   125째C Standard Radial Lead Aluminum Electrolytic Capacitors
474TTA100M ILLINOISCAPACITOR-474TTA100M Datasheet
104Kb / 4P
   85째C Standard Axial Lead Aluminum Electrolytic Capacitors
474TMA100M ILLINOISCAPACITOR-474TMA100M Datasheet
104Kb / 4P
   105째C Standard Axial Lead Aluminum Electrolytic Capacitors
106UCA050M ILLINOISCAPACITOR-106UCA050M Datasheet
411Kb / 2P
   125째C Surface Mount Aluminum Electrolytic Capacitors
logo
TDK Electronics
B41691 TDK-B41691 Datasheet
429Kb / 17P
   Aluminum electrolytic capacitors Axial-lead and soldering star capacitors
B41696 TDK-B41696 Datasheet
420Kb / 17P
   Aluminum electrolytic capacitors Axial-lead and soldering star capacitors
B41689 TDK-B41689 Datasheet
402Kb / 19P
   Aluminum electrolytic capacitors Axial-lead and soldering star capacitors
B41690 TDK-B41690 Datasheet
450Kb / 18P
   Aluminum electrolytic capacitors Axial-lead and soldering star capacitors
B41695 TDK-B41695 Datasheet
459Kb / 18P
   Aluminum electrolytic capacitors Axial-lead and soldering star capacitors
B41693 TDK-B41693 Datasheet
443Kb / 1P
   Aluminum electrolytic capacitors Axial-lead and soldering star capacitors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com