Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

687JZM016M Datasheet(PDF) 2 Page - Illinois Capacitor, Inc.

Part # 687JZM016M
Description  105째C Low ESR Low Impedance Aluminimum Electrolytic Capacitors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

687JZM016M Datasheet(HTML) 2 Page - Illinois Capacitor, Inc.

  687JZM016M Datasheet HTML 1Page - Illinois Capacitor, Inc. 687JZM016M Datasheet HTML 2Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
3757 W. Touhy Ave., Lincolnwood, IL 60712 • (847) 675-1760 • Fax (847) 673-2850 • www.illcap.com
®
JZM
+ 105°C Low ESR, Low
Impedance Aluminum
Electrolytic Capacitors
PHYSICAL DIMENSIONS
DxL(mm)
Convert to inches, divide by 25.4
470
680
820
1,000
1,200
1,500
1,800
2,200
3,300
3,900
4,700
6.3
(7.9)
(µF)
25
(32)
16
(20)
10
(13)
WVDC
(SV)
8x11.5
10x16
8x14
10x12.5
8x16
8x16
10x12.5
10x16
8x16
8x20
8x16
10x12.5
10x16
10x20
8x20
10x16
10x20
10x23
10x20
10x23
10x23
10x26
12.5x26
Capacitance
(µF)
470
16
477JZM016M
0.564
0.036
1100
8x11.5
470
25
477JZM025M
0.564
0.019
2030
10x16
680
10
687JZM010M
0.463
0.036
1200
8x14
680
16
687JZM016MLN
0.390
0.028
1530
10x12.5
680
16
687JZM016M
0.390
0.028
1530
8x16
820
6.3
827JZM6R3M
0.445
0.036
1160
8x11.5
1000
10 108JZM010MLN
0.315
0.028
1570
10x12.5
1000
10
108JZM010M
0.315
0.028
1540
8x16
1000
16 108JZM016MLJ
0.265
0.019
2060
10x16
1000
16
108JZM016M
0.265
0.019
2050
8x20
1200
6.3
128JZM6R3M
0.304
0.028
1630
8x16
1500
6.3
158JZM6R3M
0.265
0.020
1640
10x12.5
WVDC
Maximum
ESR
120Hz,+25°C
Maximum
ESR
100kHz
25°C
Maximum RMS
Ripple Current
(mA) +105°C
100kHz
Dimensions
DxL
(mm)
PART
NUMBER
Capacitance
(µF)
1500
10 158JZM010MLQ
0.232
0.019
2040
10x16
1500
10
158JZM010M
0.232
0.019
1990
8x20
1500
16
158JZM016M
0.232
0.013
2640
10x20
1800
6.3
188JZM6R3M
0.221
0.018
1990
10x16
1800
10
188JZM010M
0.193
0.013
2470
10x20
1800
16
188JZM016M
0.166
0.012
3080
10x23
2200
6.3
228JZM6R3M
0.196
0.015
2350
10x20
2200
10
228JZM010M
0.173
0.012
2780
10x23
3300
6.3
338JZM6R3M
0.141
0.012
2890
10x23
3900
6.3
398JZM6R3M
0.119
0.012
3230
10x26
4700
6.3
478JZM6R3M
0.106
0.014
3810
12.5x26
WVDC
Maximum
ESR
120Hz,+25°C
Maximum
ESR
100kHz
25°C
Maximum RMS
Ripple Current
(mA) +105°C
100kHz
Dimensions
DxL
(mm)
PART
NUMBER
STANDARD PART LISTING
D
8.0
10.0
12.5
d
0.6
0.6
0.6
S
3.5
5.0
5.0
-
+
PVC SLEEVE
d
S1
D1
L1
L
L
19.0 MIN
15.0 MIN
L1=L + 1.5 Max.
D1=D + 0.5 mm Max.
S1=S ± 0.5 mm Max.
NOTE: Case Vent is standard on all diameter
≥8.0mm
LEAD INFORMATION V.S. CASE DIAMETER


Similar Part No. - 687JZM016M

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
687JZM016M ILLINOISCAPACITOR-687JZM016M Datasheet
184Kb / 2P
   105C Low Impedance Radial Lead Aluminum Electrolytic Capacitors
687JZM016M ILLINOISCAPACITOR-687JZM016M Datasheet
207Kb / 2P
   Very Low ESR - High Frequency ??High Ripple Current
687JZM016M ILLINOISCAPACITOR-687JZM016M Datasheet
103Kb / 1P
   Radial Lead High Frequency / Low Impedance
687JZM016MLN ILLINOISCAPACITOR-687JZM016MLN Datasheet
184Kb / 2P
   105C Low Impedance Radial Lead Aluminum Electrolytic Capacitors
687JZM016MLN ILLINOISCAPACITOR-687JZM016MLN Datasheet
207Kb / 2P
   Very Low ESR - High Frequency ??High Ripple Current
More results

Similar Description - 687JZM016M

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
474KXM100M ILLINOISCAPACITOR-474KXM100M Datasheet
130Kb / 5P
   105째C Low Impedance Radial Lead Aluminum Electrolytic Capacitors
106ACZ035M ILLINOISCAPACITOR-106ACZ035M Datasheet
415Kb / 3P
   105째C Very Low Impedance Surface Mount Aluminum Electrolytic Capacitors
105AXZ050M ILLINOISCAPACITOR-105AXZ050M Datasheet
114Kb / 3P
   105째C Low Impedance Surface Mount Chip Aluminum Electrolytic Capacitors
105GAZ035M ILLINOISCAPACITOR-105GAZ035M Datasheet
412Kb / 2P
    105째C Low Impedance, Low Profile Surface Mount Chip Aluminum Electrolytic Capacitors
logo
RFE international
RXK221M1HBK100250 RFE-RXK221M1HBK100250 Datasheet
145Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS RXK Series: Radial Low Impedance & ESR
logo
Dubilier
DVJL DUBILIER-DVJL Datasheet
262Kb / 2P
   SMD - 105째C LOW IMPEDANCE
DSHX33010TA DUBILIER-DSHX33010TA_11 Datasheet
265Kb / 3P
   CAPACITORS LOW IMPEDANCE AND LOW ESR DSHX
DSHX33010TA DUBILIER-DSHX33010TA Datasheet
167Kb / 3P
   CAPACITORS LOW IMPEDANCE AND LOW ESR DSHX
logo
List of Unclassifed Man...
RJH-10V562MJ7 ETC2-RJH-10V562MJ7 Datasheet
73Kb / 4P
   105째C Use, High-Reliability, Low Impedance Capacitors
logo
Jianghai Europe GmbH
CDVZVZ JIANGHAI-CDVZVZ Datasheet
779Kb / 3P
   EC SMD 105째C 2.000-3.000h Lifetime Low Impedance ESR(SMD)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com