Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZADCS147 Datasheet(PDF) 11 Page - Zentrum Mikroelektronik Dresden AG

Part # ZADCS147
Description  12-Bit, 200ksps, 8-Channel, Serial Output ADC
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZMD [Zentrum Mikroelektronik Dresden AG]
Direct Link  http://www.zmdi.com
Logo ZMD - Zentrum Mikroelektronik Dresden AG

ZADCS147 Datasheet(HTML) 11 Page - Zentrum Mikroelektronik Dresden AG

Back Button ZADCS147 Datasheet HTML 7Page - Zentrum Mikroelektronik Dresden AG ZADCS147 Datasheet HTML 8Page - Zentrum Mikroelektronik Dresden AG ZADCS147 Datasheet HTML 9Page - Zentrum Mikroelektronik Dresden AG ZADCS147 Datasheet HTML 10Page - Zentrum Mikroelektronik Dresden AG ZADCS147 Datasheet HTML 11Page - Zentrum Mikroelektronik Dresden AG ZADCS147 Datasheet HTML 12Page - Zentrum Mikroelektronik Dresden AG ZADCS147 Datasheet HTML 13Page - Zentrum Mikroelektronik Dresden AG ZADCS147 Datasheet HTML 14Page - Zentrum Mikroelektronik Dresden AG ZADCS147 Datasheet HTML 15Page - Zentrum Mikroelektronik Dresden AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
Datasheet
ZADCS146 / ZADCS147
Copyright © 2008, ZMD AG, Rev. 1.1
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without the prior written consent of the copyright owner. The
Information furnished in this publication is preliminary and subject to changes without notice.
11/19
CH0
CH1
CH2
CH3
CH4
CH5
CH6
CH7
COM
IN-
IN+
Converter
SGL/DIF = HIGH
See Table 3 & Table 4
for Coding Schemes
Shown configuration
A2 … A0 = 0x000
voltage at INto obtain codes unequal to 0x000. The
entire 12 bit transfer characteristic is then covered by IN+
if IN+ ranges from INto (IN+Vref). Any voltage on
IN+ > (IN+ Vref) results in code 0xFFF. Code 0xFFF is
not reached, if (IN+Vref) > VDD + 0.2V because the
input voltage is clamped at VDD + 0.2V by ESD protec-
tion devices.
The voltage at INcan range from -0.2V … ½ VREF with-
out limiting the Code Range, assuming the fore men-
tioned VDD condition is true. See also Figure 5 for input
voltage ranges in unipolar conversion mode.
In bipolar mode, IN+ can range from (IN- Vref/2) to (IN
+ Vref/2) keeping the converter out of code saturation.
For instance, if INis set to a constant DC voltage of
Vref/2, then IN+ can vary from 0V to Vref to cover the
entire code range. Lower or higher voltages of IN+ keep
the output code at the minimum or maximum code value.
Figure 6 shows the input voltage ranges in bipolar mode
when INis set to a constant DC voltage.
As explained before, ZADCS146 / ZADCS147 can also
be used to convert fully differential input signals that
change around a common mode input voltage.
The bipolar mode is best used for such purposes since it
allows the input signals to be positive or negative in rela-
tion to each other.
The common mode level of a differential input signal is
calculated VCM = (V(IN+)+ V(IN)) / 2. To avoid code clip-
ping or over steering of the converter, the common mode
level can change from ¼ Vref … ¾ Vref. Within this range
the peak to peak amplitude of the differential input signal
can be ± Vref/2.
The average input current on the analog inputs depends
on the conversion rate. The signal source must be capa-
ble of charging the internal sampling capacitors (typically
16pF on each input of the converter: IN+ and IN) within
the acquisition time tACQ to the required accuracy. The
equivalent input circuit in sampling mode is shown in
Figure 7.
The following equation provides a rough hand calculation
for a source impedance RS that is required to settle out a
DC input signal referenced to AGND with 12 bit accuracy
in a given acquisition time
Figure 4: Block diagram of input multiplexer
0V
1.5*VREF
VREF
VIN+
VIN-
VDD-VREF
Code Range
0xFFF
0x000
Figure 5: Input voltage range in unipolar mode
0.5*VREF
0V
VREF
¾ VREF
VCM
VDIFF
+VREF/2
VCM Range
Figure 6: Input voltage range for fully differen-
tial signals in bipolar mode
¼ VREF
-VREF/2
0V
RSW
CHOLD+
16pF
CIN
4pF
RSW
AGND
CHOLD-
16pF
CIN
4pF
AGND
IN+
IN-
CH0
CH1
CH2
CH3
CH4
CH5
CH6
CH7
COM
Channel
Multiplexer
VDC
3kΩ
3kΩ
Figure 7: Equivalent input circuit during sampling


Similar Part No. - ZADCS147

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ZADCS147 ETC2-ZADCS147 Datasheet
579Kb / 26P
   12-Bit, 200ksps, ADC Family
ZADCS147IS20T ETC2-ZADCS147IS20T Datasheet
579Kb / 26P
   12-Bit, 200ksps, ADC Family
More results

Similar Description - ZADCS147

ManufacturerPart #DatasheetDescription
logo
Zentrum Mikroelektronik...
ZADCS1282 ZMD-ZADCS1282 Datasheet
578Kb / 21P
   12-Bit, 200ksps, Serial Output ADC Family
logo
List of Unclassifed Man...
ZADCS146 ETC2-ZADCS146_11 Datasheet
579Kb / 26P
   12-Bit, 200ksps, ADC Family
logo
Analog Devices
AD1678 AD-AD1678_15 Datasheet
4Mb / 12P
   12 BIT 200KSPS SAMPLING ADC
logo
Linear Technology
LTC1863 LINER-LTC1863_15 Datasheet
466Kb / 18P
   12-/16-Bit, 8-Channel 200ksps ADCs
LTC1401 LINER-LTC1401 Datasheet
352Kb / 20P
   Complete SO-8, 12-Bit, 200ksps ADC with Shutdown
LTC1401 LINER-LTC1401_15 Datasheet
253Kb / 20P
   Complete SO-8, 12-Bit, 200ksps ADC with Shutdown
LTC1863 LINER-LTC1863 Datasheet
315Kb / 16P
   12-/16-Bit, 8-Channel 200ksps ADCs
LTC1867 LINER-LTC1867_15 Datasheet
466Kb / 18P
   12-/16-Bit, 8-Channel 200ksps ADCs
logo
Intersil Corporation
ISL267817IBZ INTERSIL-ISL267817IBZ Datasheet
661Kb / 18P
   12-Bit Differential Input 200kSPS SAR ADC
April 19, 2012
ISL267817 INTERSIL-ISL267817 Datasheet
664Kb / 18P
   12-Bit Differential Input 200kSPS SAR ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com