Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZADCS1042 Datasheet(PDF) 4 Page - Zentrum Mikroelektronik Dresden AG

Part # ZADCS1042
Description  10-Bit, 250ksps, Serial Output ADC Family
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZMD [Zentrum Mikroelektronik Dresden AG]
Direct Link  http://www.zmdi.com
Logo ZMD - Zentrum Mikroelektronik Dresden AG

ZADCS1042 Datasheet(HTML) 4 Page - Zentrum Mikroelektronik Dresden AG

  ZADCS1042 Datasheet HTML 1Page - Zentrum Mikroelektronik Dresden AG ZADCS1042 Datasheet HTML 2Page - Zentrum Mikroelektronik Dresden AG ZADCS1042 Datasheet HTML 3Page - Zentrum Mikroelektronik Dresden AG ZADCS1042 Datasheet HTML 4Page - Zentrum Mikroelektronik Dresden AG ZADCS1042 Datasheet HTML 5Page - Zentrum Mikroelektronik Dresden AG ZADCS1042 Datasheet HTML 6Page - Zentrum Mikroelektronik Dresden AG ZADCS1042 Datasheet HTML 7Page - Zentrum Mikroelektronik Dresden AG ZADCS1042 Datasheet HTML 8Page - Zentrum Mikroelektronik Dresden AG ZADCS1042 Datasheet HTML 9Page - Zentrum Mikroelektronik Dresden AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
Datasheet
ZADCS1082/1042/1022 Family
Copyright © 2008, ZMD AG, Rev. 1.1
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without the prior written consent of the copyright owner. The
Information furnished in this publication is preliminary and subject to changes without notice.
4/20
1.2
Package Pin Assignment ZADCS1082 / ZADCS1082V
Table 2: Pin list
Package
pin number
Name
Direction
Type
Description
1
nCS
IN
CMOS Digital
Active Low Chip Select
2
DIN
IN
CMOS Digital
Serial Data Input
3
DGND
SUPPLY
Digital Ground
4
AGND
SUPPLY
Analog Ground
5
VREF
I/O
Analog
Reference Buffer Output / External Reference Input
6
COM
IN
Analog
Ground reference for analog inputs in single ended mode
7
CH0
IN
Analog
Analog Input Channel 0
8
CH1
IN
Analog
Analog Input Channel 1
9
CH4
IN
Analog
Analog Input Channel 4
10
CH5
IN
Analog
Analog Input Channel 5
11
CH7
IN
Analog
Analog Input Channel 7
12
CH6
IN
Analog
Analog Input Channel 6
13
CH3
IN
Analog
Analog Input Channel 3
14
CH2
IN
Analog
Analog Input Channel 2
15
REFADJ
I/O
Analog
Input to Reference Buffer Amplifier
16
VDD
SUPPLY
Positive Supply
17
nSHDN
IN
CMOS Digital
Active Low Shutdown
18
DOUT
OUT
CMOS Digital
Serial Data Output
19
SSTRB
OUT
CMOS Digital
Serial Strobe Output
20
SCLK
IN
CMOS Digital
Serial Clock Input
nCS
DIN
DGND
AGND
VREF
COM
CH0
CH1
CH4
CH5
SCLK
SSTRB
DOUT
nSHDN
VDD
REFADJ on ZADCS1082V,
No connect on ZADCS1082
CH2
CH3
CH6
CH7
Figure 1: Package Pin Assignment for ZADCS1082 & ZADCS1082V


Similar Part No. - ZADCS1042

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ZADCS1042 ETC2-ZADCS1042 Datasheet
508Kb / 27P
   10-Bit, 250ksps, ADC Family
ZADCS1042IS16T ETC2-ZADCS1042IS16T Datasheet
508Kb / 27P
   10-Bit, 250ksps, ADC Family
ZADCS1042VIS16T ETC2-ZADCS1042VIS16T Datasheet
508Kb / 27P
   10-Bit, 250ksps, ADC Family
More results

Similar Description - ZADCS1042

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ZADCS1082 ETC2-ZADCS1082_11 Datasheet
508Kb / 27P
   10-Bit, 250ksps, ADC Family
logo
Zentrum Mikroelektronik...
ZADCS0882 ZMD-ZADCS0882 Datasheet
514Kb / 20P
   8-Bit, 300ksps, Serial Output ADC Family
ZADCS1282 ZMD-ZADCS1282 Datasheet
578Kb / 21P
   12-Bit, 200ksps, Serial Output ADC Family
logo
Maxim Integrated Produc...
MAX176 MAXIM-MAX176 Datasheet
530Kb / 14P
   Serial-Output, 250Ksps 12-Bit ADC with T/H and Refernce
19-0025; Rev 1; 12/92
logo
Linear Technology
LTC2381-16 LINER-LTC2381-16_15 Datasheet
1Mb / 24P
   16-Bit, 250ksps, Low Power SAR ADC with Serial Interface
LTC2381-16 LINER-LTC2381-16 Datasheet
1Mb / 24P
   16-Bit, 250ksps, Low Power SAR ADC with Serial Interface
LTC1606 LINER-LTC1606 Datasheet
169Kb / 12P
   16-Bit, 250ksps, Single Supply ADC
LTC1606 LINER-LTC1606_15 Datasheet
205Kb / 16P
   16-Bit, 250ksps, Single Supply ADC
LTC1606 LINER-LTC1606_1 Datasheet
200Kb / 16P
   16-Bit, 250ksps, Single Supply ADC
LTC2274 LINER-LTC2274 Datasheet
896Kb / 40P
   16-Bit, 105Msps Serial Output ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com