Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZADCS1282 Datasheet(PDF) 8 Page - Zentrum Mikroelektronik Dresden AG

Part # ZADCS1282
Description  12-Bit, 200ksps, Serial Output ADC Family
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZMD [Zentrum Mikroelektronik Dresden AG]
Direct Link  http://www.zmdi.com
Logo ZMD - Zentrum Mikroelektronik Dresden AG

ZADCS1282 Datasheet(HTML) 8 Page - Zentrum Mikroelektronik Dresden AG

Back Button ZADCS1282 Datasheet HTML 4Page - Zentrum Mikroelektronik Dresden AG ZADCS1282 Datasheet HTML 5Page - Zentrum Mikroelektronik Dresden AG ZADCS1282 Datasheet HTML 6Page - Zentrum Mikroelektronik Dresden AG ZADCS1282 Datasheet HTML 7Page - Zentrum Mikroelektronik Dresden AG ZADCS1282 Datasheet HTML 8Page - Zentrum Mikroelektronik Dresden AG ZADCS1282 Datasheet HTML 9Page - Zentrum Mikroelektronik Dresden AG ZADCS1282 Datasheet HTML 10Page - Zentrum Mikroelektronik Dresden AG ZADCS1282 Datasheet HTML 11Page - Zentrum Mikroelektronik Dresden AG ZADCS1282 Datasheet HTML 12Page - Zentrum Mikroelektronik Dresden AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
Datasheet
ZADCS1282/1242/1222 Family
Copyright © 2008, ZMD AG, Rev. 1.1
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without the prior written consent of the copyright owner. The
Information furnished in this publication is preliminary and subject to changes without notice.
8/21
1.5.2 Specific Parameters of versions with Internal Voltage Reference
(ZADCS12x2V)
(VDD = +2.7V to + 5.25V; fSCLK = 3.2MHz (50% duty cycle); 16 clocks/conversion cycle (200 ksps); qOP = qOPmin … qOPmax)
Parameter
Symbol Conditions
Min
Typ
Max
Unit
Internal Reference at VREF
VREF Output Voltage
TA = + 25°C
2.480
2.500
2.520 V
VREF Short-Circuit Current
30
mA
VREF Temperature Coefficient
± 20
± 30
ppm/°C
Load Regulation
0 to 0.2mA output load
0.35
mV
Capacitive Bypass at VREF
4.7
µF
Capacitive Bypass at REFADJ
0.047
µF
REFADJ Adjustment Range
± 1.5
%
External Reference at VREF (internal buffer disabled by V(REFADJ) = VDD)
VREF Input Voltage Range
1.0
VDD +
50mV
V
VREF Input Current
VREF = 2.5V
180
215
µA
VREF Input Resistance
11.5
14
k
W
Shutdown VREF Input Current
0.1
µA
REFADJ Buffer Disable Threshold
VDD-
0.5
V
External Reference at VREF_ADJ
Reference Buffer Gain
2.00
VREF_ADJ Input Current
±80
µA
Full Power Down
VREFADJ Input Current
Full Power-Down mode
0.1
µA
Power Requirements
Positive Supply Voltage
VDD
2.7
5.25
V
Operating Mode ext. VREF
0.85
1.0
mA
Operating Mode int. VREF
1.3
1.4
mA
Fast Power-Down
250
300
Positive Supply Current
ZADCS1282VI
ZADCS1242VI
ZADCS1222VI
IDD
VDD=3.6V
Full Power-Down
0.5
4.0
µA
Operating Mode ext. VREF
1.00
1.3
mA
Operating Mode int. VREF
1.40
1.6
mA
Fast Power-Down
250
300
Positive Supply Current
ZADCS1282VI
ZADCS1242VI
ZADCS1222VI
IDD
VDD=5.2V
Full Power-Down
0.5
4.0
µA
Operating Mode ext. VREF
0.85
1.1
1)
mA
Operating Mode int. VREF
1.3
1.5
1)
mA
Fast Power-Down
250
350
1)
Positive Supply Current
ZADCS1282VQ
ZADCS1242VQ
ZADCS1222VQ
IDD
VDD=3.6V
Full Power-Down
0.5
15
1)
µA
Operating Mode ext. VREF
1.00
1.4
1)
mA
Operating Mode int. VREF
1.40
1.7
1)
mA
Fast Power-Down
250
350
1)
Positive Supply Current
ZADCS1282VQ
ZADCS1242VQ
ZADCS1222VQ
IDD
VDD=5.2V
Full Power-Down
0.5
20
1)
µA
1) relaxed maximum limits are due to wider temperature range of automotive qualified version ZADCS12x2VQ


Similar Part No. - ZADCS1282

ManufacturerPart #DatasheetDescription
logo
Zentrum Mikroelektronik...
ZADCS1022 ZMD-ZADCS1022 Datasheet
516Kb / 20P
   10-Bit, 250ksps, Serial Output ADC Family
logo
List of Unclassifed Man...
ZADCS1022 ETC2-ZADCS1022 Datasheet
508Kb / 27P
   10-Bit, 250ksps, ADC Family
ZADCS1022IS14T ETC2-ZADCS1022IS14T Datasheet
508Kb / 27P
   10-Bit, 250ksps, ADC Family
ZADCS1022VIS14T ETC2-ZADCS1022VIS14T Datasheet
508Kb / 27P
   10-Bit, 250ksps, ADC Family
logo
Zentrum Mikroelektronik...
ZADCS1042 ZMD-ZADCS1042 Datasheet
516Kb / 20P
   10-Bit, 250ksps, Serial Output ADC Family
More results

Similar Description - ZADCS1282

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ZADCS146 ETC2-ZADCS146_11 Datasheet
579Kb / 26P
   12-Bit, 200ksps, ADC Family
logo
Zentrum Mikroelektronik...
ZADCS146 ZMD-ZADCS146 Datasheet
557Kb / 19P
   12-Bit, 200ksps, 8-Channel, Serial Output ADC
logo
Analog Devices
AD1678 AD-AD1678_15 Datasheet
4Mb / 12P
   12 BIT 200KSPS SAMPLING ADC
logo
Zentrum Mikroelektronik...
ZADCS0882 ZMD-ZADCS0882 Datasheet
514Kb / 20P
   8-Bit, 300ksps, Serial Output ADC Family
ZADCS1082 ZMD-ZADCS1082 Datasheet
516Kb / 20P
   10-Bit, 250ksps, Serial Output ADC Family
logo
Intersil Corporation
ISL267817IBZ INTERSIL-ISL267817IBZ Datasheet
661Kb / 18P
   12-Bit Differential Input 200kSPS SAR ADC
April 19, 2012
ISL267817 INTERSIL-ISL267817 Datasheet
664Kb / 18P
   12-Bit Differential Input 200kSPS SAR ADC
logo
Renesas Technology Corp
ISL267817 RENESAS-ISL267817 Datasheet
927Kb / 18P
   12-Bit Differential Input 200kSPS SAR ADC
logo
Linear Technology
LTC1609 LINER-LTC1609 Datasheet
432Kb / 24P
   16-Bit, 200ksps, Serial ADC with Multiple Input Ranges
LTC1609 LINER-LTC1609_15 Datasheet
433Kb / 24P
   16-Bit, 200ksps, Serial ADC with Multiple Input Ranges
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com