Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZADCS1242 Datasheet(PDF) 4 Page - Zentrum Mikroelektronik Dresden AG

Part # ZADCS1242
Description  12-Bit, 200ksps, Serial Output ADC Family
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZMD [Zentrum Mikroelektronik Dresden AG]
Direct Link  http://www.zmdi.com
Logo ZMD - Zentrum Mikroelektronik Dresden AG

ZADCS1242 Datasheet(HTML) 4 Page - Zentrum Mikroelektronik Dresden AG

  ZADCS1242 Datasheet HTML 1Page - Zentrum Mikroelektronik Dresden AG ZADCS1242 Datasheet HTML 2Page - Zentrum Mikroelektronik Dresden AG ZADCS1242 Datasheet HTML 3Page - Zentrum Mikroelektronik Dresden AG ZADCS1242 Datasheet HTML 4Page - Zentrum Mikroelektronik Dresden AG ZADCS1242 Datasheet HTML 5Page - Zentrum Mikroelektronik Dresden AG ZADCS1242 Datasheet HTML 6Page - Zentrum Mikroelektronik Dresden AG ZADCS1242 Datasheet HTML 7Page - Zentrum Mikroelektronik Dresden AG ZADCS1242 Datasheet HTML 8Page - Zentrum Mikroelektronik Dresden AG ZADCS1242 Datasheet HTML 9Page - Zentrum Mikroelektronik Dresden AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
Datasheet
ZADCS1282/1242/1222 Family
Copyright © 2008, ZMD AG, Rev. 1.1
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without the prior written consent of the copyright owner. The
Information furnished in this publication is preliminary and subject to changes without notice.
4/21
1.2
Package Pin Assignment ZADCS1282 / ZADCS1282V
Table 2: Pin list
Package
pin number
Name
Direction
Type
Description
1
nCS
IN
CMOS Digital
Active Low Chip Select
2
DIN
IN
CMOS Digital
Serial Data Input
3
DGND
SUPPLY
Digital Ground
4
AGND
SUPPLY
Analog Ground
5
VREF
I/O
Analog
Reference Buffer Output / External Reference Input
6
COM
IN
Analog
Ground reference for analog inputs in single ended mode
7
CH0
IN
Analog
Analog Input Channel 0
8
CH1
IN
Analog
Analog Input Channel 1
9
CH4
IN
Analog
Analog Input Channel 4
10
CH5
IN
Analog
Analog Input Channel 5
11
CH7
IN
Analog
Analog Input Channel 7
12
CH6
IN
Analog
Analog Input Channel 6
13
CH3
IN
Analog
Analog Input Channel 3
14
CH2
IN
Analog
Analog Input Channel 2
15
REFADJ
I/O
Analog
Input to Reference Buffer Amplifier
16
VDD
SUPPLY
Positive Supply
17
nSHDN
IN
CMOS Digital
Active Low Shutdown
18
DOUT
OUT
CMOS Digital
Serial Data Output
19
SSTRB
OUT
CMOS Digital
Serial Strobe Output
20
SCLK
IN
CMOS Digital
Serial Clock Input
nCS
DIN
DGND
AGND
VREF
COM
CH0
CH1
CH4
CH5
SCLK
SSTRB
DOUT
nSHDN
VDD
REFADJ on ZADCS1282V,
No connect on ZADCS1282
CH2
CH3
CH6
CH7
Figure 1: Package Pin Assignment for ZADCS1282 & ZADCS1282V


Similar Part No. - ZADCS1242

ManufacturerPart #DatasheetDescription
logo
Zentrum Mikroelektronik...
ZADCS1022 ZMD-ZADCS1022 Datasheet
516Kb / 20P
   10-Bit, 250ksps, Serial Output ADC Family
logo
List of Unclassifed Man...
ZADCS1022 ETC2-ZADCS1022 Datasheet
508Kb / 27P
   10-Bit, 250ksps, ADC Family
ZADCS1022IS14T ETC2-ZADCS1022IS14T Datasheet
508Kb / 27P
   10-Bit, 250ksps, ADC Family
ZADCS1022VIS14T ETC2-ZADCS1022VIS14T Datasheet
508Kb / 27P
   10-Bit, 250ksps, ADC Family
logo
Zentrum Mikroelektronik...
ZADCS1042 ZMD-ZADCS1042 Datasheet
516Kb / 20P
   10-Bit, 250ksps, Serial Output ADC Family
More results

Similar Description - ZADCS1242

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ZADCS146 ETC2-ZADCS146_11 Datasheet
579Kb / 26P
   12-Bit, 200ksps, ADC Family
logo
Zentrum Mikroelektronik...
ZADCS146 ZMD-ZADCS146 Datasheet
557Kb / 19P
   12-Bit, 200ksps, 8-Channel, Serial Output ADC
logo
Analog Devices
AD1678 AD-AD1678_15 Datasheet
4Mb / 12P
   12 BIT 200KSPS SAMPLING ADC
logo
Zentrum Mikroelektronik...
ZADCS0882 ZMD-ZADCS0882 Datasheet
514Kb / 20P
   8-Bit, 300ksps, Serial Output ADC Family
ZADCS1082 ZMD-ZADCS1082 Datasheet
516Kb / 20P
   10-Bit, 250ksps, Serial Output ADC Family
logo
Intersil Corporation
ISL267817IBZ INTERSIL-ISL267817IBZ Datasheet
661Kb / 18P
   12-Bit Differential Input 200kSPS SAR ADC
April 19, 2012
ISL267817 INTERSIL-ISL267817 Datasheet
664Kb / 18P
   12-Bit Differential Input 200kSPS SAR ADC
logo
Renesas Technology Corp
ISL267817 RENESAS-ISL267817 Datasheet
927Kb / 18P
   12-Bit Differential Input 200kSPS SAR ADC
logo
Linear Technology
LTC1609 LINER-LTC1609 Datasheet
432Kb / 24P
   16-Bit, 200ksps, Serial ADC with Multiple Input Ranges
LTC1609 LINER-LTC1609_15 Datasheet
433Kb / 24P
   16-Bit, 200ksps, Serial ADC with Multiple Input Ranges
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com