Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

394FPL122KC1 Datasheet(PDF) 4 Page - Illinois Capacitor, Inc.

Part # 394FPL122KC1
Description  Boxed Impregnated Polypropylene Film with Aluminum Foil Electrodes
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

394FPL122KC1 Datasheet(HTML) 4 Page - Illinois Capacitor, Inc.

  394FPL122KC1 Datasheet HTML 1Page - Illinois Capacitor, Inc. 394FPL122KC1 Datasheet HTML 2Page - Illinois Capacitor, Inc. 394FPL122KC1 Datasheet HTML 3Page - Illinois Capacitor, Inc. 394FPL122KC1 Datasheet HTML 4Page - Illinois Capacitor, Inc. 394FPL122KC1 Datasheet HTML 5Page - Illinois Capacitor, Inc. 394FPL122KC1 Datasheet HTML 6Page - Illinois Capacitor, Inc. 394FPL122KC1 Datasheet HTML 7Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
3757 W. Touhy Ave., Lincolnwood, IL 60712 • (847) 675-1760 • Fax (847) 673-2850 • www.illcap.com
192
®
FPL
LEAD STYLES
Boxed Impregnated
Polypropylene Film
with Aluminum
Foil Electrodes
Case
L
H
T
P1
P2
Terminal
code
+/-1.0
+/-1.0
+/-1.0
+/-0.5
styles
K2
32
20
11
27.5
DL
K3
32
22
13
27.5
DL
K4
32
24
14
27.5
DL
B1
41.4
29
17
32.5,39
DL,FT,2P
B1
41.5
29
17
25.5
8.5
TL,RL,STL,SL
B1
41.5
29
17
25.5
11.5
MTL
B2
48
38
24
27
11.5
TL,RL,STL,SL
B2
48
38
24
39
FT
B2
48
38
24
27
13
MTL
B3
45
45
30
39
FT,2P
B3
45
45
30
27
11.5
ST,TL,RL,STL
B3
45
45
30
27
13
MTL
B4
54
50
30
27
11.5
TL,RL,STL,SL
B4
54
50
30
48
3P
B4
54
50
30
55
28
CL
B4
54
50
30
27
13
MTL
B5
45
30
28
27
11.5
TL,RL,STL,SL
B5
45
30
28
27
13.5
MTL
B5
45
30
28
39
FT,2P
C1
38
38
18
CR,CT,AB
C2
54
50
43
27
11.5
TL,RL,STL,SL
C2
54
50
43
27
13.5
MTL
C2
54
50
43
55
28
CL
C2
54
50
43
48
4P, CT


Similar Part No. - 394FPL122KC1

ManufacturerPart #DatasheetDescription
logo
3M Electronics
394 3M-394 Datasheet
130Kb / 5P
   3M??Vent Tape 394
logo
Allegro MicroSystems
3940 ALLEGRO-3940_03 Datasheet
598Kb / 12P
   FULL-BRIDGE POWER MOSFET CONTROLLER
logo
Alpha Wire
394133 ALPHAWIRE-394133 Datasheet
97Kb / 4P
   Customer Specification
2/17/2023
logo
Molex Electronics Ltd.
39421-0002 MOLEX-39421-0002 Datasheet
307Kb / 2P
   12.00mm (.472?? Pitch EuroMax??High-Power Pluggable Terminal Blocks
39421-0002 MOLEX5-39421-0002 Datasheet
130Kb / 2P
   12.00mm (.472") Pitch Beau??EuroMax??Horizontal Plug, 2 Circuits
More results

Similar Description - 394FPL122KC1

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
102FPB102K ILLINOISCAPACITOR-102FPB102K Datasheet
369Kb / 2P
   Impregnated Polypropylene Film with Aluminum Foil Electrodes
103FPA202K ILLINOISCAPACITOR-103FPA202K Datasheet
372Kb / 2P
   Axial Leaded Impregnated Polypropylene Film with Aluminum Foil Electrodes
153FPF302K ILLINOISCAPACITOR-153FPF302K Datasheet
367Kb / 2P
   Oval Leaded Polypropylene Film with Aluminum Foil Electrodes
102PWS202KD ILLINOISCAPACITOR-102PWS202KD Datasheet
223Kb / 3P
   Axial leaded polypropylene film with aluminum foil electrodes capacitors for power semiconductors
684MHBS70K2H ILLINOISCAPACITOR-684MHBS70K2H Datasheet
1Mb / 11P
   Boxed Metallized Polypropylene Film
473THB305KE ILLINOISCAPACITOR-473THB305KE Datasheet
231Kb / 3P
   Boxed Metallized Polypropylene film capacitors
222PWS202KD ILLINOISCAPACITOR-222PWS202KD Datasheet
138Kb / 1P
   AXIAL LEAD METALLIZED FILM WITH FOIL ELECTRODES
logo
Kemet Corporation
R76ID1680XX3XX KEMET-R76ID1680XX3XX Datasheet
990Kb / 12P
   POLYPROPYLENE CAPACITOR WITH DOUBLE SIDED METALLIZED FILM ELECTRODES
C274AC35120AA0J KEMET-C274AC35120AA0J Datasheet
56Kb / 1P
   Capacitor, film, Film-Foil Polypropylene
logo
List of Unclassifed Man...
PFR ETC1-PFR Datasheet
27Kb / 4P
   Polypropylene film/foil capacitor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com