Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

476LCA6R3M Datasheet(PDF) 1 Page - Illinois Capacitor, Inc.

Part # 476LCA6R3M
Description   85째C Low Leakage Current Aluminum Electrolytic Capacitors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

476LCA6R3M Datasheet(HTML) 1 Page - Illinois Capacitor, Inc.

  476LCA6R3M Datasheet HTML 1Page - Illinois Capacitor, Inc. 476LCA6R3M Datasheet HTML 2Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
3757 W. Touhy Ave., Lincolnwood, IL 60712 • (847) 675-1760 • Fax (847) 673-2850 • www.illcap.com
®
Shelf Life
-25°C/20°C
-40°C/20°C
Impedance Ratio at Low
Temperature (120Hz)
Capacitance change
Dissipation factor
Leakage current
I Wide Capacitance Range (.1 to 100 µF)
I Standard Case Sizes
I Operating Voltage Range: 6.3 WVDC to 50 WVDC
FEATURES
LCA
+ 85°C Low Leakage
Current Aluminum
Electrolytic Capacitors
Operating Temperature Range
2,000 hours at 85°C with rated voltage
≤ 25% of initial measured values
≤ 200% initial specified value
≤100% Initial specified value
≤ 20% of initial measured values
≤ Initial specified value
≤ Initial specified value
SPECIFICATIONS
Capacitance Tolerance
±20% at 120Hz, 20°C
Leakage current
1000 hours at 85°C with no applied voltage.
Dissipation Factor
120Hz, 20°C (Max) tan
δ
2 minutes
85
220
6v
-40°C to +85°C
Time
.002 CV or .5µA, whichever is greater
Load Life
Resistance to
Soldering Heat
Capacitors placed on a 250°C hot plate for 30 seconds with their electrode terminals facing
downward will fulfill the following conditions after being cooled to room temperature.
tan
δ
Ripple Current
Multipliers
50
.8
120
1.0
400
1.0
1K
1.1
10K
1.3
100K
1.5
85°C
1.0
70°C
1.35
65°C
1.35
Frequency (Hz)
Temperature (°C)
WVDC
6.3
10
16
25
35
50
.24
.20
.16
.14
.12
.1
43
2
2
2
2
86
4
4
3
3
Capacitance change
Dissipation factor
Leakage current


Similar Part No. - 476LCA6R3M

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
476LBA450M2BC ILLINOISCAPACITOR-476LBA450M2BC Datasheet
198Kb / 5P
   85째C Snap-Mount Aluminum Electrolytic Capacitors
476LBA450M2BC ILLINOISCAPACITOR-476LBA450M2BC Datasheet
467Kb / 4P
   85C Snap-Mount Aluminum Electrolytic Capacitors
476LBA450M2BC ILLINOISCAPACITOR-476LBA450M2BC Datasheet
394Kb / 6P
   Multiple case sizes - High voltage ??High Current
476LBA450M2BC ILLINOISCAPACITOR-476LBA450M2BC Datasheet
551Kb / 6P
   Multiple Case Sizes - High Voltage ??High Current
476LBA450M2BC ILLINOISCAPACITOR-476LBA450M2BC_13 Datasheet
467Kb / 4P
   85C Snap-Mount Aluminum Electrolytic Capacitors
More results

Similar Description - 476LCA6R3M

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
104RLS050M ILLINOISCAPACITOR-104RLS050M Datasheet
114Kb / 3P
   85째C Low Leakage Radial Lead Aluminum Electrolytic Capacitors
104TLS050M ILLINOISCAPACITOR-104TLS050M Datasheet
89Kb / 3P
   85째C Low Leakage Axial Lead Aluminum Electrolytic Capacitors
logo
Vishay Siliconix
013RLC VISHAY-013RLC_V01 Datasheet
90Kb / 7P
   Aluminum Electrolytic Capacitors Radial Low Leakage Current
01-Jan-2023
013RLC VISHAY-013RLC_16 Datasheet
108Kb / 7P
   Aluminum Electrolytic Capacitors Radial Low Leakage Current
Revision: 15-Jul-16
logo
Illinois Capacitor, Inc...
104PLM050M ILLINOISCAPACITOR-104PLM050M Datasheet
414Kb / 2P
   85째C 7mm Height Low-Leakage Radial Lead Aluminum Electrolytic Capacitors
logo
Vishay Siliconix
013RLC VISHAY-013RLC Datasheet
99Kb / 7P
   Aluminum Capacitors Radial Low Leakage Current
Revision: 20-Jun-08
logo
Illinois Capacitor, Inc...
104RLS050M ILLINOISCAPACITOR-104RLS050M_13 Datasheet
231Kb / 2P
   85C Low Leakage Height Aluminum Electrolytic Capacitors
105SAK050M ILLINOISCAPACITOR-105SAK050M Datasheet
115Kb / 3P
   85째C Low Profile Radial Lead Aluminum Electrolytic Capacitors
logo
RFE international
SA0R1M1HSA040070 RFE-SA0R1M1HSA040070 Datasheet
84Kb / 1P
   ALUMINUM ELECTROLYTIC CAPACITORS SA Series: Radial, Miniature, Low Leakage Current, 105C
logo
Illinois Capacitor, Inc...
271LKP450M ILLINOISCAPACITOR-271LKP450M Datasheet
412Kb / 6P
   85째C Screw Terminal Aluminum Electrolytic Capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com