Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

107CKE016M Datasheet(PDF) 2 Page - Illinois Capacitor, Inc.

Part # 107CKE016M
Description  105째C General Purpose Aluminum Electrolytic Capacitors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

107CKE016M Datasheet(HTML) 2 Page - Illinois Capacitor, Inc.

  107CKE016M Datasheet HTML 1Page - Illinois Capacitor, Inc. 107CKE016M Datasheet HTML 2Page - Illinois Capacitor, Inc. 107CKE016M Datasheet HTML 3Page - Illinois Capacitor, Inc. 107CKE016M Datasheet HTML 4Page - Illinois Capacitor, Inc. 107CKE016M Datasheet HTML 5Page - Illinois Capacitor, Inc. 107CKE016M Datasheet HTML 6Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
3757 W. Touhy Ave., Lincolnwood, IL 60712 • (847) 675-1760 • Fax (847) 673-2850 • www.illcap.com
54
®
CKE/CKH
+ 105°C General
Purpose Aluminum
Electrolytic Capacitors
PHYSICAL DIMENSIONS
35
(44)
25
(32)
16
(20)
10
(13)
6.3
(7.9)
50
(63)
63
(79)
100
(125)
160
(200)
250
(300)
350
(400)
400
(450)
450
(500)
WVDC
(SV)
(µF)
200
(250)
5x11
5x11
5x11
5x11
5x11
5x11
6.3x11
5x11
5x11
5x11
6.3x11
6.3x11
8x11.5
10x12.5
5x11
5x11
5x11
6.3x11
6.3x11
8x11.5
10x12.5
10x20
8x11.5
5x11
5x11
6.3x11
6.3x11
8x11.5
10x12.5
10x13
8x11.5
8x11.5
12.5x20
5x11
6.3x11
6.3x11 10x12.5 10x12.5 10x12.5 10x12.5
6.3x11
8x11.5
10x16
10x20
8x11.5
12.5x20
5x11
5x11
6.3x11
10x16
5x11
5x11
5x11
8x11.5 10x12.5 10x12.5
10x16
10x16
10x21
6.3x11
8x11.5
10x16
10x20
10x20
12.5x20
5x11
6.3x11
8x11.5
10x16
10x20
5x11
5x11
6.3x11 10x12.5
10x16
10x20
12.5x20 12.5x25
13x26
6.3x11
8x11.5
10x16
10x20
12.5x20
16x25
16x31.5
5x11
6.3x11
10x12.5
10x16
10x20
12.5x20 12.5x25
16x25
16x25
8x11.5
10x20
16x31.5 18x35.5
5x11
5x11
6.3x11
6.3x11
10x12.5
10x20
12.5x20 12.5x20
16x25
16x25
16x31.5
8x11.5
10x16
12.5x20
13x21
16x35.5 16x31.5
8x11.5
12.5x25
5x11
6.3x11
8x11.5 10x12.5
10x16
16x25
16x31.5
5x11
5x11
6.3x11
8x11.5 10x12.5
10x16
12.5x25
16x25
16x25
18x35.5 18x35.5
8x11.5
10x20
16x31.5
18x40
6.3x11
8x11.5 10x12.5
10x16
10x20
12.5x20
16x31
16x35.5
5x11
6.3x11
6.3x11
8x11.5
10x12.5
10x16
12.5x20 16x31.5 16x35.5 18x35.5
10x16
10x20
12.5x25 16x35.5
16x25
6.3x11
6.3x11
8x11.5 10x12.5
10x16
10x20
12.5x25 18x35.5
18x40
10x20
12.5x20
16x25
6.3x11
10x12.5 10x12.5
10x16
10x20
12.5x20
16x25
8x11.5
12.5x20 12.5x25 16x31.5
10x12.5
10x16
12.5x20 12.5x25
16x25
8x11.5 10x12.5 10x12.5
10x16
12.5x20 12.5x25
16x25
18x35.5
10x16
10x20
16x25
16x31.5
18x40
10x20
DxL(mm)
Convert to inches, divide by 25.4.
.1
.68
47
.15
.47
1.0
1.5
2.2
3.3
4.7
6.8
10
15
33
100
150
220
330
470
680
1000
.22
.33
22
68


Similar Part No. - 107CKE016M

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
107CKE016M ILLINOISCAPACITOR-107CKE016M Datasheet
541Kb / 4P
   105 General Purpose Radial Lead Aluminum Electrolytic Capacitors
More results

Similar Description - 107CKE016M

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
104SMH050M ILLINOISCAPACITOR-104SMH050M Datasheet
101Kb / 2P
   105째C General Purpose Surface Mount Chip Aluminum Electrolytic Capacitors
logo
NTE Electronics
VHT10M25 NTE-VHT10M25 Datasheet
17Kb / 2P
   105째C ALUMINUM ELECTROLYTIC
logo
Illinois Capacitor, Inc...
102LRP160M ILLINOISCAPACITOR-102LRP160M Datasheet
393Kb / 3P
   105째C Screw Terminal Aluminum Electrolytic Capacitors
104CKR050M ILLINOISCAPACITOR-104CKR050M Datasheet
134Kb / 5P
   85째C General Purpose Aluminum Electrolytic Capacitors
logo
Cornell Dubilier Electr...
AVS CDE-AVS_17 Datasheet
462Kb / 6P
   SMT Aluminum Electrolytic Capacitors - General Purpose
logo
Illinois Capacitor, Inc...
474TMA100M ILLINOISCAPACITOR-474TMA100M Datasheet
104Kb / 4P
   105째C Standard Axial Lead Aluminum Electrolytic Capacitors
104NCN050M ILLINOISCAPACITOR-104NCN050M Datasheet
411Kb / 2P
   105째C Non-polarized Surface Mount Aluminum Electrolytic Capacitors
685KFM400M ILLINOISCAPACITOR-685KFM400M Datasheet
391Kb / 2P
   105째C 10,000 Hour Radial Lead Aluminum Electrolytic Capacitors
474KXM100M ILLINOISCAPACITOR-474KXM100M Datasheet
130Kb / 5P
   105째C Low Impedance Radial Lead Aluminum Electrolytic Capacitors
476LMU450M2BC ILLINOISCAPACITOR-476LMU450M2BC Datasheet
553Kb / 5P
   105째C Long Life Snap-Mount Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com