Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

687LBA160M2DC Datasheet(PDF) 1 Page - Illinois Capacitor, Inc.

Part # 687LBA160M2DC
Description  85째C Snap-Mount Aluminum Electrolytic Capacitors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

687LBA160M2DC Datasheet(HTML) 1 Page - Illinois Capacitor, Inc.

  687LBA160M2DC Datasheet HTML 1Page - Illinois Capacitor, Inc. 687LBA160M2DC Datasheet HTML 2Page - Illinois Capacitor, Inc. 687LBA160M2DC Datasheet HTML 3Page - Illinois Capacitor, Inc. 687LBA160M2DC Datasheet HTML 4Page - Illinois Capacitor, Inc. 687LBA160M2DC Datasheet HTML 5Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
3757 W. Touhy Ave., Lincolnwood, IL 60712 • (847) 675-1760 • Fax (847) 673-2850 • www.illcap.com
113
®
I High Ripple Currents Ratings
I Rugged Design
I Large Case Size Selection
I Capacitance Range: 47µF to 47,000µF
FEATURES
LBA
+85°C Snap-Mount
Aluminum
Electrolytic
Capacitors
SPECIFICATIONS
I Voltage range: 10 WVDC to 500 WVDC
I Solvent Tolerant End Seal Standard
For all general purpose high CV applications
WVDC
tan
δ
Operating Temperature Range
Capacitance Tolerance
-40°C to +85°C
±20% at 120Hz, 20°C
Impedance Ratio
120Hz
-25°C to
+85°C
SPECIAL ORDER OPTIONS
Special tolerances: ±10% (K), -10% + 30% (Q) Epoxy end seal
(See Page 33 to 37)
10
16
25
35
50
63
80
100 160 200 250 350 400 450
500
.5
.4
.3
.25
.2
.15
.15
.15
.1
.1
*.1
.15
.15
.15
.15
WVDC
-25°C/20°C
-40°C/20°C
WVDC
Time
≤500 WVDC
5 minutes
.02CV or 2000µA
whichever is smaller
Load Life
2,000 hours at 85°C with rated voltage and ripple current
Capacitance change
Dissipation factor
Leakage current
Leakage Current
10
16
25
35
50
63
80
100 160 200 250 350 400 450 500
44
3
3
3
3
3
6
4
4
4
8
8
8
8
15
15
10
8
6
6
6
6
12
12
12
-
-
-
-
*.15 for D=35 and 40mm
≤ 20% of initial measured value
≤200% of initial specified value
100%< Initial specified value
500 hours at +85°C with no voltage applied.
Units will meet load life specifications
Shelf life
Ripple Current Multipliers
Frequency (Hz)
6.3-50
63-100
160-250
60
120
300
1K
10K
100K
.92
.81
.77
1.0
1.0
1.0
1.07
1.17
1.16
1.13
1.32
1.31
1.19
1.45
1.41
1.2
1.5
1.43
1.08
Temperature (°C)
WVDC
+85°C
1.0
1.0
1.0
1.0
+70°C
1.15
1.15
1.15
1.15
+60°C
1.3
1.3
1.3
1.3
+45°C
1.48
1.48
1.48
1.48
350-500
.95
1.0
1.03
1.05
1.08
Dissipation Factor
120Hz, 20°C


Similar Part No. - 687LBA160M2DC

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
687LBA160M2DC ILLINOISCAPACITOR-687LBA160M2DC Datasheet
467Kb / 4P
   85C Snap-Mount Aluminum Electrolytic Capacitors
687LBA160M2DC ILLINOISCAPACITOR-687LBA160M2DC Datasheet
399Kb / 6P
   Standard 2000 hrs
687LBA160M2DC ILLINOISCAPACITOR-687LBA160M2DC Datasheet
394Kb / 6P
   Multiple case sizes - High voltage ??High Current
687LBA160M2DC ILLINOISCAPACITOR-687LBA160M2DC Datasheet
551Kb / 6P
   Multiple Case Sizes - High Voltage ??High Current
687LBA160M2DC ILLINOISCAPACITOR-687LBA160M2DC Datasheet
129Kb / 1P
   SNAP-IN / SNAP MOUNT
More results

Similar Description - 687LBA160M2DC

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
826LBB400M2BC ILLINOISCAPACITOR-826LBB400M2BC Datasheet
250Kb / 6P
   85째C Snap-Mount Aluminum Electrolytic Capacitors
826LBB400M2BC ILLINOISCAPACITOR-826LBB400M2BC_13 Datasheet
704Kb / 5P
   85C snap-Mount Aluminum Electrolytic Capacitors
476LBA450M2BC ILLINOISCAPACITOR-476LBA450M2BC_13 Datasheet
467Kb / 4P
   85C Snap-Mount Aluminum Electrolytic Capacitors
271LKP450M ILLINOISCAPACITOR-271LKP450M Datasheet
412Kb / 6P
   85째C Screw Terminal Aluminum Electrolytic Capacitors
104CKR050M ILLINOISCAPACITOR-104CKR050M Datasheet
134Kb / 5P
   85째C General Purpose Aluminum Electrolytic Capacitors
104SML050MD4 ILLINOISCAPACITOR-104SML050MD4 Datasheet
114Kb / 3P
    85째C General Purpose Surface Mount Chip Aluminum Electrolytic Capacitors
104NPS050M ILLINOISCAPACITOR-104NPS050M Datasheet
99Kb / 2P
   85째C Non-Polar Surface Mount Chip Aluminum Electrolytic Capacitors
104LCA050M ILLINOISCAPACITOR-104LCA050M Datasheet
412Kb / 2P
    85째C Low Leakage Current Aluminum Electrolytic Capacitors
474TTA100M ILLINOISCAPACITOR-474TTA100M Datasheet
104Kb / 4P
   85째C Standard Axial Lead Aluminum Electrolytic Capacitors
686LMH450M2BC ILLINOISCAPACITOR-686LMH450M2BC Datasheet
399Kb / 4P
   105C Long Life Snap mount Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com