Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

688FXM010M Datasheet(PDF) 3 Page - Illinois Capacitor, Inc.

Part # 688FXM010M
Description  105째C Low Profile Radial Lead Aluminum Electrolytic Capacitors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

688FXM010M Datasheet(HTML) 3 Page - Illinois Capacitor, Inc.

  688FXM010M Datasheet HTML 1Page - Illinois Capacitor, Inc. 688FXM010M Datasheet HTML 2Page - Illinois Capacitor, Inc. 688FXM010M Datasheet HTML 3Page - Illinois Capacitor, Inc. 688FXM010M Datasheet HTML 4Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3757 W. Touhy Ave., Lincolnwood, IL 60712 • (847) 675-1760 • Fax (847) 673-2850 • www.illcap.com
61
®
FXM
STANDARD PART LISTING
0.1
50
104FXM050M
1989.437
1
5x9
0.1
100
104FXM100M
1326.291
2
5x9
0.22
50
224FXM050M
904.289
2
5x9
0.22
100
224FXM100M
602.860
4
5x9
0.33
50
334FXM050M
602.860
3
5x9
0.33
100
334FXM100M
401.906
7
5x9
0.47
50
474FXM050M
423.284
5
5x9
0.47
100
474FXM100M
282.190
10
5x9
150
105FXM050M
198.944
12
5x9
1
100
105FXM100M
132.629
15
5x9
2.2
50
225FXM050M
90.429
18
5x9
2.2
100
225FXM100M
60.286
21
5x9
3.3
50
335FXM050M
60.286
25
5x9
3.3
100
335FXM100M
40.191
29
5x9
4.7
50
475FXM050M
42.328
30
5x9
4.7
100
475FXM100M
28.219
32
5x9
10
50
106FXM050M
19.894
46
5x9
10
63
106FXM063M
16.579
50
5x9
10
100
106FXM100M
13.263
55
6.3x9
10
400
106FXM400M
41.447
100
16x15
22
50
226FXM050M
9.043
85
5x9
22
63
226FXM063M
7.536
80
6.3x9
22
100
226FXM100M
6.029
95
8x9
22
250
226FXM250M
15.071
200
16x15
22
400
226FXM400M
18.839
200
18x15
33
35
336FXM035M
7.033
75
5x9
33
50
336FXM050M
6.029
85
6.3x9
33
63
336FXM063M
5.024
95
6.3x9
33
100
336FXM100M
4.019
120
10x9
33
200
336FXM200M
10.048
250
16x15
33
250
336FXM250M
10.048
250
18x15
33
400
336FXM400M
12.560
250
18x20
47
25
476FXM025M
5.644
80
5x9
47
35
476FXM035M
4.938
95
6.3x9
47
50
476FXM050M
4.233
100
6.3x9
47
63
476FXM063M
3.527
125
8x9
47
100
476FXM100M
2.822
165
10x12.5
47
160
476FXM160M
7.055
300
16x15
Capacitance
(µF)
PART
NUMBER
WVDC
Maximum
ESR
120Hz,+20°C
Dimensions
DxL
(mm)
Maximum RMS
Ripple Current
(mA)
120Hz,+105°C
Capacitance
(µF)
PART
NUMBER
WVDC
Maximum
ESR
120Hz,+20°C
Maximum RMS
Ripple Current
(mA)
120Hz,+105°C
Dimensions
DxL
(mm)
47
200
476FXM200M
7.055
300
18x15
47
250
476FXM250M
7.055
300
18x20
47
400
476FXM400M
8.818
300
18x25
68
160
686FXM160M
4.876
350
18x15
68
200
686FXM200M
4.876
350
18x20
68
250
686FXM250M
4.876
350
18x20
100
10
107FXM010M
3.979
95
5x9
100
16
107FXM016M
3.316
115
6.3x9
100
25
107FXM025M
2.653
130
6.3x9
100
35
107FXM035M
2.321
155
8x9
100
50
107FXM050M
1.989
170
10x9
100
63
107FXM063M
1.658
220
10x12.5
100
100
107FXM100M
1.326
260
12.5x15
100
160
107FXM160M
3.316
420
18x20
100
200
107FXM200M
3.316
420
18x25
100
250
107FXM250M
3.316
420
18x25
150
160
157FXM160M
2.210
510
18x25
150
200
157FXM200M
2.210
510
18x25
220
6.3
227FXM6R3M
2.110
145
6.3x9
220
10
227FXM010M
1.809
155
6.3x9
220
16
227FXM016M
1.507
205
8x9
220
25
227FXM025M
1.206
220
10x9
220
35
227FXM035M
1.055
235
10x9
220
50
227FXM050M
0.904
290
10x12.5
220
63
227FXM063M
0.754
330
12.5x12.5
220
100
227FXM100M
0.603
440
16x15
330
6.3
337FXM6R3M
1.407
180
6.3x9
330
10
337FXM010M
1.206
210
8x9
330
16
337FXM016M
1.005
240
10x9
330
25
337FXM025M
0.804
270
10x9
330
35
337FXM035M
0.703
340
10x12.5
330
50
337FXM050M
0.603
370
12.5x12.5
330
63
337FXM063M
0.502
430
12.5x15
330
100
337FXM100M
0.402
590
18x20
470
6.3
477FXM6R3M
0.988
235
8x9
470
10
477FXM010M
0.847
275
8x9
470
16
477FXM016M
0.705
290
10x9
470
25
477FXM025M
0.564
370
10x12.5
+105°C Radial Low
Profile Aluminum
Electrolytic Capacitors


Similar Part No. - 688FXM010M

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
688FXM010M ILLINOISCAPACITOR-688FXM010M Datasheet
656Kb / 3P
   105C Low Profile Radial Lead Aluminum Electrolytic Capacitors
688FXM010M ILLINOISCAPACITOR-688FXM010M Datasheet
245Kb / 2P
   Low Profile - High Voltage - General Purpose
688FXM010M ILLINOISCAPACITOR-688FXM010M Datasheet
133Kb / 1P
   Radial Lead Low Profile
More results

Similar Description - 688FXM010M

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
474KXM100M ILLINOISCAPACITOR-474KXM100M Datasheet
130Kb / 5P
   105째C Low Impedance Radial Lead Aluminum Electrolytic Capacitors
104PGM050M ILLINOISCAPACITOR-104PGM050M Datasheet
414Kb / 2P
   105째C 7mm Height Low Profile Radial Lead Aluminum Electrolytic Capacitors
685KFM400M ILLINOISCAPACITOR-685KFM400M Datasheet
391Kb / 2P
   105째C 10,000 Hour Radial Lead Aluminum Electrolytic Capacitors
474RZM050M ILLINOISCAPACITOR-474RZM050M Datasheet
126Kb / 4P
   105째C High Frequency Radial Lead Aluminum Electrolytic Capacitors
226RZS050M ILLINOISCAPACITOR-226RZS050M Datasheet
112Kb / 3P
   105째C High Frequency Radial Lead Aluminum Electrolytic Capacitors
335TXK450M ILLINOISCAPACITOR-335TXK450M Datasheet
115Kb / 3P
   105째C Long Life Radial Lead Aluminum Electrolytic Capacitors
105RSS050M ILLINOISCAPACITOR-105RSS050M_13 Datasheet
514Kb / 2P
   85C Low Profile Radial Lead Aluminum Electrolytic Capacitors
104FXM050M ILLINOISCAPACITOR-104FXM050M_13 Datasheet
656Kb / 3P
   105C Low Profile Radial Lead Aluminum Electrolytic Capacitors
105SAK050M ILLINOISCAPACITOR-105SAK050M_13 Datasheet
272Kb / 2P
   85C Low Profile Radial Lead Aluminum Electrolytic Capacitors
105SAK050M ILLINOISCAPACITOR-105SAK050M Datasheet
115Kb / 3P
   85째C Low Profile Radial Lead Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com