Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74ALS299N Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN74ALS299N
Description  8-BIT UNIVERSAL SHIFT/STORAGE REGISTERS WITH 3-STATE OUTPUTS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74ALS299N Datasheet(HTML) 1 Page - Texas Instruments

  SN74ALS299N Datasheet HTML 1Page - Texas Instruments SN74ALS299N Datasheet HTML 2Page - Texas Instruments SN74ALS299N Datasheet HTML 3Page - Texas Instruments SN74ALS299N Datasheet HTML 4Page - Texas Instruments SN74ALS299N Datasheet HTML 5Page - Texas Instruments SN74ALS299N Datasheet HTML 6Page - Texas Instruments SN74ALS299N Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
SN54ALS299, SN74ALS299
8-BIT UNIVERSAL SHIFT/STORAGE REGISTERS
WITH 3-STATE OUTPUTS
SDAS220B – DECEMBER 1982 – REVISED DECEMBER 1994
Copyright
© 1994, Texas Instruments Incorporated
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
Multiplexed I/O Ports Provide Improved Bit
Density
Four Modes of Operation:
– Hold (Store)
– Shift Right
– Shift Left
– Load Data
Operate With Outputs Enabled or at High
Impedance
3-State Outputs Drive Bus Lines Directly
Can Be Cascaded for n-Bit Word Lengths
Direct Overriding Clear
Applications:
– Stacked or Push-Down Registers
– Buffer Storage
– Accumulator Registers
Package Options Include Plastic
Small-Outline (DW) Packages, Ceramic
Chip Carriers (FK), and Standard Plastic (N)
and Ceramic (J) 300-mil DIPs
description
These 8-bit universal shift /storage registers
feature multiplexed I/O ports to achieve full 8-bit
data handling in a single 20-pin package. Two
function-select (S0, S1) inputs and two output-
enable (OE1, OE2) inputs can be used to choose
the modes of operation listed in the function table.
Synchronous parallel loading is accomplished by taking both S0 and S1 high. This places the 3-state outputs
in the high-impedance state and permits data applied on the I/O ports to be clocked into the register. Reading
out of the register can be accomplished while the outputs are enabled in any mode. Clearing occurs
asynchronously when the clear (CLR) input is low. Taking either OE1 or OE2 high disables the outputs, but has
no effect on clearing, shifting, or storing data.
The SN54ALS299 is characterized for operation over the full military temperature range of – 55
°C to 125°C. The
SN74ALS299 is characterized for operation from 0
°C to 70°C.
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
S0
OE1
OE2
G/QG
E/QE
C/QC
A/QA
QA′
CLR
GND
VCC
S1
SL
QH′
H/QH
F/QF
D/QD
B/QB
CLK
SR
SN54ALS299 ...J PACKAGE
SN74ALS299 . . . DW OR N PACKAGE
(TOP VIEW)
3
2120 19
910 11 12 13
4
5
6
7
8
18
17
16
15
14
SL
QH′
H/QH
F/QF
D/QD
G/QG
E/QE
C/QC
A/QA
QA′
SN54ALS299 . . . FK PACKAGE
(TOP VIEW)
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - SN74ALS299N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALS299N TI1-SN74ALS299N Datasheet
741Kb / 17P
[Old version datasheet]   8-BIT UNIVERSAL SHIFT/STORAGE REGISTERS WITH 3-STATE OUTPUTS
SN74ALS299NSR TI1-SN74ALS299NSR Datasheet
741Kb / 17P
[Old version datasheet]   8-BIT UNIVERSAL SHIFT/STORAGE REGISTERS WITH 3-STATE OUTPUTS
SN74ALS299NSRE4 TI1-SN74ALS299NSRE4 Datasheet
741Kb / 17P
[Old version datasheet]   8-BIT UNIVERSAL SHIFT/STORAGE REGISTERS WITH 3-STATE OUTPUTS
SN74ALS299NSRG4 TI1-SN74ALS299NSRG4 Datasheet
741Kb / 17P
[Old version datasheet]   8-BIT UNIVERSAL SHIFT/STORAGE REGISTERS WITH 3-STATE OUTPUTS
More results

Similar Description - SN74ALS299N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54F299 TI-SN54F299 Datasheet
108Kb / 7P
[Old version datasheet]   8-BIT UNIVERSAL SHIFT/STORAGE REGISTERS WITH 3-STATE OUTPUTS
SN54F299 TI-SN54F299_08 Datasheet
519Kb / 13P
[Old version datasheet]   8-BIT UNIVERSAL SHIFT/STORAGE REGISTERS WITH 3-STATE OUTPUTS
SN54ALS299 TI1-SN54ALS299_16 Datasheet
741Kb / 17P
[Old version datasheet]   8-BIT UNIVERSAL SHIFT/STORAGE REGISTERS WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74LS299 HITACHI-HD74LS299 Datasheet
91Kb / 6P
   8-bit Universal Shift/Storage Registers(with three-state outputs)
logo
Texas Instruments
SN74HC299 TI1-SN74HC299 Datasheet
224Kb / 7P
[Old version datasheet]   8-BIT UNIVERSAL SHIFT/STORAGE REGISTERS WITH DIRECT CLEAR AND 3-STATE OUTPUTS
SN54ALS323 TI-SN54ALS323 Datasheet
119Kb / 7P
[Old version datasheet]   8-BIT UNIVERSAL SHIFT/STORAGE REGISTERS WITH SYNCHRONOUS CLEAR AND 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74HC299 HITACHI-HD74HC299 Datasheet
81Kb / 11P
   8-bit Universal Shift/Storage Register (with 3-state outputs)
HD74HC323 HITACHI-HD74HC323 Datasheet
68Kb / 10P
   8-bit Universal Shift/Storage Register (with 3-state Outputs)
logo
Renesas Technology Corp
HD74HC323 RENESAS-HD74HC323 Datasheet
95Kb / 6P
   8-bit Universal Shift/Storage Register (with 3-state Outputs)
HD74HC299 RENESAS-HD74HC299 Datasheet
214Kb / 9P
   8-bit Universal Shift/Storage Register (with 3-state outputs)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com