Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

561LKP450M Datasheet(PDF) 3 Page - Illinois Capacitor, Inc.

Part # 561LKP450M
Description  85째C Screw Terminal Aluminum Electrolytic Capacitors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

561LKP450M Datasheet(HTML) 3 Page - Illinois Capacitor, Inc.

  561LKP450M Datasheet HTML 1Page - Illinois Capacitor, Inc. 561LKP450M Datasheet HTML 2Page - Illinois Capacitor, Inc. 561LKP450M Datasheet HTML 3Page - Illinois Capacitor, Inc. 561LKP450M Datasheet HTML 4Page - Illinois Capacitor, Inc. 561LKP450M Datasheet HTML 5Page - Illinois Capacitor, Inc. 561LKP450M Datasheet HTML 6Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3757 W. Touhy Ave., Lincolnwood, IL 60712 • (847) 675-1760 • Fax (847) 673-2850 • www.illcap.com
®
PART
NUMBER
WVDC
Maximum RMS
Ripple Current
(A)
120Hz, +85°C
WVDC
Capacitance
(µF)
LKP
STANDARD PART LISTING
Maximum RMS
Ripple Current
(A)
120Hz, +85°C
Capacitance
(µF)
Dimensions
DxL
(mm)
Dimensions
DxL
(mm)
Maximum
ESR
m
120Hz, +20°C
Maximum
ESR
m
120Hz, +20°C
270
450
271LKP450M
1228.047
1.45
35x50
330
400
331LKP400M
1004.766
1.97
35x80
330
450
331LKP450M
1004.766
1.97
35x80
390
350
391LKP350M
850.187
1.74
35x50
390
400
391LKP400M
850.187
2.14
35x80
390
450
391LKP450M
850.187
2.14
35x80
470
250
471LKP250M
529.106
1.66
35x50
470
350
471LKP350M
705.474
2.35
35x80
470
400
471LKP400M
705.474
2.35
35x80
470
450
471LKP450M
705.474
2.35
35x80
560
250
561LKP250M
444.071
1.81
35x50
560
350
561LKP350M
592.094
2.57
35x80
560
400
561LKP400M
592.094
2.57
35x80
560
450
561LKP450M
592.094
2.63
35x100
680
200
681LKP200M
365.705
1.99
35x50
680
250
681LKP250M
365.705
1.99
35x50
680
350
681LKP350M
487.607
2.83
35x80
680
400
681LKP400M
487.607
2.9
35x100
680
450
681LKP450M
487.607
2.9
35x100
820
200
821LKP200M
303.268
2.19
35x50
820
250
821LKP250M
303.268
2.37
35x60
820
350
821LKP350M
404.357
3.18
35x100
820
400
821LKP400M
404.357
3.18
35x100
820
450
821LKP450M
404.357
3.26
51x70
1,000
200
102LKP200M
248.680
2.62
35x60
1,000
250
102LKP250M
248.680
2.87
35x80
1,000
350
102LKP350M
331.573
3.51
35x100
1,000
400
102LKP400M
331.573
3.6
51x70
1,000
450
102LKP450M
331.573
3.6
51x70
1,200
160
122LKP160M
207.233
2.64
35x50
1,200
200
122LKP200M
207.233
2.87
35x60
1,200
250
122LKP250M
207.233
3.15
35x80
1,200
350
122LKP350M
276.311
3.94
51x70
1,200
400
122LKP400M
276.311
3.94
51x70
1,200
450
122LKP450M
276.311
4.39
51x90
1,500
160
152LKP160M
165.786
3.2
35x60
1,500
200
152LKP200M
165.786
3.52
35x80
1,500
250
152LKP250M
165.786
3.49
35x100
1,500
350
152LKP350M
221.049
4.41
51x70
1,500
400
152LKP400M
221.049
4.91
51x90
1,500
450
152LKP450M
221.049
5.17
51x115
1,800
160
182LKP160M
138.155
3.63
35x70
1,800
200
182LKP200M
138.155
3.85
35x80
1,800
250
182LKP250M
138.155
3.83
35x100
1,800
350
182LKP350M
184.207
5.38
51x90
1,800
400
182LKP400M
184.207
5.38
51x90
1,800
450
182LKP450M
184.207
5.64
51x130
2,200
100
222LKP100M
113.036
2.15
35x50
2,200
160
222LKP160M
113.036
4.26
35x80
2,200
200
222LKP200M
113.036
4.23
35x100
2,200
250
222LKP250M
113.036
4.28
51x70
2,200
350
222LKP350M
150.715
5.95
51x90
2,200
400
222LKP400M
150.715
6.23
51x130
2,200
450
222LKP450M
188.394
6.4
64x96
2,700
100
272LKP100M
92.104
2.38
35x50
2,700
160
272LKP160M
92.104
4.68
35x100
2,700
200
272LKP200M
92.104
4.72
35x121
2,700
250
272LKP250M
92.104
4.74
51x70
2,700
350
272LKP350M
122.805
6.91
51x130
2,700
400
272LKP400M
153.506
7.09
64x96
2,700
450
272LKP450M
153.506
7.25
64x115
3,300
100
332LKP100M
75.357
2.64
35x50
3,300
160
332LKP160M
75.357
5.22
35x121
3,300
200
332LKP200M
75.357
5.24
51x70
3,300
250
332LKP250M
75.357
5.38
51x90
3,300
350
332LKP350M
100.477
7.63
51x130
3,300
400
332LKP400M
125.596
8.01
64x115
3,300
450
332LKP450M
125.596
8.22
64x130
3,900
100
392LKP100M
63.764
3.1
35x60
3,900
160
392LKP160M
63.764
5.7
51x70
3,900
200
392LKP200M
63.764
5.7
51x70
3,900
250
392LKP250M
63.764
6.23
51x115
3,900
350
392LKP350M
106.273
8.71
64x115
3,900
400
392LKP400M
106.273
8.94
64x130
3,900
450
392LKP450M
106.273
9.4
77x115
4,700
80
472LKP080M
70.547
2.72
35x50
4,700
100
472LKP100M
52.911
3.87
35x80
4,700
160
472LKP160M
52.911
6.26
51x70
+85°C Screw
Terminal Aluminum
Electrolytic Capacitors
PART
NUMBER


Similar Part No. - 561LKP450M

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
561LP3E HITTITE-561LP3E Datasheet
252Kb / 6P
   SMT GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 8 - 21 GHz OUTPUT
More results

Similar Description - 561LKP450M

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
ALS30A472NJ400 KEMET-ALS30A472NJ400 Datasheet
529Kb / 14P
   Screw Terminal Aluminum Electrolytic Capacitors ALS30/31 Series, 85째C
logo
RUBYCON CORPORATION
LSA RUBYCON-LSA Datasheet
202Kb / 2P
   SCREW TERMINAL ALUMINUM ELECTROLYTIC CAPACITORS
LSH RUBYCON-LSH Datasheet
201Kb / 2P
   SCREW TERMINAL ALUMINUM ELECTROLYTIC CAPACITORS
logo
Kemet Corporation
ALS30A153DA025 KEMET-ALS30A153DA025 Datasheet
4Mb / 14P
   Screw Terminal Aluminum Electrolytic Capacitors
ALS70A303DA025 KEMET-ALS70A303DA025 Datasheet
7Mb / 15P
   Screw Terminal Aluminum Electrolytic Capacitors
ALS80A303DA025 KEMET-ALS80A303DA025 Datasheet
4Mb / 15P
   Screw Terminal Aluminum Electrolytic Capacitors
logo
RUBYCON CORPORATION
LSG RUBYCON-LSG Datasheet
180Kb / 2P
   SCREW TERMINAL ALUMINUM ELECTROLYTIC CAPACITORS
LSC RUBYCON-LSC Datasheet
202Kb / 2P
   SCREW TERMINAL ALUMINUM ELECTROLYTIC CAPACITORS
LSW RUBYCON-LSW_15 Datasheet
195Kb / 2P
   SCREW TERMINAL ALUMINUM ELECTROLYTIC CAPACITORS
LUR RUBYCON-LUR Datasheet
268Kb / 2P
   SCREW TERMINAL ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com