Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

681LKP200M Datasheet(PDF) 6 Page - Illinois Capacitor, Inc.

Part # 681LKP200M
Description  85째C Screw Terminal Aluminum Electrolytic Capacitors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

681LKP200M Datasheet(HTML) 6 Page - Illinois Capacitor, Inc.

  681LKP200M Datasheet HTML 1Page - Illinois Capacitor, Inc. 681LKP200M Datasheet HTML 2Page - Illinois Capacitor, Inc. 681LKP200M Datasheet HTML 3Page - Illinois Capacitor, Inc. 681LKP200M Datasheet HTML 4Page - Illinois Capacitor, Inc. 681LKP200M Datasheet HTML 5Page - Illinois Capacitor, Inc. 681LKP200M Datasheet HTML 6Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
3757 W. Touhy Ave., Lincolnwood, IL 60712 • (847) 675-1760 • Fax (847) 673-2850 • www.illcap.com
®
ØD
35
51
64
77
90
W1
24.0
32.5
38.5
44.8
50.8
W2
30.0
37.5
42.8
49.0
56.0
W3
7.0
4.5
4.5
4.5
4.5
W4
3.5
7.0
7.0
7.0
8.0
W5
10.0
13.0
13.0
13.0
16.0
P
12.7
21.8
28.2
31.4
31.4
6.5
6.5
6.5
6.0
6.0
Bolt
M5
M5
M5
M5
M5
PART
NUMBER
WVDC
Maximum RMS
Ripple Current
(A)
120Hz, +85°C
PART
NUMBER
WVDC
Capacitance
(µF)
LKP
STANDARD PART LISTING
Maximum RMS
Ripple Current
(A)
120Hz, +85°C
Capacitance
(µF)
Dimensions
DxL
(mm)
Dimensions
DxL
(mm)
Maximum
ESR
m
120Hz, +20°C
Maximum
ESR
m
120Hz, +20°C
270,000
6.3
274LKP6R3M
7.982
13.68
64x100
270,000
10
274LKP010M
6.140
15.13
51x121
270,000
16
274LKP016M
4.912
17.37
64x115
270,000
25
274LKP025M
4.912
17.8
77x115
330,000
6.3
334LKP6R3M
6.531
15.12
64x100
330,000
10
334LKP010M
6.531
17.25
64x121
330,000
16
334LKP016M
5.024
18.19
77x121
330,000
25
334LKP025M
4.019
20.38
77x144
390,000
6.3
394LKP6R3M
5.526
16.97
64x121
390,000
10
394LKP010M
5.526
18.75
64x121
390,000
16
394LKP016M
4.251
19.78
77x121
470,000
6.3
474LKP6R3M
4.586
18.63
64x121
470,000
10
474LKP010M
5.291
19.25
77x121
560,000
6.3
564LKP6R3M
4.441
18.8
77x121
560,000
10
564LKP010M
4.441
21.01
77x121
680,000
6.3
684LKP6R3M
3.657
20.71
77x121
+85°C Screw
Terminal Aluminum
Electrolytic Capacitors
120,000
50
124LKP050M
8.289
14.03
64x144
150,000
6.3
154LKP6R3M
11.052
9.51
51x80
150,000
10
154LKP010M
11.052
10.32
51x80
150,000
16
154LKP016M
7.737
12.48
51x121
150,000
25
154LKP025M
7.737
12.68
64x100
150,000
35
154LKP035M
6.631
15.42
64x144
150,000
50
154LKP050M
6.631
15.86
77x144
180,000
6.3
184LKP6R3M
9.210
10.42
51x80
180,000
10
184LKP010M
9.210
11.5
51x90
180,000
16
184LKP016M
6.447
13.67
51x121
180,000
25
184LKP025M
6.447
13.89
64x100
180,000
35
184LKP035M
5.526
16.89
64x144
220,000
6.3
224LKP6R3M
7.536
12.39
51x100
220,000
10
224LKP010M
7.536
13.66
51x121
220,000
16
224LKP016M
6.029
14.75
64x100
220,000
25
224LKP025M
5.275
16.05
64x144
220,000
35
224LKP035M
5.275
17.79
77x144
W3
W5
W4
W2
± 1
W1
± 1
ØD+1(max)
120
°
120
°
120
°
Safety
Vent
Safety
Vent
P
±1
Bolt
Bolt
Screw
Terminal
Case
Sleeve
Plate
MountingClamp
D = 35mm
Sleeve
Plate
Case
Mounting Clamp
L+2(max)
L+2(max)
W3
W5
W4
Screw
Terminal
D = 51, 64, 77, 90


Similar Part No. - 681LKP200M

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
681LP5E HITTITE-681LP5E Datasheet
906Kb / 10P
   0.5 dB LSB GaAs MMIC 6-BIT DIGITAL VARIABLE GAIN AMPLIFIER w/ SERIAL CONTROL, DC - 1 GHz
More results

Similar Description - 681LKP200M

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
ALS30A472NJ400 KEMET-ALS30A472NJ400 Datasheet
529Kb / 14P
   Screw Terminal Aluminum Electrolytic Capacitors ALS30/31 Series, 85째C
logo
RUBYCON CORPORATION
LSA RUBYCON-LSA Datasheet
202Kb / 2P
   SCREW TERMINAL ALUMINUM ELECTROLYTIC CAPACITORS
LSH RUBYCON-LSH Datasheet
201Kb / 2P
   SCREW TERMINAL ALUMINUM ELECTROLYTIC CAPACITORS
logo
Kemet Corporation
ALS30A153DA025 KEMET-ALS30A153DA025 Datasheet
4Mb / 14P
   Screw Terminal Aluminum Electrolytic Capacitors
ALS70A303DA025 KEMET-ALS70A303DA025 Datasheet
7Mb / 15P
   Screw Terminal Aluminum Electrolytic Capacitors
ALS80A303DA025 KEMET-ALS80A303DA025 Datasheet
4Mb / 15P
   Screw Terminal Aluminum Electrolytic Capacitors
logo
RUBYCON CORPORATION
LSG RUBYCON-LSG Datasheet
180Kb / 2P
   SCREW TERMINAL ALUMINUM ELECTROLYTIC CAPACITORS
LSC RUBYCON-LSC Datasheet
202Kb / 2P
   SCREW TERMINAL ALUMINUM ELECTROLYTIC CAPACITORS
LSW RUBYCON-LSW_15 Datasheet
195Kb / 2P
   SCREW TERMINAL ALUMINUM ELECTROLYTIC CAPACITORS
LUR RUBYCON-LUR Datasheet
268Kb / 2P
   SCREW TERMINAL ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com