Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

337KXM063M Datasheet(PDF) 3 Page - Illinois Capacitor, Inc.

Part # 337KXM063M
Description  105째C Low Impedance Radial Lead Aluminum Electrolytic Capacitors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

337KXM063M Datasheet(HTML) 3 Page - Illinois Capacitor, Inc.

  337KXM063M Datasheet HTML 1Page - Illinois Capacitor, Inc. 337KXM063M Datasheet HTML 2Page - Illinois Capacitor, Inc. 337KXM063M Datasheet HTML 3Page - Illinois Capacitor, Inc. 337KXM063M Datasheet HTML 4Page - Illinois Capacitor, Inc. 337KXM063M Datasheet HTML 5Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3757 W. Touhy Ave., Lincolnwood, IL 60712 • (847) 675-1760 • Fax (847) 673-2850 • www.illcap.com
72
®
PART
NUMBER
Maximum
ESR
120Hz,
+20°C
Capacitance
(µF)
WVDC
Dimensions
DxL
(mm)
PART
NUMBER
Maximum
ESR
120Hz,
+20°C
Capacitance
(µF)
WVDC
Dimensions
DxL
(mm)
Impedance
+20°C/-10°C
100kHz
Maximum RMS
Ripple Current
(mA) +105°C
100kHz
Impedance
+20°C/-10°C
100kHz
Maximum RMS
Ripple Current
(mA) +105°C
100kHz
KXM
STANDARD PART LISTING
+105°C Low
Impedance Radial
Aluminum Electrolytic
Capacitors
0.47
100
474KXM100M
282.190
45/121.5
20
5x11
0.68
100
684KXM100M
195.043
25/67.5
24
5x11
1
100
105KXM100M
132.629
17/46
26
5x11
1.5
100
155KXM100M
88.419
10/27
33
5x11
2.2
100
225KXM100M
60.286
6.8/18.36
45
5x11
3.3
100
335KXM100M
40.191
4.15/11.205
55
5x11
4.7
50
475KXM050M
35.274
1.699/5.096
80
5x11
4.7
100
475KXM100M
28.219
3/8.1
70
6.3x11
6.8
100
685KXM100M
19.504
2/5.4
85
6.3x11
10
50
106KXM050M
16.579
1.331/3.992
110
5x11
10
63
106KXM063M
13.263
1.08/2.16
137
5x11
10
100
106KXM100M
13.263
1.25/3.375
106
6.3x11
12
63
126KXM063M
11.052
0.95/1.9
148
5x11
12
100
126KXM100M
11.052
1/2.7
115
6.3x11
15
63
156KXM063M
8.842
0.75/1.5
185
6.3x11
15
100
156KXM100M
8.842
0.82/2.214
132
6.3x15
18
63
186KXM063M
7.368
0.64/1.28
198
6.3x11
18
100
186KXM100M
7.368
0.69/1.863
155
6.3x15
22
50
226KXM050M
7.536
0.34/1.18
238
5x11
22
63
226KXM063M
6.029
0.53/1.06
220
6.3x11
22
100
226KXM100M
6.029
0.57/1.54
230
8x11.5
27
63
276KXM063M
4.912
0.43/0.86
240
6.3x11
27
100
276KXM100M
4.912
0.5/1.4
270
10x12.5
27
100 276KXM100MJP
4.912
0.48/1.3
280
8x15
33
35
336KXM035M
6.029
0.3/1
250
5x11
33
50
336KXM050M
5.024
0.564/1.411
230
6.3x11
33
63
336KXM063M
4.019
0.36/0.72
308
6.3x15
33
100
336KXM100M
4.019
0.44/1.19
295
10x12.5
33
100 336KXM100MJP
4.019
0.4/1.08
300
8x15
39
63
396KXM063M
3.401
0.31/0.62
325
6.3x15
39
100
396KXM100M
3.401
0.38/1.03
340
10x15
39
100 396KXM100MJU
3.401
0.34/0.92
350
8x20
47
25
476KXM025M
4.938
0.3/1
250
5x11
47
50
476KXM050M
3.527
0.453/1.132
270
6.3x11
47
63
476KXM063M
2.822
0.26/0.52
370
8x11.5
47
100
476KXM100M
2.822
0.3/0.81
420
10x20
47
100 476KXM100MNP
2.822
0.33/0.89
400
12.5x15
56
16
566KXM016M
4.737
0.3/1
250
5x11
56
35
566KXM035M
3.553
0.13/0.41
405
6.3x11
56
50
566KXM050M
2.960
0.14/0.5
385
6.3x11
56
63
566KXM063M
2.368
0.24/0.48
445
10x12.5
56
63
566KXM063MJP
2.368
0.22/0.44
460
8x15
56
100
566KXM100M
2.368
0.25/0.675
455
10x20
56
100 566KXM100MNP
2.368
0.29/0.78
430
12.5x15
68
16
686KXM016M
3.901
0.5/1.25
180
5x11
68
35
686KXM035M
2.926
0.397/0.991
280
6.3x11
68
50
686KXM050M
2.438
0.352/0.88
380
8x11.5
68
100 686KXM100MNP
1.950
0.25/0.675
465
12.5x15
82
63
826KXM063M
1.617
0.16/0.32
580
10x15
82
63
826KXM063MJU
1.617
0.17/0.34
600
8x20
82
100
826KXM100M
1.617
0.2/0.54
610
10x31.5
82
100 826KXM100MQP
1.617
0.21/0.567
680
16x15
100
10
107KXM010M
3.150
0.3/1
250
5x11
100
25
107KXM025M
2.321
0.13/0.41
405
6.3x11
100
50
107KXM050M
1.658
0.074/0.22
724
8x11.5
100
63
107KXM063M
1.326
0.13/0.26
748
10x20
100
63
107KXM063MNP
1.326
0.15/0.3
700
12.5x15
100
100
107KXM100M
1.326
0.16/0.432
660
10x31.5
100
100 107KXM100MQP
1.326
0.18/0.486
715
16x15
120
16
127KXM016M
2.210
0.13/0.41
405
6.3x11
120
50
127KXM050M
1.382
0.061/0.18
950
8x15
120
63
127KXM063M
1.105
0.11/0.22
820
10x20
120
63
127KXM063MNP
1.105
0.125/0.15
755
12.5x15
120
100
127KXM100M
1.105
0.135/0.351
770
12.5x25
120
100 127KXM100MQP
1.105
0.15/0.405
795
16x15
150
6.3
157KXM6R3M
2.432
0.3/1
250
5x11
150
35
157KXM035M
1.326
0.072/0.22
760
8x11.5
150
50
157KXM050M
1.105
0.061/0.18
979
10x12.5
150
63
157KXM063M
0.884
0.092/0.184
940
10x25
150
63
157KXM063MNP
0.884
0.095/0.19
847
12.5x15
150
100
157KXM100M
0.884
0.12/0.324
800
12.5x25
150
100 157KXM100MRP
0.884
0.13/0.351
915
18x15
180
50
187KXM050M
0.921
0.046/0.14
1190
8x20
180
63
187KXM063M
0.737
0.077/0.154
1100
10x31.5
180
63
187KXM063MQP
0.737
0.082/0.164
1025
16x15
180
100
187KXM100M
0.737
0.1/0.27
900
12.5x31.5
180
100 187KXM100MQU
0.737
0.11/0.3
995
16x20
220
10
227KXM010M
1.432
0.13/0.41
405
6.3x11
220
25
227KXM025M
1.055
0.072/0.22
760
8x11.5
220
35
227KXM035MLN
0.904
0.128/0.319
630
10x12.5
220
35
227KXM035M
0.904
0.056/0.17
995
8x15
220
50
227KXM050M
0.754
0.042/0.12
1370
10x16
220
63
227KXM063M
0.603
0.067/0.134
1145
12.5x20
220
63
227KXM063MQP
0.603
0.072/0.144
1125
16x15
220
100
227KXM100M
0.603
0.088/0.238
1000
12.5x35.5
220
100 227KXM100MQV
0.603
0.094/0.254
1150
16x25
270
35
277KXM035M
0.737
0.041/0.13
1250
8x20
270
50
277KXM050M
0.614
0.03/0.09
1580
10x20


Similar Part No. - 337KXM063M

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
337KXM063M ILLINOISCAPACITOR-337KXM063M Datasheet
477Kb / 3P
   105 C Low lmpedance Radial Lead Aluminum Electrolytic Capacitors
337KXM063M ILLINOISCAPACITOR-337KXM063M Datasheet
240Kb / 3P
   Standardized case sizes - High ripple current ??Multiplecase sizes
337KXM063M ILLINOISCAPACITOR-337KXM063M Datasheet
398Kb / 3P
   Standardized Case Sizes - High Ripple Current ??Multiple Case Sizes
337KXM063M ILLINOISCAPACITOR-337KXM063M Datasheet
111Kb / 1P
   Radial Lead High Frequency / Low Impedance
337KXM063MRP ILLINOISCAPACITOR-337KXM063MRP Datasheet
477Kb / 3P
   105 C Low lmpedance Radial Lead Aluminum Electrolytic Capacitors
More results

Similar Description - 337KXM063M

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
104FXM050M ILLINOISCAPACITOR-104FXM050M Datasheet
122Kb / 4P
   105째C Low Profile Radial Lead Aluminum Electrolytic Capacitors
477JZM016M ILLINOISCAPACITOR-477JZM016M_13 Datasheet
184Kb / 2P
   105C Low Impedance Radial Lead Aluminum Electrolytic Capacitors
685KFM400M ILLINOISCAPACITOR-685KFM400M Datasheet
391Kb / 2P
   105째C 10,000 Hour Radial Lead Aluminum Electrolytic Capacitors
474RZM050M ILLINOISCAPACITOR-474RZM050M Datasheet
126Kb / 4P
   105째C High Frequency Radial Lead Aluminum Electrolytic Capacitors
226RZS050M ILLINOISCAPACITOR-226RZS050M Datasheet
112Kb / 3P
   105째C High Frequency Radial Lead Aluminum Electrolytic Capacitors
335TXK450M ILLINOISCAPACITOR-335TXK450M Datasheet
115Kb / 3P
   105째C Long Life Radial Lead Aluminum Electrolytic Capacitors
104PGM050M ILLINOISCAPACITOR-104PGM050M Datasheet
414Kb / 2P
   105째C 7mm Height Low Profile Radial Lead Aluminum Electrolytic Capacitors
logo
Vishay Siliconix
136RVI VISHAY-136RVI Datasheet
77Kb / 17P
   Aluminum electrolytic capacitors Radial, Very Low Impedance
2000 Jan 18
136RVI VISHAY-136RVI_16 Datasheet
157Kb / 11P
   Aluminum Electrolytic Capacitors Radial Very Low Impedance
Revision: 16-Sep-16
136RVI VISHAY-136RVI_V01 Datasheet
148Kb / 11P
   Aluminum Electrolytic Capacitors Radial Very Low Impedance
01-Jan-2023
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com