Electronic Components Datasheet Search |
|
107LMB400M2BD Datasheet(PDF) 1 Page - Illinois Capacitor, Inc. |
|
107LMB400M2BD Datasheet(HTML) 1 Page - Illinois Capacitor, Inc. |
1 / 6 page 3757 W. Touhy Ave., Lincolnwood, IL 60712 • (847) 675-1760 • Fax (847) 673-2850 • www.illcap.com 129 ® WVDC SVDC tan δ Dissipation Factor 120Hz, 20°C Surge Voltage I Long life (12000 hours @ +85°C) I High ripple current ratings I Muliple Case Size FEATURES LMB +105°C 3000 hour Snap-Mount Aluminum Electrolytic Capacitors Operating Temperature Range SPECIFICATIONS Capacitance Tolerance -40°C to +105°C Leakage Current ±20% at 120Hz, 20°C Shelf life Impedance Ratio 120Hz WVDC -25°C/20°C Capacitance I 2, 3 and 4 leads available I Lead free leads I PC board mountable 16 25 35 50 50 63 63 80-100 80-100 160 200 to 450 all all all ≤6800 >6800 ≤6800 >6800 ≤3300 >3300 all all .5 .4 .35 .3 .35 .25 .35 .2 .25 .15 .15 16 25 35 50 63 100 160 200 250 350 400 450 20 32 44 63 79 125 200 250 300 400 450 500 WVDC Time .02CV or 3000µA, whichever is less Load Life 3,000 hours at 105°C with rated WVDC and ripple current ≤ 20% of initial measured value ≤175% of initial specified value ≤100% Initial specified value Capacitance change Dissipation factor Leakage current 5 minutes 16 25 35 50 63 100 160 200 250 350 400 450 66 6 4 3 3 4 4 4 6 6 6 15 15 10 8 6 6 - - - - - - Ripple Current Multipliers Voltage 50 120 400 1k 10k+ 105 .8 1.0 1.1 1.2 1.2 1.25 .8 1.0 1.1 1.3 1.4 1.5 85 70 60 ≤45 1.8 2.0 2.2 2.5 1.8 2.0 2.2 2.5 SPECIAL ORDER OPTIONS • 3 and 4 leaded terminations • Special tolerances: ±10%(K), -10% + 30%(Q) • Epoxy end sealed • Mylar sleeve Frequency (Hz) ≤100V >100V Temperature (°C) 1,000 hours at 105°C with rated WVDC and ripple current ≤ 20% of initial measured value ≤175% of initial specified value ≤The Initial specified value Capacitance change Dissipation factor Leakage current -40°C/20°C (See pages 33 thru 37) |
Similar Part No. - 107LMB400M2BD |
|
Similar Description - 107LMB400M2BD |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |