Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VTU-6395M1A Datasheet(PDF) 1 Page - Communications & Power Industries, Inc.

Part # VTU-6395M1A
Description  400W, ku-Band Helix TWT Series
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CPI [Communications & Power Industries, Inc.]
Direct Link  http://www.cpii.com
Logo CPI - Communications & Power Industries, Inc.

VTU-6395M1A Datasheet(HTML) 1 Page - Communications & Power Industries, Inc.

  VTU-6395M1A Datasheet HTML 1Page - Communications & Power Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
For additional information on CPI MPP products contact:
CPI MPP, Helix TWT Operation - 811 Hansen Way, Palo Alto, CA 94303-0750
Phone: 650-846-3900, Fax: 650-494-8779, Email: marketing@mpp.cpii.com, www.cpii.com/mpp
400 W, CW Helix TWT Series, 13.75 GHz to 14.5 GHz, Periodic-Permanent, Magnet
Focused, Coaxial Input, Waveguide Output, and Conduction Cooled.
Custom configurations are also available. These variations in the performance and
configuration include: mechanical configuration, electrical and RF connections, & dual
stage depressed collector.
PICTURE
Features
400 Watts
PPM Focusing
Coaxial Input
Waveguide Output
Any Mounting Position
Weight: 9 lbs. max (6.3 typical
2.6 kg)
Conduction Cooled
Dual Stage Collector
Operating Parameters
Heater
Voltage
Heater
Current
Heater
Surge
Current
Helix
Voltage
Collector
Voltage
Collector
Voltage
Cathode
Current
Parameters:
Ef
If
If
(surge)
Ew
Eb1
Eb2
Ik
Units:
V
Adc
A
kVdc
kVdc
kVdc
mAdc
Maximum:
6.5
1.8
5.0
9.0
0.52 Ew
0.34 Ew
310
Minimum:
6.1
1.0
- - -
8.2
0.48 Ew
0.30 Ew
- - -
Typical:
6.3
1.3
<5.0
8.8
0.50 Ew
0.32 Ew
280
Helix
Current
Drive
Power
Cathode
Warm-
Up Time
Load
VSWR
Baseplate
Temp.
Collector 1
Current
Collector 2
Current
Parameters:
Iw
Pd
tk
Ib1
Ib2
Units:
mAdc
mW
minutes
°C
mA (dc)
mA (dc)
Maximum:
10
50
- - -
1.5:1
120
175
310
Minimum:
- - -
- - -
3
- - -
- - -
- - -
- - -
Typical:
<5.0
1.0
3
1.2
85
130
145
Model Number
Frequency
Power Output
(GHz)
(Min.)
VTU-6395M1A
13.75 - 14.5
400 W
VTU-6395M7A
13.75 - 14.8
400 W
The values listed above represent specified limits for the product and are subject to change. The data should be used
for basic information only. Formal, controlled specifications may be obtained from CPI for use in equipment design.


Similar Part No. - VTU-6395M1A

ManufacturerPart #DatasheetDescription
logo
Communications & Power ...
VTU-6395M1 CPI-VTU-6395M1 Datasheet
84Kb / 1P
   350 W, Ku-Band Helix TWT Series
More results

Similar Description - VTU-6395M1A

ManufacturerPart #DatasheetDescription
logo
Communications & Power ...
VTU-6125C4 CPI-VTU-6125C4 Datasheet
48Kb / 1P
   Ku-Band Helix TWT
VTU-6392D2A CPI-VTU-6392D2A Datasheet
91Kb / 1P
   Ku-Band Helix TWT Series
VTU-6393B1 CPI-VTU-6393B1 Datasheet
99Kb / 1P
   300W Ku-Band Helix TWT Series
VTU-6395D5 CPI-VTU-6395D5 Datasheet
89Kb / 1P
   200W Ku-Band Helix TWT Series
VTU-6395M2 CPI-VTU-6395M2 Datasheet
89Kb / 1P
   200W Ku-Band Helix TWT Series
VTU-6397T3A CPI-VTU-6397T3A Datasheet
86Kb / 1P
   750W, ku-Band Helix TWT Series
VTU-6393M5 CPI-VTU-6393M5 Datasheet
91Kb / 1P
   300W Ku-Band Helix TWT Series
VTC-6264D4 CPI-VTC-6264D4 Datasheet
97Kb / 1P
   400W, C-Band Helix TWT Series
VTU-6395M5 CPI-VTU-6395M5 Datasheet
88Kb / 1P
   350W Ku-Band Helix TWT Series
VTU-6393C1 CPI-VTU-6393C1 Datasheet
93Kb / 1P
   300W Ku-Band Helix TWT Series
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com