Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

332LRP250M Datasheet(PDF) 1 Page - Illinois Capacitor, Inc.

Part # 332LRP250M
Description  105째C Screw Terminal Aluminum Electrolytic Capacitors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

332LRP250M Datasheet(HTML) 1 Page - Illinois Capacitor, Inc.

  332LRP250M Datasheet HTML 1Page - Illinois Capacitor, Inc. 332LRP250M Datasheet HTML 2Page - Illinois Capacitor, Inc. 332LRP250M Datasheet HTML 3Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
3757 W. Touhy Ave., Lincolnwood, IL 60712 • (847) 675-1760 • Fax (847) 673-2850 • www.illcap.com
®
10
0.8
1.0
16
0.7
0.9
25
0.45
0.6
35
0.4
0.5
50
0.3
0.4
63
0.25
0.35
100
0.2
0.2
160
0.2
0.2
200
0.2
0.2
250
0.2
0.2
WVDC
tan
δ
Dissipation Factor
120Hz, 20°C
I High ripple current
I High reiability
I Capacitance range: 1,000µF to 150,000µF
FEATURES
LRP
+105°C Screw
Terminal Aluminum
Electrolytic Capacitors
Operating Temperature Range
SPECIFICATIONS
Capacitance Tolerance
±20% at 120 Hz, 20°C
Shelf life
1,000 hours at + 105°C with no voltage applied.
Units will meet load life specifications
I Voltage range: 10 WVDC to 250 WVDC
I Extended Life
D=35
D=51
For filtering and extended life applications
60
120
1K
10k
100k
0.9
1.0
1.05
1.1
1.1
0.9
1.0
1.1
1.15
1.15
0.8
1.0
1.2
1.3
1.35
+45
+65
+85
+105
2.4
2.1
1.6
1.0
2.4
2.1
1.6
1.0
2.4
2.1
1.6
1.0
Frequency (Hz)
10 to 35V
50 to 100V
160 to 250V
Temperature (°C)
-40°C to +105°C(10V to 100V),
-25°C to +105°C(160V to 250V)
Leakage Current
WVDC
Time
≤ 250 WVDC
5 minutes
.02CV or 5,000µA
whichever is less
Load Life
2,000 hours at +105°C with rated WVDC
Capacitors will meet the requirements listed below.
Capacitance change
Dissipation factor
Leakage current
≤ 20% of initial measured value
≤200% of initial specified value
≤ 100% of specified value
Ripple Current
Multipliers
WVDC
®


Similar Part No. - 332LRP250M

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
332LKP100M ILLINOISCAPACITOR-332LKP100M Datasheet
412Kb / 6P
   85째C Screw Terminal Aluminum Electrolytic Capacitors
332LKP160M ILLINOISCAPACITOR-332LKP160M Datasheet
412Kb / 6P
   85째C Screw Terminal Aluminum Electrolytic Capacitors
332LKP200M ILLINOISCAPACITOR-332LKP200M Datasheet
412Kb / 6P
   85째C Screw Terminal Aluminum Electrolytic Capacitors
332LKP250M ILLINOISCAPACITOR-332LKP250M Datasheet
412Kb / 6P
   85째C Screw Terminal Aluminum Electrolytic Capacitors
332LKP350M ILLINOISCAPACITOR-332LKP350M Datasheet
412Kb / 6P
   85째C Screw Terminal Aluminum Electrolytic Capacitors
More results

Similar Description - 332LRP250M

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
LSA RUBYCON-LSA Datasheet
202Kb / 2P
   SCREW TERMINAL ALUMINUM ELECTROLYTIC CAPACITORS
LSH RUBYCON-LSH Datasheet
201Kb / 2P
   SCREW TERMINAL ALUMINUM ELECTROLYTIC CAPACITORS
logo
Kemet Corporation
ALS30A153DA025 KEMET-ALS30A153DA025 Datasheet
4Mb / 14P
   Screw Terminal Aluminum Electrolytic Capacitors
ALS70A303DA025 KEMET-ALS70A303DA025 Datasheet
7Mb / 15P
   Screw Terminal Aluminum Electrolytic Capacitors
ALS80A303DA025 KEMET-ALS80A303DA025 Datasheet
4Mb / 15P
   Screw Terminal Aluminum Electrolytic Capacitors
logo
RUBYCON CORPORATION
LSG RUBYCON-LSG Datasheet
180Kb / 2P
   SCREW TERMINAL ALUMINUM ELECTROLYTIC CAPACITORS
LSC RUBYCON-LSC Datasheet
202Kb / 2P
   SCREW TERMINAL ALUMINUM ELECTROLYTIC CAPACITORS
LSW RUBYCON-LSW_15 Datasheet
195Kb / 2P
   SCREW TERMINAL ALUMINUM ELECTROLYTIC CAPACITORS
LUR RUBYCON-LUR Datasheet
268Kb / 2P
   SCREW TERMINAL ALUMINUM ELECTROLYTIC CAPACITORS
63LSQ6800MNB36X50 RUBYCON-63LSQ6800MNB36X50 Datasheet
171Kb / 2P
   SCREW TERMINAL ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com