Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VTU-6397M5 Datasheet(PDF) 1 Page - Communications & Power Industries, Inc.

Part # VTU-6397M5
Description  750W, Ky-Band Helix TWT Series
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CPI [Communications & Power Industries, Inc.]
Direct Link  http://www.cpii.com
Logo CPI - Communications & Power Industries, Inc.

VTU-6397M5 Datasheet(HTML) 1 Page - Communications & Power Industries, Inc.

  VTU-6397M5 Datasheet HTML 1Page - Communications & Power Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
For additional information on CPI MPP products contact:
CPI MPP, Helix TWT Operation - 811 Hansen Way, Palo Alto, CA 94303-0750
Phone: 650-846-3900, Fax: 650-494-8779, Email: marketing@mpp.cpii.com, www.cpii.com/mpp
600 W, CW Helix TWT Series, 13.75 GHz to 14.50 GHz, Periodic-Permanent, Magnet
Focused, Coaxial Input, Waveguide Output, and Forced-Air Cooled.
Custom configurations are also available. These variations in the performance and
configuration include: mechanical configuration, electrical and RF connections, & dual
stage depressed collector.
The values listed above represent specified limits for the product and are subject to change. The data should be used
for basic information only. Formal, controlled specifications may be obtained from CPI for use in equipment design.
Features
600 Watts
13.75 GHz – 14.50 GHz
PPM Focusing
Coaxial Input
Waveguide Output
Any Mounting Position
Weight: 21 lbs. max
Forced-Air Cooled
Operating Parameters
Heater
Voltage
Heater
Surge
Current
Helix
Voltage
Collector
Voltage
Cathode
Current
Helix
Current
Parameters:
Ef
If
Ew
Eb
Ik
Iw
Units:
V
A
kVdc
kVdc
mAdc
mAdc
Maximum:
6.6
5
12.8
7.0
470
18
Minimum:
6.0
- - -
11.4
5.7
- - -
- - -
Typical:
Drive
Power
Cathode
Warm-
Up Time
Load
VSWR
Collector
Thermostat
Temp.
Air
Flow
Parameters:
Pd
tk
Units:
mW
minutes
°C
Ib/hr
Maximum:
30
- - -
2.0:1
150
- - -
Minimum:
- - -
3
- - -
- - -
360
Typical:
Model Number
Frequency
Power Output
(GHz)
(Min.)
VTU-6397C7
13.75 – 14.5
750 W
VTU-6397M5
12.75 – 14.5
700 W
VTU-6397C2
13.75 – 14.5
700 W
VTU-6396M5
12.75 – 14.5
600 W
VTU-6396M7
13.75 – 14.8
600 W
VTU-6396C1
13.75 – 14.5
600 W
VTU-6396M8
13.75 – 14.25
600 W
VTU-6396M6
15.20 – 17.2
500 W


Similar Part No. - VTU-6397M5

ManufacturerPart #DatasheetDescription
logo
Communications & Power ...
VTU-6397M4 CPI-VTU-6397M4 Datasheet
85Kb / 1P
   500 W, Ku-Band Helix TWT Series
More results

Similar Description - VTU-6397M5

ManufacturerPart #DatasheetDescription
logo
Communications & Power ...
VTU-6397T3A CPI-VTU-6397T3A Datasheet
86Kb / 1P
   750W, ku-Band Helix TWT Series
VTC-6361D3A CPI-VTC-6361D3A Datasheet
94Kb / 1P
   750W, C-Band Helix TWT Series
VTU-6397C3A CPI-VTU-6397C3A Datasheet
87Kb / 1P
   750W, Ku-Band Helix TWT Series
VTU-6125C4 CPI-VTU-6125C4 Datasheet
48Kb / 1P
   Ku-Band Helix TWT
VTU-6392D2A CPI-VTU-6392D2A Datasheet
91Kb / 1P
   Ku-Band Helix TWT Series
VTU-6393B1 CPI-VTU-6393B1 Datasheet
99Kb / 1P
   300W Ku-Band Helix TWT Series
VTU-6395D5 CPI-VTU-6395D5 Datasheet
89Kb / 1P
   200W Ku-Band Helix TWT Series
VTX-6389G5 CPI-VTX-6389G5 Datasheet
86Kb / 1P
   2.5kW X-Band Helix TWT Series
VTC-6265E1 CPI-VTC-6265E1 Datasheet
98Kb / 1P
   W C-Band Helix TWT Series
VTU-6395M1A CPI-VTU-6395M1A Datasheet
79Kb / 1P
   400W, ku-Band Helix TWT Series
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com