Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPW2870P5-01 Datasheet(PDF) 1 Page - Communications & Power Industries, Inc.

Part # CPW2870P5-01
Description  GEN 2.5 SERIES DC SPUTTERING POWER SUPPLY
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CPI [Communications & Power Industries, Inc.]
Direct Link  http://www.cpii.com
Logo CPI - Communications & Power Industries, Inc.

CPW2870P5-01 Datasheet(HTML) 1 Page - Communications & Power Industries, Inc.

  CPW2870P5-01 Datasheet HTML 1Page - Communications & Power Industries, Inc. CPW2870P5-01 Datasheet HTML 2Page - Communications & Power Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GEN 2.5 SERIES
CPW2870L5-01, M5-01, P5-01
DC SPUTTERING
6kW, 12kW, 24 kW
POWER SUPPLY
200/208 VAC
DESCRIPTION
In the 1980s, CPI Canada pioneered Resonant Power Conversion Technology (Resmode) for high power processing.
This method offers unique advantages in sputtering systems in the areas of wide load range (without tap changing),
reliability (using an inherently short-circuit proof, rugged power chain), highest efficiency with zero switching losses
and wide control range (from < 1% to full power).
CPI has continued to evolve this technology into many different models. When it comes to Watts/lbs (weight),
Watts/$ (price), and proven field reliability, CPI is unmatched in the industry.
6kW & 12kW – 200/208 VAC (shown)
SPECIFICATIONS
Input power requirements:
180 - 229 VAC
Input/ Output interlocks for safe operation
50/60Hz, 4 wire
3 phase + gnd
Protection:
Over temperature
Efficiency:
> 90%
Over-current, over-voltage, over-power
Input undervoltage
Cooling: Forced air:
T ambient = 45C max. at full power
Input/ Output Power connections are hard wired
through
cable strain reliefs.


Similar Part No. - CPW2870P5-01

ManufacturerPart #DatasheetDescription
logo
Communications & Power ...
CPW2870B10-47 CPI-CPW2870B10-47 Datasheet
91Kb / 2P
   COMPACT SERIES DC SPUTTERING POWER SUPPLY WITH INTEGRATED ACTIVE ARC SUPPRESSIO
CPW2870B15 CPI-CPW2870B15 Datasheet
61Kb / 2P
   DC SPUTTERING POWER SUPPLY WITH ACTIVE ARC SUPPRESSION
More results

Similar Description - CPW2870P5-01

ManufacturerPart #DatasheetDescription
logo
Communications & Power ...
CPW2870B15 CPI-CPW2870B15 Datasheet
61Kb / 2P
   DC SPUTTERING POWER SUPPLY WITH ACTIVE ARC SUPPRESSION
CPW2870B10-47 CPI-CPW2870B10-47 Datasheet
91Kb / 2P
   COMPACT SERIES DC SPUTTERING POWER SUPPLY WITH INTEGRATED ACTIVE ARC SUPPRESSIO
logo
C&D Technologies
TPS_DNX301 CANDD-TPS_DNX301 Datasheet
130Kb / 4P
   DC/DC Power Supply
TPS_DNX350 CANDD-TPS_DNX350 Datasheet
131Kb / 4P
   DC/DC Power Supply
logo
XFMRS Inc.
XFEB321611-102-1A XFMRS-XFEB321611-102-1A Datasheet
74Kb / 2P
   DC POWER SUPPLY
XFEI100505-4N7S XFMRS-XFEI100505-4N7S Datasheet
57Kb / 1P
   DC POWER SUPPLY
XFEB321611-101 XFMRS-XFEB321611-101 Datasheet
26Kb / 1P
   DC POWER SUPPLY
logo
M-System Co.,Ltd.
HDC9 MSYSTEM-HDC9 Datasheet
94Kb / 1P
   DC POWER SUPPLY
logo
Pepperl+Fuchs Inc.
PSU1100-J1-DC-N0 PF-PSU1100-J1-DC-N0 Datasheet
479Kb / 3P
   DC Power Supply
logo
M-System Co.,Ltd.
HDC1 MSYSTEM-HDC1 Datasheet
67Kb / 2P
   DC POWER SUPPLY
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com