Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

108KXM6R3M Datasheet(PDF) 1 Page - Illinois Capacitor, Inc.

Part # 108KXM6R3M
Description  105째C Low Impedance Radial Lead Aluminum Electrolytic Capacitors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

108KXM6R3M Datasheet(HTML) 1 Page - Illinois Capacitor, Inc.

  108KXM6R3M Datasheet HTML 1Page - Illinois Capacitor, Inc. 108KXM6R3M Datasheet HTML 2Page - Illinois Capacitor, Inc. 108KXM6R3M Datasheet HTML 3Page - Illinois Capacitor, Inc. 108KXM6R3M Datasheet HTML 4Page - Illinois Capacitor, Inc. 108KXM6R3M Datasheet HTML 5Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
3757 W. Touhy Ave., Lincolnwood, IL 60712 • (847) 675-1760 • Fax (847) 673-2850 • www.illcap.com
70
®
Temperature (°C)
I High Ripple Current
I High Frequency
I Extended Life
I Voltage Range: 6.3 WVDC to 100 WVDC
I Capacitance Range: .47 µF to 15000 µF
FEATURES
KXM
+105°C Low Impedance
Radial Lead Aluminum
Electrolytic Capacitors
Operating Temperature Range
SPECIFICATIONS
Capacitance Tolerance
SPECIAL ORDER OPTIONS
-55°C to + 105°C
±20% at 120Hz, 20°C
For switching regulators and extended life applications
Dissipation Factor
120Hz, 20°C
tan
δ
WVDC
Special tolerances: ±10% (K), -10% + 30% (Q) Tape and Reel/Ammo-Pack Cut, Formed, Cut and Formed, and Snap In Leads
Leakage Current
Shelf Life
1,000 hours at +105°C with no voltage applied.
Units will meet load life specifications
Load Life
5000 hours at +105°C with rated WVDC and rated ripple current
(4000 hours for D=10, 3000 hours for D=8, 2000 hours for D
≤6.3)
Impedance Ratio
(Max.) @120Hz
-25°C/20°C
-40°C/20°C
WVDC
Time
WVDC
2 minutes
< 100 WVDC
≤ 25% of initial measured value
≤ 200% of initial specified value
≤100% of specified value
Capacitance change
Dissipation factor
Leakage current
Frequency (Hz)
C
≤33
47<C
≤330
470<C
≤1000
C>1000
50
120
1K
10K
.45
.60
.65
.75
.55
.70
.75
.80
.75
.85
.90
.95
.91
.95
.98
1.0
1.0
1.0
1.0
1.0
1.0
1.41
1.65
+105
1.0
+85
1.41
+70
1.65
Capacitance (µF)
1.0
1.0
1.41
1.41
1.65
1.65
Ripple Current Multipliers
6.3
2
10
2
16
2
25
2
35
2
50
2
63
2
100
2
33333333
.01 CV or 3µA
whichever is greater
Note: For above D.F. specifications, add .02 for every 1,000 µF above 1,000 µF
Capacitors will meet the requirements listed below.
100K
(See pages 33 thru 37)
6.3
.22
10
.19
16
.16
25
.14
35
.12
50
.1
63
.08
100
.08


Similar Part No. - 108KXM6R3M

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
108KXM6R3M ILLINOISCAPACITOR-108KXM6R3M Datasheet
246Kb / 3P
   High Voltage Low Impedance Long Life, 5000 hours
108KXM6R3M ILLINOISCAPACITOR-108KXM6R3M Datasheet
240Kb / 3P
   Standardized case sizes - High ripple current ??Multiplecase sizes
108KXM6R3M ILLINOISCAPACITOR-108KXM6R3M Datasheet
398Kb / 3P
   Standardized Case Sizes - High Ripple Current ??Multiple Case Sizes
108KXM6R3M ILLINOISCAPACITOR-108KXM6R3M Datasheet
111Kb / 1P
   Radial Lead High Frequency / Low Impedance
More results

Similar Description - 108KXM6R3M

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
104FXM050M ILLINOISCAPACITOR-104FXM050M Datasheet
122Kb / 4P
   105째C Low Profile Radial Lead Aluminum Electrolytic Capacitors
477JZM016M ILLINOISCAPACITOR-477JZM016M_13 Datasheet
184Kb / 2P
   105C Low Impedance Radial Lead Aluminum Electrolytic Capacitors
685KFM400M ILLINOISCAPACITOR-685KFM400M Datasheet
391Kb / 2P
   105째C 10,000 Hour Radial Lead Aluminum Electrolytic Capacitors
474RZM050M ILLINOISCAPACITOR-474RZM050M Datasheet
126Kb / 4P
   105째C High Frequency Radial Lead Aluminum Electrolytic Capacitors
226RZS050M ILLINOISCAPACITOR-226RZS050M Datasheet
112Kb / 3P
   105째C High Frequency Radial Lead Aluminum Electrolytic Capacitors
335TXK450M ILLINOISCAPACITOR-335TXK450M Datasheet
115Kb / 3P
   105째C Long Life Radial Lead Aluminum Electrolytic Capacitors
104PGM050M ILLINOISCAPACITOR-104PGM050M Datasheet
414Kb / 2P
   105째C 7mm Height Low Profile Radial Lead Aluminum Electrolytic Capacitors
logo
Vishay Siliconix
136RVI VISHAY-136RVI Datasheet
77Kb / 17P
   Aluminum electrolytic capacitors Radial, Very Low Impedance
2000 Jan 18
136RVI VISHAY-136RVI_16 Datasheet
157Kb / 11P
   Aluminum Electrolytic Capacitors Radial Very Low Impedance
Revision: 16-Sep-16
136RVI VISHAY-136RVI_V01 Datasheet
148Kb / 11P
   Aluminum Electrolytic Capacitors Radial Very Low Impedance
01-Jan-2023
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com