Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

228CKE016M Datasheet(PDF) 5 Page - Illinois Capacitor, Inc.

Part # 228CKE016M
Description  105째C General Purpose Aluminum Electrolytic Capacitors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

228CKE016M Datasheet(HTML) 5 Page - Illinois Capacitor, Inc.

  228CKE016M Datasheet HTML 1Page - Illinois Capacitor, Inc. 228CKE016M Datasheet HTML 2Page - Illinois Capacitor, Inc. 228CKE016M Datasheet HTML 3Page - Illinois Capacitor, Inc. 228CKE016M Datasheet HTML 4Page - Illinois Capacitor, Inc. 228CKE016M Datasheet HTML 5Page - Illinois Capacitor, Inc. 228CKE016M Datasheet HTML 6Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
3757 W. Touhy Ave., Lincolnwood, IL 60712 • (847) 675-1760 • Fax (847) 673-2850 • www.illcap.com
57
®
CKE/CKH
+ 105°C General
Purpose Aluminum
Electrolytic Capacitors
STANDARD PART LISTING
Dimensions
DxL
(mm)
PART
NUMBER
Capacitance
(µF)
Maximum RMS
Ripple Current
(mA)
120Hz,+105°C
WVDC
Maximum
ESR
120Hz,+20°C
Dimensions
DxL
(mm)
PART
NUMBER
Capacitance
(µF)
Maximum RMS
Ripple Current
(mA)
120Hz,+105°C
WVDC
Maximum
ESR
120Hz,+20°C
33
100
336CKE100M
4.0191
120
8x11.5
33
160
336CKE160MLQ
7.5357
125
10x16
33
160
336CKE160M
7.5357
120
10x20
33
200
336CKE200MLU
7.5357
140
10x20
33
250
336CKE250M
7.5357
150
12.5x20
33
350
336CKE350MNV
10.0477
170
12.5x25
33
400
336CKE400M
10.0477
160
16x25
33
400
336CKH400M
10.0477
160
16x31.5
33
450
336CKE450MQV
10.0477
33
16x25
33
450
336CKE450M
10.0477
170
18x35.5
47
25
476CKH025M
5.2911
80
5x11
47
35
476CKE035M
4.2328
90
5x11
47
50
476CKE050M
3.5274
110
6.3x11
47
63
476CKE063M
3.5274
110
6.3x11
47
63
476CKH063M
3.5274
135
8x11.5
47
100
476CKE100M
2.8219
160
10x12.5
47
100
476CKH100M
2.8219
180
10x16
47
100
476CKE100MJM
2.8219
140
8x11.5
47
160
476CKE160MLU
5.2911
150
10x20
47
160
476CKE160M
5.2911
160
12.5x20
47
200
476CKE200M
5.2911
170
12.5x20
47
250
476CKE250MNU
5.2911
190
12.5x20
47
250
476CKE250M
5.2911
200
12.5x25
47
250
476CKE250MNU
5.2911
190
13x21
47
350
476CKE350M
7.0547
190
16x25
47
350
476CKH350M
7.0547
190
16x35.5
47
400
476CKE400MQV
7.0547
200
16x25
47
400
476CKE400M
7.0547
210
16x31.5
47
450
476CKE450MQW
7.0547
155
16x31.5
68
16
686CKH016M
4.1447
95
5x11
68
25
686CKH025M
3.6571
105
6.3x11
68
50
686CKH050M
2.4380
165
8x11.5
68
63
686CKH063M
2.4380
190
10x12.5
68
100
686CKH100M
1.9504
255
10x16
68
200
686CKH200M
3.6571
235
16x25
68
250
686CKH250M
3.6571
255
16x31.5
100
16
107CKE016M
2.8184
110
5x11
100
25
107CKE025MEM
2.4868
125
5x11
100
35
107CKE035M
1.9894
150
6.3x11
100
50
107CKH050M
1.6579
180
8x11.5
100
63
107CKH063M
1.6579
210
10x12.5
100
63
107CKE063MJM
1.6579
200
8x11.5
100
100
107CKE100MLQ
1.3263
240
10x16
100
100
107CKE100M
1.3263
290
10x20
100
160
107CKE160M
2.4868
250
12.5x25
100
200
107CKE200M
2.4868
260
16x25
100
250
107CKE250MQV
2.4868
310
16x25
100
250
107CKE250M
2.4868
320
16x31.5
100
350
107CKE350MRY
3.3157
370
18x35.5
100
350
107CKE350M
3.3157
330
18x40
100
400
107CKE400M
3.3157
310
18x35.5
150
10
157CKH010M
2.2105
125
6.3x11
150
25
157CKH025M
1.6579
180
8x11.5
150
35
157CKH035M
1.3263
230
10x12.5
150
50
157CKH050M
1.1052
260
10x16
150
63
157CKH063M
1.1052
315
10x20
150
100
157CKH100M
0.8842
410
12.5x20
150
160
157CKH160M
1.6579
330
16x31.5
150
200
157CKH200M
1.6579
350
16x35.5
220
10
227CKE010M
1.5071
150
5x11
220
16
227CKE016M
1.2811
190
6.3x11
220
25
227CKE025MGM
1.1304
200
6.3x11
220
35
227CKE035M
0.9043
260
8x11.5
220
50
227CKE050M
0.7536
310
10x12.5
220
50
227CKH050M
0.7536
345
10x16
220
63
227CKE063M
0.7536
340
10x16
220
63
227CKH063M
0.7536
400
10x20
220
100
227CKE100MNU
0.6029
390
12.5x20
220
100
227CKE100M
0.6029
510
12.5x25
220
100
227CKH100M
0.6029
570
16x25
220
160
227CKE160MQW
1.1304
410
16x31.5
220
160
227CKE160M
1.1304
420
16x35.5
220
200
227CKE200M
1.1304
500
16x35.5
220
250
227CKE250M
1.1304
485
18x35.5
330
10
337CKE010M
1.0048
210
6.3x11
330
16
337CKE016MGM
0.8541
225
6.3x11
330
25
337CKE025M
0.7536
280
8x11.5
330
35
337CKE035M
0.6029
350
10x12.5
330
50
337CKE050M
0.5024
410
10x16
330
50
337CKH050M
0.5024
460
10x20
330
63
337CKE063M
0.5024
470
10x20
330
63
337CKH063M
0.5024
540
12.5x20
330
100
337CKE100M
0.4019
620
12.5x25
330
100
337CKH100M
0.4019
700
16x25
330
160
337CKE160M
0.7536
550
18x35.5
330
200
337CKE200M
0.7536
675
18x40
470
10
477CKE010M
0.7055
260
6.3x11
470
16
477CKH016M
0.5997
370
10x12.5
470
16
477CKE016M
0.5997
320
8x11.5
470
25
477CKE025M
0.5291
370
10x12.5
PLEASE NOTE: The CKE and CKH Series have been merged. CHECK PART NUMBERS CAREFULLY.


Similar Part No. - 228CKE016M

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
228CKE016M ILLINOISCAPACITOR-228CKE016M Datasheet
541Kb / 4P
   105 General Purpose Radial Lead Aluminum Electrolytic Capacitors
228CKE016M ILLINOISCAPACITOR-228CKE016M Datasheet
304Kb / 3P
   Small size - High voltage - General purpose
228CKE016M ILLINOISCAPACITOR-228CKE016M Datasheet
407Kb / 3P
   Small Size - High Voltage - General Purpose
228CKE016M ILLINOISCAPACITOR-228CKE016M Datasheet
108Kb / 1P
   Radial Lead General Purpose
228CKE016MLU ILLINOISCAPACITOR-228CKE016MLU Datasheet
541Kb / 4P
   105 General Purpose Radial Lead Aluminum Electrolytic Capacitors
More results

Similar Description - 228CKE016M

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
104SMH050M ILLINOISCAPACITOR-104SMH050M Datasheet
101Kb / 2P
   105째C General Purpose Surface Mount Chip Aluminum Electrolytic Capacitors
logo
NTE Electronics
VHT10M25 NTE-VHT10M25 Datasheet
17Kb / 2P
   105째C ALUMINUM ELECTROLYTIC
logo
Illinois Capacitor, Inc...
102LRP160M ILLINOISCAPACITOR-102LRP160M Datasheet
393Kb / 3P
   105째C Screw Terminal Aluminum Electrolytic Capacitors
104CKR050M ILLINOISCAPACITOR-104CKR050M Datasheet
134Kb / 5P
   85째C General Purpose Aluminum Electrolytic Capacitors
logo
Cornell Dubilier Electr...
AVS CDE-AVS_17 Datasheet
462Kb / 6P
   SMT Aluminum Electrolytic Capacitors - General Purpose
logo
Illinois Capacitor, Inc...
474TMA100M ILLINOISCAPACITOR-474TMA100M Datasheet
104Kb / 4P
   105째C Standard Axial Lead Aluminum Electrolytic Capacitors
104NCN050M ILLINOISCAPACITOR-104NCN050M Datasheet
411Kb / 2P
   105째C Non-polarized Surface Mount Aluminum Electrolytic Capacitors
685KFM400M ILLINOISCAPACITOR-685KFM400M Datasheet
391Kb / 2P
   105째C 10,000 Hour Radial Lead Aluminum Electrolytic Capacitors
474KXM100M ILLINOISCAPACITOR-474KXM100M Datasheet
130Kb / 5P
   105째C Low Impedance Radial Lead Aluminum Electrolytic Capacitors
476LMU450M2BC ILLINOISCAPACITOR-476LMU450M2BC Datasheet
553Kb / 5P
   105째C Long Life Snap-Mount Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com