Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

157LMX400M2DC Datasheet(PDF) 3 Page - Illinois Capacitor, Inc.

Part # 157LMX400M2DC
Description  105째C 5000 hour Snap-Mount Aluminum Electrolytic Capacitors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

157LMX400M2DC Datasheet(HTML) 3 Page - Illinois Capacitor, Inc.

  157LMX400M2DC Datasheet HTML 1Page - Illinois Capacitor, Inc. 157LMX400M2DC Datasheet HTML 2Page - Illinois Capacitor, Inc. 157LMX400M2DC Datasheet HTML 3Page - Illinois Capacitor, Inc. 157LMX400M2DC Datasheet HTML 4Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3757 W. Touhy Ave., Lincolnwood, IL 60712 • (847) 675-1760 • Fax (847) 673-2850 • www.illcap.com
137
®
PART
NUMBER
WVDC
Maximum
ESR
120Hz,+20°C
Dimensions
DxL
(mm)
Capacitance
(µF)
LMX
STANDARD PART LISTING
Maximum RMS
Ripple Current
(A)
120Hz,+105°C
47
400 476LMX450M2BC
5.291
0.39
22x25
56
450 566LMX450M2BC
4.441
0.42
22x25
56
450 566LMX450M2BD
4.441
0.46
22x30
68
400 686LMX400M2BC
3.657
0.47
22x25
68
450 686LMX450M2BD
3.657
0.5
22x30
68
450 686LMX450M2BE
3.657
0.54
22x35
68
450 686LMX450M2CC
3.657
0.5
25x25
82
400 826LMX400M2BC
3.033
0.52
22x25
82
400 826LMX400M2BD
3.033
0.56
22x30
82
450 826LMX450M2BD
3.033
0.55
22x30
82
450 826LMX450M2BE
3.033
0.59
22x35
82
450 826LMX450M2CC
3.033
0.55
25x25
82
450 826LMX450M2CD
3.033
0.6
25x30
100
400 107LMX400M2BD
2.487
0.62
22x30
100
400 107LMX400M2BE
2.487
0.66
22x35
100
400 107LMX400M2CC
2.487
0.62
25x25
100
400 107LMX400M2CD
2.487
0.66
25x30
100
450 107LMX450M2BE
2.487
0.65
22x35
100
450 107LMX450M2BF
2.487
0.69
22x40
100
450 107LMX450M2CD
2.487
0.66
25x30
100
450 107LMX450M2CE
2.487
0.7
25x35
100
450 107LMX450M2DC
2.487
0.68
30x25
120
400 127LMX400M2BE
2.072
0.72
22x35
120
400 127LMX400M2BF
2.072
0.76
22x40
120
400 127LMX400M2CD
2.072
0.73
25x30
120
400 127LMX400M2CE
2.072
0.77
25x35
120
400 127LMX400M2DC
2.072
0.75
30x25
120
450 127LMX450M2BF
2.072
0.76
22x40
120
450 127LMX450M2BH
2.072
0.84
22x50
120
450 127LMX450M2CE
2.072
0.77
25x35
120
450
127LMX450M2CF
2.072
0.81
25x40
120
450 127LMX450M2DC
2.072
0.75
30x25
120
450 127LMX450M2DD
2.072
0.8
30x30
120
450 127LMX450M2EC
2.072
0.82
35x25
150
250 157LMX250M2BC
1.658
0.69
22x25
150
400 157LMX400M2BF
1.658
0.85
22x40
150
400 157LMX400M2BG
1.658
0.9
22x45
150
400 157LMX400M2CD
1.658
0.81
25x30
150
400
157LMX400M2CF
1.658
0.92
25x40
150
400 157LMX400M2DC
1.658
0.84
30x25
150
400 157LMX400M2DD
1.658
0.9
30x30
150
450 157LMX450M2BH
1.658
0.94
22x50
150
450
157LMX450M2CF
1.658
0.91
25x40
150
450 157LMX450M2CG
1.658
0.96
25x45
150
450 157LMX450M2DD
1.658
0.9
30x30
150
450 157LMX450M2DE
1.658
0.96
30x35
PART
NUMBER
WVDC
Maximum
ESR
120Hz,+20°C
Dimensions
DxL
(mm)
Capacitance
(µF)
Maximum RMS
Ripple Current
(A)
120Hz,+105°C
150
450 157LMX450M2ED
1.658
0.99
35x30
180
250 187LMX250M2BC
1.382
0.76
22x25
180
250 187LMX250M2BD
1.382
0.82
22x30
180
250 187LMX250M2CC
1.382
0.82
25x25
180
400 187LMX400M2BG
1.382
0.98
22x45
180
400 187LMX400M2BH
1.382
1.03
22x50
180
400 187LMX400M2CE
1.382
0.95
25x35
180
400
187LMX400M2CF
1.382
1.06
25x40
180
400 187LMX400M2DD
1.382
0.99
30x30
180
400 187LMX400M2DE
1.382
1.06
30x35
180
400 187LMX400M2EC
1.382
1.01
35x25
180
450 187LMX450M2CG
1.382
1.05
25x45
180
450 187LMX450M2DE
1.382
1.05
30x35
180
450 187LMX450M2DF
1.382
1.11
30x40
180
450 187LMX450M2ED
1.382
1.08
35x30
220
200 227LMX200M2BC
1.130
0.85
22x25
220
250 227LMX250M2BD
1.130
0.91
22x30
220
250 227LMX250M2BE
1.130
0.97
22x35
220
250 227LMX250M2CD
1.130
0.98
25x30
220
400 227LMX400M2BH
1.130
1.14
22x50
220
400
227LMX400M2CF
1.130
1.11
25x40
220
400 227LMX400M2CH
1.130
1.22
25x50
220
400 227LMX400M2DD
1.130
1.09
30x30
220
400 227LMX400M2DE
1.130
1.16
30x35
220
400 227LMX400M2ED
1.130
1.2
35x30
220
450 227LMX450M2DF
1.130
1.22
30x40
220
450 227LMX450M2DG
1.130
1.29
30x45
220
450 227LMX450M2ED
1.130
1.19
35x30
220
450
227LMX450M2EE
1.130
1.27
35x35
270
200 277LMX200M2BD
0.921
1.02
22x30
270
200 277LMX200M2CC
0.921
1.02
25x25
270
250 277LMX250M2BD
0.921
1.01
22x30
270
250 277LMX250M2BE
0.921
1.07
22x35
270
250 277LMX250M2CC
0.921
1.01
25x25
270
250 277LMX250M2CD
0.921
1.08
25x30
270
400 277LMX400M2CG
0.921
1.29
25x45
270
400 277LMX400M2DE
0.921
1.29
30x35
270
400 277LMX400M2DG
0.921
1.43
30x45
270
400 277LMX400M2ED
0.921
1.33
35x30
270
400
277LMX400M2EE
0.921
1.41
35x35
270
450 277LMX450M2DG
0.921
1.43
30x45
270
450 277LMX450M2DH
0.921
1.49
30x50
270
450
277LMX450M2EE
0.921
1.41
35x35
270
450
277LMX450M2EF
0.921
1.48
35x40
330
200 337LMX200M2CC
0.754
1.12
25x25
330
200 337LMX200M2BD
0.754
1.12
22x30
+ 105°C 5000 hour
Snap-Mount Aluminum
Electrolytic Capacitors


Similar Part No. - 157LMX400M2DC

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
157LMX400M2DC ILLINOISCAPACITOR-157LMX400M2DC Datasheet
452Kb / 4P
   105C 5000 hour Snap mount Aluminum Electrolytic Capacitors
157LMX400M2DC ILLINOISCAPACITOR-157LMX400M2DC Datasheet
460Kb / 6P
   Multiple Case Sizes - High Voltage ??High Current
157LMX400M2DC ILLINOISCAPACITOR-157LMX400M2DC Datasheet
132Kb / 1P
   SNAP-IN / SNAP MOUNT
More results

Similar Description - 157LMX400M2DC

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
476LMX450M2BC ILLINOISCAPACITOR-476LMX450M2BC_13 Datasheet
452Kb / 4P
   105C 5000 hour Snap mount Aluminum Electrolytic Capacitors
476LMB450M2BC ILLINOISCAPACITOR-476LMB450M2BC Datasheet
249Kb / 6P
   105째C 3000 hour Snap-Mount Aluminum Electrolytic Capacitors
335TXK450M ILLINOISCAPACITOR-335TXK450M_13 Datasheet
205Kb / 2P
   5000 hour Radial Lead Aluminum Electrolytic Capacitors
476LMU450M2BC ILLINOISCAPACITOR-476LMU450M2BC Datasheet
553Kb / 5P
   105째C Long Life Snap-Mount Aluminum Electrolytic Capacitors
476LMB450M2BC ILLINOISCAPACITOR-476LMB450M2BC_13 Datasheet
568Kb / 5P
   105C 3000 hour Snap mount Aluminum Electrolytic Capacitors
685KFM400M ILLINOISCAPACITOR-685KFM400M Datasheet
391Kb / 2P
   105째C 10,000 Hour Radial Lead Aluminum Electrolytic Capacitors
logo
RFE international
LSM101M2G220300 RFE-LSM101M2G220300 Datasheet
173Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS LSM Series: Snap-in, 105째C
logo
Illinois Capacitor, Inc...
104NCN050M ILLINOISCAPACITOR-104NCN050M Datasheet
411Kb / 2P
   105째C Non-polarized Surface Mount Aluminum Electrolytic Capacitors
logo
RFE international
LSK101M2G220350 RFE-LSK101M2G220350 Datasheet
164Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS LSK Series: Snap-In, 105C, 5000 hrs
logo
Illinois Capacitor, Inc...
826LBB400M2BC ILLINOISCAPACITOR-826LBB400M2BC Datasheet
250Kb / 6P
   85째C Snap-Mount Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com