Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

109LBA016M2CC Datasheet(PDF) 3 Page - Illinois Capacitor, Inc.

Part # 109LBA016M2CC
Description  85째C Snap-Mount Aluminum Electrolytic Capacitors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

109LBA016M2CC Datasheet(HTML) 3 Page - Illinois Capacitor, Inc.

  109LBA016M2CC Datasheet HTML 1Page - Illinois Capacitor, Inc. 109LBA016M2CC Datasheet HTML 2Page - Illinois Capacitor, Inc. 109LBA016M2CC Datasheet HTML 3Page - Illinois Capacitor, Inc. 109LBA016M2CC Datasheet HTML 4Page - Illinois Capacitor, Inc. 109LBA016M2CC Datasheet HTML 5Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3757 W. Touhy Ave., Lincolnwood, IL 60712 • (847) 675-1760 • Fax (847) 673-2850 • www.illcap.com
115
®
PART
NUMBER
WVDC
Maximum
ESR
m
120Hz,+20°C
Capacitance
(µF)
Maximum RMS
Ripple Current
(A)
120Hz,+85°C
47
450
476LBA450M2BC
5291.055
0.46
22x25
68
450
686LBA450M2CC
3657.053
0.6
25x25
100
350
107LBA350M2BD
3315.728
0.65
22x30
100
350
107LBA350M2CC
3315.728
0.63
25x25
100
400
107LBA400M2BD
3315.728
0.68
22x30
100
450
107LBA450M2BE
3315.728
0.77
22x35
100
500
107LBA500M2BF
2486.796
0.85
22x40
100
500
107LBA500M2CD
2486.796
0.81
25x30
100
500
107LBA500M2DC
2486.796
0.84
30x25
150
250
157LBA250M2CA
1105.243
0.85
25x20
150
350
157LBA350M2CD
1657.864
0.97
25x30
150
400
157LBA400M2BF
1657.864
0.94
22x40
150
400
157LBA400M2CD
1657.864
0.89
25x30
150
450
157LBA450M2CF
1657.864
1.08
25x40
150
500
157LBA500M2BH
1657.864
1.15
22x50
150
500
157LBA500M2CF
1657.864
1.12
25x40
150
500
157LBA500M2DE
1657.864
1.18
30x35
150
500
157LBA500M2ED
1657.864
1.22
35x30
220
160
227LBA160M2BA
753.575
1
22x20
220
200
227LBA200M2BC
753.575
1.14
22x25
220
200
227LBA200M2CA
753.575
1.1
25x20
220
250
227LBA250M2BD
753.575
1.2
22x30
220
250
227LBA250M2CC
753.575
1.15
25x25
220
250
227LBA250M2DA
753.575
1.1
30x20
220
350 227LBA350M2DD 1130.362
1.29
30x30
220
400
227LBA400M2BH
1130.362
1.26
22x50
220
400
227LBA400M2CF
1130.362
1.22
25x40
220
450
227LBA450M2DF
1130.362
1.44
30x40
220
500
227LBA500M2CH
1130.362
1.5
25x50
220
500
227LBA500M2DG
1130.362
1.59
30x45
220
500
227LBA500M2EE
1130.362
1.57
35x35
330
160
337LBA160M2BC
502.383
1.2
22x25
330
200
337LBA200M2BD
502.383
1.48
22x30
330
200
337LBA200M2CC
502.383
1.48
25x25
330
250
337LBA250M2BF
502.383
1.72
22x40
330
250
337LBA250M2CD
502.383
1.67
25x30
330
250
337LBA250M2DC
502.383
1.61
30x25
330
350
337LBA350M2DF
753.575
1.72
30x40
WVDC
Maximum
ESR
m
120Hz,+20°C
Capacitance
(µF)
Maximum RMS
Ripple Current
(A)
120Hz,+85°C
Dimensions
DxL
(mm)
Dimensions
DxL
(mm)
PART
NUMBER
LBA
+ 85°C Snap-Mount
Aluminum Electrolytic
Capacitors
STANDARD PART LISTING
330
350
337LBA350M2ED
753.575
1.88
35x30
330
400
337LBA400M2DG
753.575
1.74
30x45
330
450
337LBA450M2EF
753.575
1.92
35x40
330
500
337LBA500M2EG
753.575
2.13
35x45
470
160
477LBA160M2CC
352.737
1.52
25x25
470
200
477LBA200M2BF
352.737
2.02
22x40
470
200
477LBA200M2CD
352.737
1.91
25x30
470
200
477LBA200M2CE
352.737
1.8
25x35
470
200
477LBA200M2DC
352.737
1.97
30x25
470
250
477LBA250M2BH
352.737
2.08
22x50
470
250
477LBA250M2CF
352.737
2.03
25x40
470
250
477LBA250M2DD
352.737
1.97
30x30
470
350
477LBA350M2EF
529.106
2.3
35x40
470
400
477LBA400M2EG
529.106
2.23
35x45
470
400
477LBA400M2FE
529.106
2.16
40x35
470
450
477LBA450M2EH
529.106
2.5
35x50
560
200
567LBA200M2CE
296.047
2.22
25x35
560
250
567LBA250M2DE
296.047
2.3
30x35
680
100
687LBA100M2BC
365.705
1.85
22x25
680
160
687LBA160M2DC
243.804
2.1
30x25
680
200
687LBA200M2CF
243.804
2.43
25x40
680
200
687LBA200M2EC
365.705
2.3
35x25
680
250
687LBA250M2DE
243.804
2.4
30x35
680
250
687LBA250M2DF
243.804
2.55
30x40
680
250
687LBA250M2ED
365.705
2.48
35x30
820
200
827LBA200M2DF
202.179
2.85
30x40
820
250
827LBA250M2DG
202.179
2.9
30x45
820
250
827LBA250M2EE
303.268
2.83
35x35
1000
80
108LBA080M2BC
248.680
1.65
22x25
1000
100
108LBA100M2BE
248.680
2.08
22x35
1000
100
108LBA100M2CC
248.680
2.03
25x25
1000
160
108LBA160M2DD
165.786
2.8
30x30
1000
160
108LBA160M2DE
165.786
2.77
30x35
1000
160
108LBA160M2EC
248.680
2.8
35x25
1000
200
108LBA200M2DG
165.786
3.42
30x45
1000
200
108LBA200M2ED
248.680
3.42
35x30
1000
200
108LBA200M2EE
248.680
3.35
35x35
1000
250
108LBA250M2DG
165.786
3
30x45


Similar Part No. - 109LBA016M2CC

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
109LBA016M2CC ILLINOISCAPACITOR-109LBA016M2CC Datasheet
399Kb / 6P
   Standard 2000 hrs
109LBA016M2CC ILLINOISCAPACITOR-109LBA016M2CC Datasheet
394Kb / 6P
   Multiple case sizes - High voltage ??High Current
109LBA016M2CC ILLINOISCAPACITOR-109LBA016M2CC Datasheet
551Kb / 6P
   Multiple Case Sizes - High Voltage ??High Current
More results

Similar Description - 109LBA016M2CC

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
826LBB400M2BC ILLINOISCAPACITOR-826LBB400M2BC Datasheet
250Kb / 6P
   85째C Snap-Mount Aluminum Electrolytic Capacitors
826LBB400M2BC ILLINOISCAPACITOR-826LBB400M2BC_13 Datasheet
704Kb / 5P
   85C snap-Mount Aluminum Electrolytic Capacitors
476LBA450M2BC ILLINOISCAPACITOR-476LBA450M2BC_13 Datasheet
467Kb / 4P
   85C Snap-Mount Aluminum Electrolytic Capacitors
271LKP450M ILLINOISCAPACITOR-271LKP450M Datasheet
412Kb / 6P
   85째C Screw Terminal Aluminum Electrolytic Capacitors
104CKR050M ILLINOISCAPACITOR-104CKR050M Datasheet
134Kb / 5P
   85째C General Purpose Aluminum Electrolytic Capacitors
104SML050MD4 ILLINOISCAPACITOR-104SML050MD4 Datasheet
114Kb / 3P
    85째C General Purpose Surface Mount Chip Aluminum Electrolytic Capacitors
104NPS050M ILLINOISCAPACITOR-104NPS050M Datasheet
99Kb / 2P
   85째C Non-Polar Surface Mount Chip Aluminum Electrolytic Capacitors
104LCA050M ILLINOISCAPACITOR-104LCA050M Datasheet
412Kb / 2P
    85째C Low Leakage Current Aluminum Electrolytic Capacitors
474TTA100M ILLINOISCAPACITOR-474TTA100M Datasheet
104Kb / 4P
   85째C Standard Axial Lead Aluminum Electrolytic Capacitors
686LMH450M2BC ILLINOISCAPACITOR-686LMH450M2BC Datasheet
399Kb / 4P
   105C Long Life Snap mount Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com