Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VZV-2776K6 Datasheet(PDF) 4 Page - Communications & Power Industries, Inc.

Part # VZV-2776K6
Description  20 Watt TWT Amplifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CPI [Communications & Power Industries, Inc.]
Direct Link  http://www.cpii.com
Logo CPI - Communications & Power Industries, Inc.

VZV-2776K6 Datasheet(HTML) 4 Page - Communications & Power Industries, Inc.

  VZV-2776K6 Datasheet HTML 1Page - Communications & Power Industries, Inc. VZV-2776K6 Datasheet HTML 2Page - Communications & Power Industries, Inc. VZV-2776K6 Datasheet HTML 3Page - Communications & Power Industries, Inc. VZV-2776K6 Datasheet HTML 4Page - Communications & Power Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Parallel Poll Response:
The TMA responds to a parallel poll by placing the Ready Status condition in the bit selected by the
PPE command. The bit is a logic ‘1’ if the RDY light is ON, logic ‘0’ if OFF. The Ready Status is
determined by the Summary Fault condition; i.e. Not Summary Fault = Ready.
Status Request:
Syntax:
D CR LF
Response:
D n n n (Where n represents a status character)*
Character
Bit
Definition
1
ASCII D
2
3
Heater Time Delay
2
High Voltage ON
1
Standby
Ø
Mains Power ON
3
3
Interlock Fault
2
Thermal Fault
1
Helix Fault
Ø
Summary Fault
4
3
Remote
2
Grid Fault
1
Frequency Trip
Ø
Duty Cycle Trip
* A three-character argument is returned in response to the summary status query. Each character contains 4 bits of
information. The bits are represented in ASCII hexidecimal notation (00H-0FH).
Controls and Indicators
Controls
Mains Power ON/OFF
Front Panel Enable
Reset
Standby
Operate
CIIL Enable: Internal switch. Disables service request interrupt
Address Switches: Talk, Listen and Secondary Address switches (MTA, MLA, MSA)
Indicators:
Mains Power ON
Filament ON
Standby
Operate
Summary Fault
Helix Fault
Note:
Characteristics and operating values are based on performance tests. These figures may change without notice as a
result of additional data or product refinement. Please contact CPI before using this information for system design.
IAMP12 03/04
satcom
division
Communications & Power Industries Canada, Inc.
45 River Drive / Georgetown, Ontario / Canada L7G 2J4
TEL: 905-877-0161 / FAX: 905-877-5327
E-MAIL: marketing@cmp.cpii.com / WEB: www.cpii.com/cmp


Similar Part No. - VZV-2776K6

ManufacturerPart #DatasheetDescription
logo
Communications & Power ...
VZV-2776K4 CPI-VZV-2776K4 Datasheet
380Kb / 4P
   20 Watt TWT Amplifier
More results

Similar Description - VZV-2776K6

ManufacturerPart #DatasheetDescription
logo
Communications & Power ...
VZC-6961K4 CPI-VZC-6961K4 Datasheet
380Kb / 4P
   20 Watt TWT Amplifier
VVM347904 CPI-VVM347904 Datasheet
396Kb / 1P
   TWT Amplifier
VZC-6967V7 CPI-VZC-6967V7 Datasheet
151Kb / 2P
   750W Outdoor TWT Amplifier
T04UO CPI-T04UO Datasheet
142Kb / 2P
   400W Outdoor TWT Amplifier
T04XO CPI-T04XO Datasheet
125Kb / 2P
   400W Outdoor TWT Amplifier
T04CO CPI-T04CO Datasheet
142Kb / 2P
   400W Outdoor TWT Amplifier
VZU-6998VY CPI-VZU-6998VY Datasheet
140Kb / 2P
   750W Outdoor TWT Amplifier
T03DO CPI-T03DO Datasheet
146Kb / 2P
   270W Outdoor TWT Amplifier
VZA-6902J1 CPI-VZA-6902J1 Datasheet
144Kb / 2P
   30 Millimeter TWT Amplifier
T02MO CPI-T02MO Datasheet
148Kb / 2P
   200W Outdoor TWT Amplifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com