Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T01KO Datasheet(PDF) 1 Page - Communications & Power Industries, Inc.

Part # T01KO
Description  175 W Outdoor TWT Power Amplifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CPI [Communications & Power Industries, Inc.]
Direct Link  http://www.cpii.com
Logo CPI - Communications & Power Industries, Inc.

T01KO Datasheet(HTML) 1 Page - Communications & Power Industries, Inc.

  T01KO Datasheet HTML 1Page - Communications & Power Industries, Inc. T01KO Datasheet HTML 2Page - Communications & Power Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
175 W Outdoor TWT Power Amplifier
for Satellite Communications
811 Hansen Way
P.O. Box 51625, Palo Alto, CA 94303
tel: +1 (650) 846-3803
fax: +1 (650) 424-1744
e-mail: satcommarketing@cpii.com
www.cpii.com/satcom
Plays in the Rain
Rugged, compact and lightweight amplifier
designed for outdoor use.
Efficient and Cost Effective
Mounting at the antenna improves
performance through minimized cable losses
and saves cost in system design. Employs
a high efficiency helix traveling wave tube,
reducing operating costs.
Simple to Operate
User-friendly microprocessor-controlled logic
with integrated RS422/485 computer interface.
Digital metering is standard.
Easy to Maintain
Modular design and built-in fault diagnostic
capability via remote monitor and control.
The T01KO Series
175 Watt Ka-Band
TWT Power
Amplifiers—
Environmentally
sealed compact
design for outdoor
operation
Global Applications
Meets International Safety Standard
EN-60215, Electromagnetic Compatibility
89/336/EEC and Harmonic Standard
EN-61000-3-2 to satisfy worldwide
requirements.
Worldwide Support
Backed by over three decades of satellite
communications experience, and CPI’s
worldwide 24-hour customer support
network that includes sixteen regional factory
service centers.
Ka-Band


Similar Part No. - T01KO

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
T010 ETC1-T010 Datasheet
130Kb / 1P
   DIL 14 PIN SINGLE OUTPUT
logo
Tripp Lite. All Rights ...
T010-001-K TRIPPLITE-T010-001-K Datasheet
521Kb / 2P
   Multi-Function Cable Tester with Wire Tracker (RJ45, RJ11, BNC, USB)
logo
E-SWITCH
T010000 E-SWITCH-T010000 Datasheet
91Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
T010001 E-SWITCH-T010001 Datasheet
92Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
T010002 E-SWITCH-T010002 Datasheet
102Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
More results

Similar Description - T01KO

ManufacturerPart #DatasheetDescription
logo
Communications & Power ...
T02KO CPI-T02KO Datasheet
158Kb / 2P
   250 W Outdoor TWT Power Amplifier
VZC-6967V7 CPI-VZC-6967V7 Datasheet
151Kb / 2P
   750W Outdoor TWT Amplifier
T04UO CPI-T04UO Datasheet
142Kb / 2P
   400W Outdoor TWT Amplifier
T04XO CPI-T04XO Datasheet
125Kb / 2P
   400W Outdoor TWT Amplifier
VZU-6995VX CPI-VZU-6995VX Datasheet
140Kb / 2P
   500W Outdoor TWT Medium Power Amplifier
T04CO CPI-T04CO Datasheet
142Kb / 2P
   400W Outdoor TWT Amplifier
VZU-6998VY CPI-VZU-6998VY Datasheet
140Kb / 2P
   750W Outdoor TWT Amplifier
T03DO CPI-T03DO Datasheet
146Kb / 2P
   270W Outdoor TWT Amplifier
VZU-6997V CPI-VZU-6997V Datasheet
139Kb / 2P
   750W Outdoor TWT Medium Power Amplifier
VZX-6987V7 CPI-VZX-6987V7 Datasheet
143Kb / 2P
   750W Outdoor TWT Medium Power Amplifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com