Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

206ME-350K Datasheet(PDF) 1 Page - Illinois Capacitor, Inc.

Part # 206ME-350K
Description  Metallized Polyester Motor Run/AC Film Capacitors In Boxes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

206ME-350K Datasheet(HTML) 1 Page - Illinois Capacitor, Inc.

  206ME-350K Datasheet HTML 1Page - Illinois Capacitor, Inc. 206ME-350K Datasheet HTML 2Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
3757 W. Touhy Ave., Lincolnwood, IL 60712 • (847) 675-1760 • Fax (847) 673-2850 • www.illcap.com
®
ME
Metallized Polyester Motor
Run/AC Film Capacitors
In Boxes
±10% at 1kHz, 20°C
±5%, +10%/-5% optional
Capacitance Tolerance
-25°C to +70°C for use with approvals
-25°C to +85°C for use without approvals
Load Life
AC Voltage
VAC
Dissipation Factor (tan
δ)
1.0% Max at 1 kHz and 20°C
Dielectric Strength
Construction
Electrodes
Certification
Metallized Polyester film
Vacuum deposited metal layers
Coating
UL E311560
Terminal to Terminal
250
350
400
450
500
600
Operating Temperature Range
Note VAC must be de-rated by 1.25% per °C exceeding 70°C
Insulation Resistance
@20°C (<70% RH)for 1 minute at
100VDC applied
160% VAC for 60 Seconds and 20°C
applied between terminals
Terminal to Case
3KV at 60Hz for 60 Seconds applied between
terminals and case
125% of rated VAC at 70°C
600 hours for class A (3000 hours of continuous service life)
1000M
ΩxµF
Solvent resistant plastic case (UL 94V-0) with epoxy end fill ( UL 94V-0)
Additional mounting tabs styles and lead terminations available.
Contact Illinois Capacitor, Inc. for details.
2
3
4
5
1
I Small Size
I Safety Agency Approved
I Multiple Box Styles
I Self Healing
I Multiple Lead Styles
FEATURES
I Motor Run
I General Purpose AC
I Motor Speed Controls
I Switching Capacitor for Industrial Controls
APPLICATIONS
SPECIFICATIONS


Similar Part No. - 206ME-350K

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
206MER250K ILLINOISCAPACITOR-206MER250K Datasheet
370Kb / 3P
   Metallized Polyester MOTOR RUN/AC Film Capacitors in Round Tubes
206MER350K ILLINOISCAPACITOR-206MER350K Datasheet
370Kb / 3P
   Metallized Polyester MOTOR RUN/AC Film Capacitors in Round Tubes
206MER450K ILLINOISCAPACITOR-206MER450K Datasheet
370Kb / 3P
   Metallized Polyester MOTOR RUN/AC Film Capacitors in Round Tubes
206MER500K ILLINOISCAPACITOR-206MER500K Datasheet
370Kb / 3P
   Metallized Polyester MOTOR RUN/AC Film Capacitors in Round Tubes
206MER600K ILLINOISCAPACITOR-206MER600K Datasheet
370Kb / 3P
   Metallized Polyester MOTOR RUN/AC Film Capacitors in Round Tubes
More results

Similar Description - 206ME-350K

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
105MP250K ILLINOISCAPACITOR-105MP250K Datasheet
378Kb / 3P
   Metallized Polypropylene Motor Run/AC Film Capacitors In Boxes
105MER350K ILLINOISCAPACITOR-105MER350K Datasheet
370Kb / 3P
   Metallized Polyester MOTOR RUN/AC Film Capacitors in Round Tubes
105MPR350KP ILLINOISCAPACITOR-105MPR350KP Datasheet
388Kb / 6P
   Metallized Polypropylene Motor Run/AC Film Capacitors in Round Tubes
logo
EPCOS
B32328 EPCOS-B32328 Datasheet
212Kb / 6P
   AC Film Capacitors Motor Run
B32335 EPCOS-B32335 Datasheet
234Kb / 7P
   AC Film Capacitors Motor run
B32320 EPCOS-B32320 Datasheet
237Kb / 6P
   AC Film Capacitors Motor Run
B32324 EPCOS-B32324 Datasheet
287Kb / 6P
   AC Film Capacitors Motor Run
B32327 EPCOS-B32327 Datasheet
346Kb / 6P
   AC Film Capacitors Motor Run
B32330 EPCOS-B32330 Datasheet
327Kb / 5P
   AC Film Capacitors Motor run
logo
Illinois Capacitor, Inc...
104MABA01KG ILLINOISCAPACITOR-104MABA01KG_13 Datasheet
482Kb / 4P
   AC/Motor Run Film Capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com