Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

123MKP275KC Datasheet(PDF) 1 Page - Illinois Capacitor, Inc.

Part # 123MKP275KC
Description  Class X2 Radial Lead Metallized Polypropylene Capacitors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

123MKP275KC Datasheet(HTML) 1 Page - Illinois Capacitor, Inc.

  123MKP275KC Datasheet HTML 1Page - Illinois Capacitor, Inc. 123MKP275KC Datasheet HTML 2Page - Illinois Capacitor, Inc. 123MKP275KC Datasheet HTML 3Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
3757 W. Touhy Ave., Lincolnwood, IL 60712 • (847) 675-1760 • Fax (847) 673-2850 • www.illcap.com
®
EMI filter
Antenna coupling
Across the line
Line bypass
MKP
Class X2
Radial Lead Metallized
Polypropylene Capacitors
Voltage Impulse Test
±10% at 1kHz, 25°C
Capacitance Tolerance
-40°C to +110°C
Humidity Test
Load Life
Voltage Range
50-60Hz
VAC
Dissipation Factor
0.1% at 1 kHz, 20°C
Capacitance
Terminal to Terminal
Terminal to Case
≤0.33 µF
15,000M
Ω at 100VDC
>30,000 M
Ω at 100VDC
>500M
Ω at 500VDC
>0.33 µF
5,000 M
Ω x µF at 100VDC
>30,000 M
Ω at 100VDC
>500M
Ω at 500VDC
1000 hours at+110°C with 125% of rated voltage with the voltage increased to
1000Vrms for 0.1 seconds every hour.
<5% maximum of initial measured value
<0.15% at 1kHz
Capacitance Change
Dissipation Factor
Insulation Resistance
<5% of initial measured value
<0.15% at 1kHz
Self-inductance
Dielectric Strength
≤1 nH/mm along the capacitor pitch and lead length
Capacitance Drift Factor
Capacitance Temperature
Coefficient
<1 nH/mm along the capacitor pitch and lead length
-200 ppm/°C, ± 100ppm/°C
Construction
Dielectric
Electrodes
Leads
Wound, Extended metallized film
Polypropylene film
Vacuum deposited zinc layers
Tinned copper wire (lead free)
Coating
Solvent resistant box with flame
retardant epoxy sealed resin (UL 94V-O)
Terminal to Terminal
310 (UL, CSA)
275 (IEC 60384-14)
Operating Temperature Range
Terminal to Case
2050VAC applied for 1 minute.
Insulation Resistance
Capacitance Change
Dissipation Factor
Insulation
Resistance
Capacitance
≤0.33uF
>0.33uF
3000 M
Terminal to Terminal
7500 M
Ω Minimum at 100VDC
2500 M
ΩxuF Minimum at 100VDC
Terminal to Case
500 hours at 90 to 95% RH, 40°C and no voltage applied after which the following voltage
shall be applied for 1minute to each capacitor
C
≤0.0068uF 1500VAC, C>0.0068uF 1075VDC
Capacitance
≤0.33uF
>0.33uF
Terminal to Case
Terminal to Terminal
7500 M
Ω Minimum at 100VDC
2500 M
ΩxuF Minimum at 100VDC
15000 M
Ω at 100 VDC
C
≤0.0068uF 1500Vac or 2121 Vdc for 1 minute
C>0.0068uF 1000Vac or 1768 Vdc for 1 minute
Cut-off current: 2Aac or 10mAdc
Current limiting resistance: 1
Ω/V
24 pulses
C
≤ 1.0uF Vp=2.5kVDC
C>1.0uF Vp=2.5kV/
√C


Similar Part No. - 123MKP275KC

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
123MM25S NPC-123MM25S Datasheet
57Kb / 2P
   Engineering Bulletin
More results

Similar Description - 123MKP275KC

ManufacturerPart #DatasheetDescription
logo
Surge Components
CMPP SURGE-CMPP Datasheet
952Kb / 1P
   Metallized Polypropylene Film Capacitors X2-Class
logo
Kemet Corporation
PHE840EA5100MA01R17 KEMET-PHE840EA5100MA01R17 Datasheet
235Kb / 2P
   EMI suppressor, class X2, metallized polypropylene
PHE840MK5100MK01R17 KEMET-PHE840MK5100MK01R17 Datasheet
192Kb / 2P
   EMI suppressor, class X2, metallized polypropylene
F861BC104M310C KEMET-F861BC104M310C Datasheet
2Mb / 19P
   Metallized Polypropylene Film, Class X2, 310 VAC
logo
Illinois Capacitor, Inc...
103MPR400K ILLINOISCAPACITOR-103MPR400K Datasheet
378Kb / 2P
   105째C Metallized Polypropylene Epoxy Dipped Radial Lead Capacitors
logo
List of Unclassifed Man...
MPXM-275104K10F ETC2-MPXM-275104K10F Datasheet
186Kb / 2P
   METALLIZED POLYPROPYLENE RADIAL BOX, X2 TYPE, REDUCED SIZE
logo
Cornell Dubilier Electr...
171 CDE-171 Datasheet
190Kb / 3P
   Radial Box Metallized Polypropylene Capacitors
logo
List of Unclassifed Man...
171333160B-F ETC2-171333160B-F Datasheet
190Kb / 3P
   Radial Box Metallized Polypropylene Capacitors
MKP-X2 ETC2-MKP-X2 Datasheet
150Kb / 4P
   Metallized Polypropylene RFI-Capacitors Class X2 PCM 7.5 mm to 27.5 mm
logo
Suntan Capacitors
TS08H SUNTAN-TS08H Datasheet
161Kb / 1P
   METALLIZED POLYPROPYLENE FILM CAPACITOR ??X2
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com