Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

505MHBA01K2J Datasheet(PDF) 1 Page - Illinois Capacitor, Inc.

Part # 505MHBA01K2J
Description  Radial Leaded Polypropylene Film Capacitors with Double Sided Metallized Electrodes
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

505MHBA01K2J Datasheet(HTML) 1 Page - Illinois Capacitor, Inc.

  505MHBA01K2J Datasheet HTML 1Page - Illinois Capacitor, Inc. 505MHBA01K2J Datasheet HTML 2Page - Illinois Capacitor, Inc. 505MHBA01K2J Datasheet HTML 3Page - Illinois Capacitor, Inc. 505MHBA01K2J Datasheet HTML 4Page - Illinois Capacitor, Inc. 505MHBA01K2J Datasheet HTML 5Page - Illinois Capacitor, Inc. 505MHBA01K2J Datasheet HTML 6Page - Illinois Capacitor, Inc. 505MHBA01K2J Datasheet HTML 7Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
>30,000M
Ω x µF
not to exceed 30,000M
3757 W. Touhy Ave., Lincolnwood, IL 60712 • (847) 675-1760 • Fax (847) 673-2850 • www.illcap.com
®
MHB
Radial Leaded Polypropylene
Film Capacitors with Double
Sided Metallized Electrodes
370
500
600
700
800
470
625
750
875
1200
160
250
330
380
380
WVDC
SVDC
VAC
Surge/AC Voltage
Freq (kHz)
C
≤5µF
5µF<C
≤30µF
C>30µF
1
.05%
.08%
.1%
-40˚C to +85˚C (+100°C observing voltage and current de-rating)
For T>+85°C the rated voltage must be de-rated by 1.25%/°C
Terminal to Terminal
Dissipation Factor
(max) at 1kHz,25°C
<1nH/mm of body length and lead wire length.
>100,000 hours for WVDC,30000 hours for VAC at 70°C
300/1x10
9
component hours
<1% after 2 years at standard enviromental conditions
Double metallized film with polypropylene film and internal series connections
Flame retardant plastic box with epoxy end fill (UL94V-O)
Lead free tinned copper leads (RoHS compliant)
160% of VDC applied for 10 seconds and 25°C
3 KVAC applied for 60 seconds at 25°C
Dielectric Strength
Life Expectancy
Failure quota
Long term Stability
Construction
Coating
Lead terminations
Terminal to Case
Operating Temperature
Range
Capacitance Tolerance
±10% at 1kHz, 25˚C ±5% optional
Insulation Resistance
@20˚C(<70% RH)
for 1 minute at 100VDC applied
Self inductance
s High Current
s High Voltage
s Multiple Lead Styles (2,4, lugs)
s Small Size
FEATURES
s Motor Speed Control
s Switching Power Supplies
s Induction Heaters
s Resonant Circuits
APPLICATIONS
SPECIFICATIONS


Similar Part No. - 505MHBA01K2J

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
505MHBA01K2J ILLINOISCAPACITOR-505MHBA01K2J Datasheet
636Kb / 8P
   Small size - High voltage ??High Capacitance
More results

Similar Description - 505MHBA01K2J

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
472PSB302K2G ILLINOISCAPACITOR-472PSB302K2G Datasheet
402Kb / 9P
   Radial Leaded Polypropylene Film Capacitors with Double Sided Metallized Electrodes
logo
Kemet Corporation
R76ID1680XX3XX KEMET-R76ID1680XX3XX Datasheet
990Kb / 12P
   POLYPROPYLENE CAPACITOR WITH DOUBLE SIDED METALLIZED FILM ELECTRODES
logo
Illinois Capacitor, Inc...
755DCB112K2J ILLINOISCAPACITOR-755DCB112K2J Datasheet
373Kb / 3P
   Radial Leaded Metallized Polypropylene Film Capacitors
472PSB302K2G ILLINOISCAPACITOR-472PSB302K2G_13 Datasheet
806Kb / 7P
   Radial leaded metallized polypropylene film capacitors
103MPR400K ILLINOISCAPACITOR-103MPR400K_13 Datasheet
200Kb / 2P
   Radial leaded metallized polypropylene film capacitors
logo
Cornell Dubilier Electr...
DPP CDE-DPP Datasheet
203Kb / 3P
   Polypropylene Radial Leaded Film Capacitors
logo
Illinois Capacitor, Inc...
102PPB202K ILLINOISCAPACITOR-102PPB202K_13 Datasheet
554Kb / 3P
   Radial leaded metallized polypropylene film capacitors for Pulse applications
logo
Cornell Dubilier Electr...
930 CDE-930 Datasheet
263Kb / 3P
   Polypropylene Film Capacitors Axial Leaded Metallized Polypropylene
logo
Illinois Capacitor, Inc...
153FPF302K ILLINOISCAPACITOR-153FPF302K Datasheet
367Kb / 2P
   Oval Leaded Polypropylene Film with Aluminum Foil Electrodes
102MPW630K ILLINOISCAPACITOR-102MPW630K_13 Datasheet
252Kb / 2P
   Axial leaded metallized polypropylene film capacitors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com