Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

155MABA02KH Datasheet(PDF) 3 Page - Illinois Capacitor, Inc.

Part # 155MABA02KH
Description  AC/Motor Run Film Capacitors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

155MABA02KH Datasheet(HTML) 3 Page - Illinois Capacitor, Inc.

  155MABA02KH Datasheet HTML 1Page - Illinois Capacitor, Inc. 155MABA02KH Datasheet HTML 2Page - Illinois Capacitor, Inc. 155MABA02KH Datasheet HTML 3Page - Illinois Capacitor, Inc. 155MABA02KH Datasheet HTML 4Page - Illinois Capacitor, Inc. 155MABA02KH Datasheet HTML 5Page - Illinois Capacitor, Inc. 155MABA02KH Datasheet HTML 6Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3757 W. Touhy Ave., Lincolnwood, IL 60712 • (847) 675-1760 • Fax (847) 673-2850 • www.illcap.com
184
®
MAB
AC/Motor Run
Film
Capacitors
PHYSICAL DIMENSIONS
Convert to inches, divide by 25.4
LxHxT (mm)
0.1
26.5x16x7
26.5x16x7
0.12
26.5x16x7
26.5x17x8.5
0.15
26.5x17x8.5
26.5x17x8.5
0.18
26.5x18.5x10
0.22
26.5x18.5x10
26.5x20x11
32x20x11
0.27
26.5x18.5x10
26.5x22x13
32x20x11
0.33
26.5x16x7
26.5x18.5x10
32x22x13
32x20x11
0.39
26.5x16x7
26.5x18.5x10
32x22x13
32x20x11
0.47
26.5x17x8.5
26.5x20x11
32x28x14
32x20x11
0.56
26.5x17x8.5
26.5x22x13
32x28x14
32x20x11
0.62
26.5x18.5x10
26.5x22x13
32x20x11
39.5x26x15
0.68
26.5x16x7
26.5x18.5x10
32x20x11
32x33x18
32x20x11
39.5x26x15
26.5x22x13
0.75
26.5x17x8.5
26.5x18.5x10
32x22x13
32x33x18
32x20x11
39.5x26x15
0.82
26.5x17x8.5
26.5x20x11
32x22x13
32x33x18
32x20x11
39.5x26x15
1
26.5x16x7
26.5x18.5x10
26.5x22x13
32x24.5x15
42.5x28x17
32x20x11
39.5x26x15
1.2
26.5x17x8.5
26.5x20x11
32x20x11
32x24.5x15
42.5x30x22
32x17x9
26.5x22x13
39.5x26x15
1.5
26.5x17x8.5
26.5x20x13
32x22x13
32x33x18
42.5x30x22
32x22x11
39.5x26x15
39.5x26x15
1.8
26.5x18.5x10
32x22x11
32x28x14
32x33x18
42.5x37x28
32x17x9
42.5x28x17
2
26.5x20x11
32x22x13
32x28x14
32x33x18
42.5x37x28
32x17x9
39.5x26x15
42.5x28x17
2.2
26.5x20x11
32x22x13
32x28x14
32x33x18
42.5x37x28
32x20x11
39.5x26x15
42.5x28x17
2.5
26.5x22x13
32x22x13
32x28x14
42.5x28x17
42.5x37x28
32x20x11
39.5x26x15
2.7
26.5x22x13
32x22x13
32x28x14
42.5x30x22
42.5x45x30
32x20x11
39.5x26x15
3
32x22x13
32x24.5x15
32x33x18
42.5x30x22
42.5x45x30
39.5x26x15
42.5x28x17
3.15
32x24.5x15
39.5x26x15
3.3
32x22x13
32x24.5x15
32x33x18
42.5x30x22
42.5x45x30
39.5x26x15
39.5x26x15
42.5x28x17
3.5
32x22x13
32x24.5x15
32x33x18
42.5x33.5x22
42.5x45x30
39.5x26x15
42.5x28x17
4
32x22x13
32x33x18
32x33x18
42.5x33.5x22
39.5x26x15
42.5x28x17
Voltage Code
VDC
A04
350
A03
475
A02
575
A01
775
A05
1150
µF


Similar Part No. - 155MABA02KH

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
155MABA02KH ILLINOISCAPACITOR-155MABA02KH Datasheet
482Kb / 4P
   AC/Motor Run Film Capacitors
155MABA02KH ILLINOISCAPACITOR-155MABA02KH Datasheet
258Kb / 4P
   Small size ??Good dvdt ??EN60252-1 rated
More results

Similar Description - 155MABA02KH

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32328 EPCOS-B32328 Datasheet
212Kb / 6P
   AC Film Capacitors Motor Run
B32335 EPCOS-B32335 Datasheet
234Kb / 7P
   AC Film Capacitors Motor run
B32320 EPCOS-B32320 Datasheet
237Kb / 6P
   AC Film Capacitors Motor Run
B32324 EPCOS-B32324 Datasheet
287Kb / 6P
   AC Film Capacitors Motor Run
B32327 EPCOS-B32327 Datasheet
346Kb / 6P
   AC Film Capacitors Motor Run
B32330 EPCOS-B32330 Datasheet
327Kb / 5P
   AC Film Capacitors Motor run
logo
Illinois Capacitor, Inc...
104MABA01KG ILLINOISCAPACITOR-104MABA01KG_13 Datasheet
482Kb / 4P
   AC/Motor Run Film Capacitors
logo
TDK Electronics
B32320 TDK-B32320 Datasheet
215Kb / 8P
   AC Film Capacitors, Motor Run Capacitors
B32321 TDK-B32321 Datasheet
393Kb / 10P
   Film capacitors ??AC capacitors Motor run capacitors
B32328 TDK-B32328 Datasheet
299Kb / 8P
   Film capacitors - AC capacitors Motor run capacitors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com