Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

688LBB100M2EH Datasheet(PDF) 1 Page - Illinois Capacitor, Inc.

Part # 688LBB100M2EH
Description  85째C Snap-Mount Aluminum Electrolytic Capacitors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

688LBB100M2EH Datasheet(HTML) 1 Page - Illinois Capacitor, Inc.

  688LBB100M2EH Datasheet HTML 1Page - Illinois Capacitor, Inc. 688LBB100M2EH Datasheet HTML 2Page - Illinois Capacitor, Inc. 688LBB100M2EH Datasheet HTML 3Page - Illinois Capacitor, Inc. 688LBB100M2EH Datasheet HTML 4Page - Illinois Capacitor, Inc. 688LBB100M2EH Datasheet HTML 5Page - Illinois Capacitor, Inc. 688LBB100M2EH Datasheet HTML 6Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
3757 W. Touhy Ave., Lincolnwood, IL 60712 • (847) 675-1760 • Fax (847) 673-2850 • www.illcap.com
118
®
WVDC
tan
δ
Dissipation Factor
I High ripple Current Ratings
I Large Case Size Selection
I Extended Life
FEATURES
LBB
+85°C Snap-Mount
Aluminum Electrolytic
Capacitors
Operating Temperature Range
SPECIFICATIONS
Capacitance Tolerance
-40°C to +85°C
Leakage Current
±20% at 120Hz, 20°C
Shelf life
Impedance Ratio
120Hz
-25°C/20°C
I High Voltage
I Lead free Leads
I Rugged Design
16
25
35
50
63
80
100
160
200
250
350
400
450
.4
.3
.25
.2
.15
.15
.15
.1*
.1*
.1*
.15
.15
.15
WVDC
WVDC
Time
*Note: .15 for 35mm diameters
Load Life
3,000 hours at +85°C with rated WVDC and rated ripple current
≤ 20% of initial measured value
≤200% of initial specified value
≤100% Initial specified value
Capacitance change
Dissipation factor
Leakage current
.02 CV or 3mA
whichever is smaller
5 minutes
≤450 WVDC
16
25
35
50
63
80
100
160
200
250
350
400
450
43
3
2
2
2
2
4
4
4
488
15
10
8
6
6
5
5
-
-
-
-
-
-
Ripple Current
Multipliers
WVDC
50
120
300
1k
10k+
.95
1.0
1.03
1.05
1.08
.92
1.0
1.07
1.13
1.19
.81
1.0
1.17
1.32
1.45
.77
1.0
1.16
1.13
1.41
+85C
+70C
+60C
+45C
1.0
1.32
1.5
1.73
1.0
1.32
1.5
1.73
1.0
1.32
1.5
1.73
1.0
1.32
1.5
1.73
SPECIAL ORDER OPTIONS
Special tolerances: ±10%(K), -10% + 30%(Q)
Epoxy end sealing (PX)
Frequency (Hz)
16 to 50
6.3 to 100
160 to 250
350 to 450
Temperature (°C)
1,000 hours at 85°C with no voltage applied. Units will meet load life specifications.
-40°C/20°C
-25°C to +85°C
(See pages 33 thru 37)


Similar Part No. - 688LBB100M2EH

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
688LBB100M2EH ILLINOISCAPACITOR-688LBB100M2EH Datasheet
348Kb / 5P
   Extended Life, 3000 hours
688LBB100M2EH ILLINOISCAPACITOR-688LBB100M2EH Datasheet
342Kb / 5P
   Multiple Case Sizes - High Voltage ??High Current
688LBB100M2EH ILLINOISCAPACITOR-688LBB100M2EH Datasheet
478Kb / 5P
   Multiple Case Sizes - High Voltage ??High Current
More results

Similar Description - 688LBB100M2EH

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
476LBA450M2BC ILLINOISCAPACITOR-476LBA450M2BC Datasheet
198Kb / 5P
   85째C Snap-Mount Aluminum Electrolytic Capacitors
826LBB400M2BC ILLINOISCAPACITOR-826LBB400M2BC_13 Datasheet
704Kb / 5P
   85C snap-Mount Aluminum Electrolytic Capacitors
476LBA450M2BC ILLINOISCAPACITOR-476LBA450M2BC_13 Datasheet
467Kb / 4P
   85C Snap-Mount Aluminum Electrolytic Capacitors
271LKP450M ILLINOISCAPACITOR-271LKP450M Datasheet
412Kb / 6P
   85째C Screw Terminal Aluminum Electrolytic Capacitors
104CKR050M ILLINOISCAPACITOR-104CKR050M Datasheet
134Kb / 5P
   85째C General Purpose Aluminum Electrolytic Capacitors
104SML050MD4 ILLINOISCAPACITOR-104SML050MD4 Datasheet
114Kb / 3P
    85째C General Purpose Surface Mount Chip Aluminum Electrolytic Capacitors
104NPS050M ILLINOISCAPACITOR-104NPS050M Datasheet
99Kb / 2P
   85째C Non-Polar Surface Mount Chip Aluminum Electrolytic Capacitors
104LCA050M ILLINOISCAPACITOR-104LCA050M Datasheet
412Kb / 2P
    85째C Low Leakage Current Aluminum Electrolytic Capacitors
474TTA100M ILLINOISCAPACITOR-474TTA100M Datasheet
104Kb / 4P
   85째C Standard Axial Lead Aluminum Electrolytic Capacitors
686LMH450M2BC ILLINOISCAPACITOR-686LMH450M2BC Datasheet
399Kb / 4P
   105C Long Life Snap mount Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com