Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

188LMU200M2EH Datasheet(PDF) 4 Page - Illinois Capacitor, Inc.

Part # 188LMU200M2EH
Description  105째C Long Life Snap-Mount Aluminum Electrolytic Capacitors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

188LMU200M2EH Datasheet(HTML) 4 Page - Illinois Capacitor, Inc.

  188LMU200M2EH Datasheet HTML 1Page - Illinois Capacitor, Inc. 188LMU200M2EH Datasheet HTML 2Page - Illinois Capacitor, Inc. 188LMU200M2EH Datasheet HTML 3Page - Illinois Capacitor, Inc. 188LMU200M2EH Datasheet HTML 4Page - Illinois Capacitor, Inc. 188LMU200M2EH Datasheet HTML 5Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
3757 W. Touhy Ave., Lincolnwood, IL 60712 • (847) 675-1760 • Fax (847) 673-2850 • www.illcap.com
®
PART
NUMBER
WVDC
Maximum RMS
Ripple Current
(A)
120Hz,+105°C
WVDC
Capacitance
(µF)
LMU
+ 105°C Long Life
Snap-Mount Aluminum
Electrolytic Capacitors
STANDARD PART LISTING
Maximum RMS
Ripple Current
(A)
120Hz,+105°C
Capacitance
(µF)
Dimensions
DxL
(mm)
Dimensions
DxL
(mm)
Maximum
ESR
m
120Hz,+20°C
Maximum
ESR
m
120Hz,+20°C
560
400
567LMU400M2EH
444.071
2.36
35x50
680
100 687LMU100M2CC
365.705
0.95
25x25
680
160
687LMU160M2CE
243.804
1.7
25x35
680
160 687LMU160M2DC
243.804
1.7
30x25
680
200 687LMU200M2BH
365.705
2.02
22x50
680
200
687LMU200M2CF
243.804
1.7
25x40
680
200 687LMU200M2DD
365.705
1.94
30x30
680
200 687LMU200M2DE
243.804
1.88
30x35
680
250 687LMU250M2CH
365.705
2.14
25x50
680
250 687LMU250M2DE
365.705
2.04
30x35
680
250
687LMU250M2DF
243.804
1.9
30x40
680
250 687LMU250M2DG
243.804
2.25
30x45
680
250 687LMU250M2ED
365.705
2.1
35x30
820
200 827LMU200M2CG
303.268
2.27
25x45
820
200 827LMU200M2DE
303.268
2.26
30x35
820
200
827LMU200M2DF
202.179
2.08
30x40
820
200 827LMU200M2ED
303.268
2.33
35x30
820
250 827LMU250M2DG
303.268
2.49
30x45
820
250
827LMU250M2EE
303.268
2.45
35x35
820
250
827LMU250M2EF
202.179
2.33
35x40
1000
80
108LMU080M2BD
248.680
1.26
22x30
1000
80
108LMU080M2CC
248.680
1.21
25x25
1000
100
108LMU100M2BF
248.680
1.76
22x40
1000
100 108LMU100M2CD
248.680
1.71
25x30
1000
100 108LMU100M2DC
248.680
1.65
30x25
1000
160 108LMU160M2CG
165.786
2.1
25x45
1000
160 108LMU160M2DE
165.786
2.1
30x35
1000
160 108LMU160M2ED
165.786
2.1
35x30
1000
200 108LMU200M2CH
248.680
2.63
25x50
1000
200
108LMU200M2DF
248.680
2.64
30x40
1000
200 108LMU200M2DG
165.786
2.35
30x45
1000
200
108LMU200M2EE
165.786
2.28
35x35
1000
250
108LMU250M2EF
165.786
2.3
35x40
1000
250
108LMU250M2EG
165.786
2.48
35x45
1200
200 128LMU200M2DG
207.233
3.04
30x45
1200
200 128LMU200M2DH
138.155
2.65
30x50
1200
200
128LMU200M2EE
207.233
3
35x35
1200
200
128LMU200M2EG
138.155
2.58
35x45
1200
250
128LMU250M2EG
207.233
3.29
35x45
1500
63
158LMU063M2CC
165.786
1.4
25x25
1500
80
158LMU080M2DC
165.786
1.5
30x25
1500
100
158LMU100M2EC
165.786
2.05
35x25
1500
160
158LMU160M2EE
110.524
2.84
35x35
1500
200
158LMU200M2EG
110.524
2.8
35x45
1500
200
158LMU200M2EH
110.524
3.18
35x50
1500
250
158LMU250M2EH
165.786
3.68
35x50
1800
200
188LMU200M2EH
92.104
3.3
35x50
2200
50
228LMU050M2BD
150.715
1.4
22x30
2200
50
228LMU050M2CC
150.715
1.35
25x25
2200
63
228LMU063M2CD
113.036
1.76
25x30
2200
63
228LMU063M2DC
113.036
1.7
30x25
2200
80
228LMU080M2DE
113.036
2.1
30x35
2200
80
228LMU080M2EC
113.036
2.03
35x25
2200
100
228LMU100M2DF
113.036
2.85
30x40
2200
100
228LMU100M2EE
113.036
2.78
35x35
2200
100
228LMU100M2FD
113.036
2.7
40x30
2200
180
228LMU180M2EH
75.357
3.6
35x50
3300
35
338LMU035M2BD
125.596
1.55
22x30
3300
35
338LMU035M2CC
125.596
1.5
25x25
3300
50
338LMU050M2BE
125.596
2.11
22x35
3300
50
338LMU050M2CD
125.596
2.06
25x30
3300
50
338LMU050M2DC
125.596
2
30x25
3300
63
338LMU063M2DD
100.477
2.22
30x30
3300
63
338LMU063M2EC
100.477
2.15
35x25
3300
80
338LMU080M2EE
100.477
2.58
35x35
3300
100
338LMU100M2EG
100.477
2.98
35x45
3300
100
338LMU100M2FE
100.477
2.9
40x35
4700
25
478LMU025M2BD
105.821
1.6
22x30
4700
35
478LMU035M2BE
88.184
1.88
22x35
4700
35
478LMU035M2CC
88.184
1.83
25x25
4700
50
478LMU050M2BH
88.184
2.5
22x50
4700
50
478LMU050M2CF
88.184
2.45
25x40
4700
50
478LMU050M2DD
88.184
2.39
30x30
4700
50
478LMU050M2EC
88.184
2.32
35x25
4700
63
478LMU063M2DF
70.547
2.94
30x40
4700
63
478LMU063M2ED
70.547
2.87
35x30
4700
80
478LMU080M2EG
70.547
3.38
35x45
6800
16
688LMU016M2BC
73.141
1.56
22x25
6800
25
688LMU025M2BE
73.141
2.14
22x35
6800
25
688LMU025M2CC
73.141
2.09
25x25
6800
35
688LMU035M2BG
60.951
2.53
22x45
6800
35
688LMU035M2CE
60.951
2.48
25x35
6800
35
688LMU035M2DC
60.951
2.42
30x25
6800
50
688LMU050M2DF
60.951
3.26
30x40
PART
NUMBER


Similar Part No. - 188LMU200M2EH

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
188LMB050M2AD ILLINOISCAPACITOR-188LMB050M2AD Datasheet
428Kb / 7P
   Multiple Case Sizes - High Voltage ??High Current
188LMB050M2AD ILLINOISCAPACITOR-188LMB050M2AD Datasheet
131Kb / 1P
   SNAP-IN / SNAP MOUNT
188LMB050M2BC ILLINOISCAPACITOR-188LMB050M2BC Datasheet
428Kb / 7P
   Multiple Case Sizes - High Voltage ??High Current
188LMB050M2BC ILLINOISCAPACITOR-188LMB050M2BC Datasheet
131Kb / 1P
   SNAP-IN / SNAP MOUNT
188LMB063M2AE ILLINOISCAPACITOR-188LMB063M2AE Datasheet
428Kb / 7P
   Multiple Case Sizes - High Voltage ??High Current
More results

Similar Description - 188LMU200M2EH

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
476LMU450M2BC ILLINOISCAPACITOR-476LMU450M2BC_13 Datasheet
507Kb / 4P
   105C Long Life Snap mount Aluminum Electrolytic Capacitors
686LMH450M2BC ILLINOISCAPACITOR-686LMH450M2BC Datasheet
399Kb / 4P
   105C Long Life Snap mount Aluminum Electrolytic Capacitors
335TXK450M ILLINOISCAPACITOR-335TXK450M Datasheet
115Kb / 3P
   105째C Long Life Radial Lead Aluminum Electrolytic Capacitors
logo
Vishay Siliconix
058PLL-SI VISHAY-058PLL-SI_16 Datasheet
148Kb / 11P
   Aluminum Electrolytic Capacitors Power Long Life Snap-In
Revision: 12-Oct-16
058059PLL-SI VISHAY-058059PLL-SI Datasheet
146Kb / 11P
   Aluminum Electrolytic Capacitors Power Long Life Snap-In
058059PLL-SI VISHAY-058059PLL-SI_V01 Datasheet
146Kb / 11P
   Aluminum Electrolytic Capacitors Power Long Life Snap-In
01-Jan-2023
158PUL-SI VISHAY-158PUL-SI_16 Datasheet
123Kb / 9P
   Aluminum Electrolytic Capacitors Power Ultra Long Life Snap-In
Revision: 13-Oct-16
090PUL-SI VISHAY-090PUL-SI_17 Datasheet
115Kb / 7P
   Aluminum Electrolytic Capacitors Power Ultra Long Life Snap-In
Revision: 08-Sep-17
159-PUL-SI VISHAY-159-PUL-SI Datasheet
121Kb / 9P
   Aluminum Electrolytic Capacitors Power Ultra Long Life Snap-In
Revision: 31-Jan-17
090PUL-SI VISHAY-090PUL-SI_V01 Datasheet
97Kb / 7P
   Aluminum Electrolytic Capacitors Power Ultra Long Life Snap-In
01-Jan-2023
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com