Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

393MKP275KD Datasheet(PDF) 3 Page - Illinois Capacitor, Inc.

Part # 393MKP275KD
Description  Class X2 Radial Lead Metallized Polypropylene Capacitors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

393MKP275KD Datasheet(HTML) 3 Page - Illinois Capacitor, Inc.

  393MKP275KD Datasheet HTML 1Page - Illinois Capacitor, Inc. 393MKP275KD Datasheet HTML 2Page - Illinois Capacitor, Inc. 393MKP275KD Datasheet HTML 3Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3757 W. Touhy Ave., Lincolnwood, IL 60712 • (847) 675-1760 • Fax (847) 673-2850 • www.illcap.com
®
X2 capacitors are used to suppress electrical noise
by reducing the input impedance of the device incorporating the
capacitor.
X2 capacitors are connected across the supply line where failure of
the capacitor will not result in,personal exposure to electrical
shock.
X2 capacitors are to be used in applications where
the peak voltage is
≤1200V.
L
max
H max
S±0.5
d±0.05
T
max
All dimensions in (mm)
*17mm lead length available upon request
5 min.*
N
L
Cy
Cx
Cy
UL
CSA
CB
ENEC
310 VAC
250 VAC
275 VAC
275 VAC
FOK X2*A
FOK Y2*B
X
X2
X2
E-317132
158927, LR85363
DE-1-11829
139131L
1414
C22.2, No.1-98, 8-M1986
IEC-60384-14
EN-1324000
IEC-60384-14
Safety Agency
Standard
File #
Rated Voltage
Class
MKP
Class X2 Radial
Lead Metallized
Polypropylene
Capacitors
PHYSICAL DIMENSIONS
A- Antenna coupling, Line Bypass, Across the line
B- Electromagnetic Interference Filter


Similar Part No. - 393MKP275KD

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
393MS8GE HITTITE-393MS8GE Datasheet
234Kb / 6P
   GaAs MMIC DPDT DIVERSITY SWITCH, 5 - 6 GHz
393MS8GE HITTITE-393MS8GE Datasheet
279Kb / 6P
   GaAs MMIC DPDT DIVERSITY SWITCH, 5.0 - 6.0 GHz
logo
Illinois Capacitor, Inc...
393MWR250K ILLINOISCAPACITOR-393MWR250K Datasheet
396Kb / 4P
   Metallized Polyester Film Capacitors
393MWR250K ILLINOISCAPACITOR-393MWR250K Datasheet
328Kb / 3P
   Axial leaded metallized polyester film capacitors
393MWR250K ILLINOISCAPACITOR-393MWR250K Datasheet
261Kb / 3P
   Small size ??Low ESR - General purpose
More results

Similar Description - 393MKP275KD

ManufacturerPart #DatasheetDescription
logo
Surge Components
CMPP SURGE-CMPP Datasheet
952Kb / 1P
   Metallized Polypropylene Film Capacitors X2-Class
logo
Kemet Corporation
PHE840EA5100MA01R17 KEMET-PHE840EA5100MA01R17 Datasheet
235Kb / 2P
   EMI suppressor, class X2, metallized polypropylene
PHE840MK5100MK01R17 KEMET-PHE840MK5100MK01R17 Datasheet
192Kb / 2P
   EMI suppressor, class X2, metallized polypropylene
F861BC104M310C KEMET-F861BC104M310C Datasheet
2Mb / 19P
   Metallized Polypropylene Film, Class X2, 310 VAC
logo
Illinois Capacitor, Inc...
103MPR400K ILLINOISCAPACITOR-103MPR400K Datasheet
378Kb / 2P
   105째C Metallized Polypropylene Epoxy Dipped Radial Lead Capacitors
logo
List of Unclassifed Man...
MPXM-275104K10F ETC2-MPXM-275104K10F Datasheet
186Kb / 2P
   METALLIZED POLYPROPYLENE RADIAL BOX, X2 TYPE, REDUCED SIZE
logo
Cornell Dubilier Electr...
171 CDE-171 Datasheet
190Kb / 3P
   Radial Box Metallized Polypropylene Capacitors
logo
List of Unclassifed Man...
171333160B-F ETC2-171333160B-F Datasheet
190Kb / 3P
   Radial Box Metallized Polypropylene Capacitors
MKP-X2 ETC2-MKP-X2 Datasheet
150Kb / 4P
   Metallized Polypropylene RFI-Capacitors Class X2 PCM 7.5 mm to 27.5 mm
logo
Suntan Capacitors
TS08H SUNTAN-TS08H Datasheet
161Kb / 1P
   METALLIZED POLYPROPYLENE FILM CAPACITOR ??X2
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com