Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AC-082ASI Datasheet(PDF) 9 Page - ZETTLER Electronics

Part # AC-082ASI
Description  SPECIFICATIONS FOR LCD MODULE
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETTLER [ZETTLER Electronics]
Direct Link  http://www.zettlerelectronics.com
Logo ZETTLER - ZETTLER Electronics

AC-082ASI Datasheet(HTML) 9 Page - ZETTLER Electronics

Back Button AC-082ASI Datasheet HTML 5Page - ZETTLER Electronics AC-082ASI Datasheet HTML 6Page - ZETTLER Electronics AC-082ASI Datasheet HTML 7Page - ZETTLER Electronics AC-082ASI Datasheet HTML 8Page - ZETTLER Electronics AC-082ASI Datasheet HTML 9Page - ZETTLER Electronics AC-082ASI Datasheet HTML 10Page - ZETTLER Electronics AC-082ASI Datasheet HTML 11Page - ZETTLER Electronics AC-082ASI Datasheet HTML 12Page - ZETTLER Electronics AC-082ASI Datasheet HTML 13Page - ZETTLER Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
8
TIMING CHARACTERISTICS
Write Operation
VDD=5V
VDD=3.3V
Item
Symbol
Min
Max
Min
Max
Unit
Enable cycle time
tcycE
500
--
1000
--
Enable pulse width
PWEH
230
--
450
--
Enable rise/fall time
tEr,tEf
--
20
--
25
Address set-up time
(RS, R/W to E)
tAS
40
--
60
--
Address hold time
tAH
10
--
20
--
Data set-up time
tDSW
80
--
195
--
Data hold time
tH
10
--
10
--
ns
Date : 2001/12/11
AMPIRE CO., LTD.
9


Similar Part No. - AC-082ASI

ManufacturerPart #DatasheetDescription
logo
Intronics Power, Inc.
AC-100S050 INTRONICS-AC-100S050 Datasheet
525Kb / 14P
   ISOLATED AC-DC Converter
AC-100S090 INTRONICS-AC-100S090 Datasheet
525Kb / 14P
   ISOLATED AC-DC Converter
AC-100S120 INTRONICS-AC-100S120 Datasheet
525Kb / 14P
   ISOLATED AC-DC Converter
AC-100S150 INTRONICS-AC-100S150 Datasheet
525Kb / 14P
   ISOLATED AC-DC Converter
AC-100S180 INTRONICS-AC-100S180 Datasheet
525Kb / 14P
   ISOLATED AC-DC Converter
More results

Similar Description - AC-082ASI

ManufacturerPart #DatasheetDescription
logo
Jewel Hill Electronic
GB162B JHE-GB162B Datasheet
268Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB162C JHE-GB162C Datasheet
267Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB162D JHE-GB162D Datasheet
305Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB164A JHE-GB164A Datasheet
258Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB202A JHE-GB202A Datasheet
274Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB12864D JHE-GB12864D Datasheet
247Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB12864H JHE-GB12864H Datasheet
251Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB19264F JHE-GB19264F Datasheet
325Kb / 26P
   SPECIFICATIONS FOR LCD MODULE
GB24064A JHE-GB24064A Datasheet
319Kb / 26P
   SPECIFICATIONS FOR LCD MODULE
GB160160B JHE-GB160160B Datasheet
275Kb / 24P
   SPECIFICATIONS FOR LCD MODULE
GB320240B JHE-GB320240B Datasheet
859Kb / 50P
   SPECIFICATIONS FOR LCD MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com