Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

206MHBA06K2R Datasheet(PDF) 2 Page - Illinois Capacitor, Inc.

Part # 206MHBA06K2R
Description  Radial Leaded Polypropylene Film Capacitors with Double Sided Metallized Electrodes
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

206MHBA06K2R Datasheet(HTML) 2 Page - Illinois Capacitor, Inc.

  206MHBA06K2R Datasheet HTML 1Page - Illinois Capacitor, Inc. 206MHBA06K2R Datasheet HTML 2Page - Illinois Capacitor, Inc. 206MHBA06K2R Datasheet HTML 3Page - Illinois Capacitor, Inc. 206MHBA06K2R Datasheet HTML 4Page - Illinois Capacitor, Inc. 206MHBA06K2R Datasheet HTML 5Page - Illinois Capacitor, Inc. 206MHBA06K2R Datasheet HTML 6Page - Illinois Capacitor, Inc. 206MHBA06K2R Datasheet HTML 7Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
3757 W. Touhy Ave., Lincolnwood, IL 60712 • (847) 675-1760 • Fax (847) 673-2850 • www.illcap.com
®
MHB
Radial Leaded Polypropylene
Film Capacitors
with Double Sided
Metallized Electrodes
PHYSICAL DIMENSIONS
µF
WVDC
(VAC)
1
32x22x13
32x24.5x15
1.5
32x22x13
32x24.5x15
32x33x18
2
32x22x13
32x24.5x15
32x33x18
2.2
32x22x13
32x24.5x15
32x33x18
2.5
32x28x14
42.5x28x17
3
32x33x18
32x37x22
42.5x28x17
3.3
32x24.5x15
32x33x18
42.5x30x22
4
32x22x13
32x33x18
32x33x18
32x37x22
42.5x33.5x22
42.5x28x17
42.5x30x22
5
32x28x14
32x33x18
32x37x22
42.5x33.5x22
42.5x37x28
42.5x30x22
6.8
32x33x18
32x37x22
42.5x33.5x22
7.5
42.5x30x22
8
42.5x37x28
42.5x45x30
10
32x37x22
42.5x33.5x22
42.5x37x28
42.5x45x30
57.5x45x30
42.5x28x17
12.5
57.5x45x30
15
42.5x30x22
42.5x37x28
42.5x45x30
57.5x45x30
57.5x50x35
20
57.5x45x30
57.5x50x35
22
42.5x37x28
42.5x45x30
25
57.5x45x30
57.5x50x35
30
457.5x45x30
33
42.5x45x30
40
57.5x45x30
57.5x50x35
50
57.5x50x30
60
57.5x50x35
500
(250)
370
(200)
600
(330)
700
(380)
800
(400)
32
27.5
1.0,1.2
2
L
T
H
LL
d ±0.05
S
L
S
d
57.5
52.5
1.2
42.5
37.5
1.2
Convert to inches, divide by 25.4
LxHxT mm
2 Lead Construction


Similar Part No. - 206MHBA06K2R

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
206MHBA06K2R ILLINOISCAPACITOR-206MHBA06K2R Datasheet
636Kb / 8P
   Small size - High voltage ??High Capacitance
More results

Similar Description - 206MHBA06K2R

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
472PSB302K2G ILLINOISCAPACITOR-472PSB302K2G Datasheet
402Kb / 9P
   Radial Leaded Polypropylene Film Capacitors with Double Sided Metallized Electrodes
logo
Kemet Corporation
R76ID1680XX3XX KEMET-R76ID1680XX3XX Datasheet
990Kb / 12P
   POLYPROPYLENE CAPACITOR WITH DOUBLE SIDED METALLIZED FILM ELECTRODES
logo
Illinois Capacitor, Inc...
755DCB112K2J ILLINOISCAPACITOR-755DCB112K2J Datasheet
373Kb / 3P
   Radial Leaded Metallized Polypropylene Film Capacitors
472PSB302K2G ILLINOISCAPACITOR-472PSB302K2G_13 Datasheet
806Kb / 7P
   Radial leaded metallized polypropylene film capacitors
103MPR400K ILLINOISCAPACITOR-103MPR400K_13 Datasheet
200Kb / 2P
   Radial leaded metallized polypropylene film capacitors
logo
Cornell Dubilier Electr...
DPP CDE-DPP Datasheet
203Kb / 3P
   Polypropylene Radial Leaded Film Capacitors
logo
Illinois Capacitor, Inc...
102PPB202K ILLINOISCAPACITOR-102PPB202K_13 Datasheet
554Kb / 3P
   Radial leaded metallized polypropylene film capacitors for Pulse applications
logo
Cornell Dubilier Electr...
930 CDE-930 Datasheet
263Kb / 3P
   Polypropylene Film Capacitors Axial Leaded Metallized Polypropylene
logo
Illinois Capacitor, Inc...
153FPF302K ILLINOISCAPACITOR-153FPF302K Datasheet
367Kb / 2P
   Oval Leaded Polypropylene Film with Aluminum Foil Electrodes
102MPW630K ILLINOISCAPACITOR-102MPW630K_13 Datasheet
252Kb / 2P
   Axial leaded metallized polypropylene film capacitors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com