Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

228LMU100M2FD Datasheet(PDF) 5 Page - Illinois Capacitor, Inc.

Part # 228LMU100M2FD
Description  105째C Long Life Snap-Mount Aluminum Electrolytic Capacitors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

228LMU100M2FD Datasheet(HTML) 5 Page - Illinois Capacitor, Inc.

  228LMU100M2FD Datasheet HTML 1Page - Illinois Capacitor, Inc. 228LMU100M2FD Datasheet HTML 2Page - Illinois Capacitor, Inc. 228LMU100M2FD Datasheet HTML 3Page - Illinois Capacitor, Inc. 228LMU100M2FD Datasheet HTML 4Page - Illinois Capacitor, Inc. 228LMU100M2FD Datasheet HTML 5Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
3757 W. Touhy Ave., Lincolnwood, IL 60712 • (847) 675-1760 • Fax (847) 673-2850 • www.illcap.com
®
LMU
+ 105°C Long Life
Snap-Mount Aluminum
Electrolytic Capacitors
STANDARD PART LISTING
PART
NUMBER
WVDC
Capacitance
(µF)
Maximum RMS
Ripple Current
(A)
120Hz,+105°C
Dimensions
DxL
(mm)
Maximum
ESR
m
120Hz,+20°C
PART
NUMBER
WVDC
Capacitance
(µF)
Maximum RMS
Ripple Current
(A)
120Hz,+105°C
Dimensions
DxL
(mm)
Maximum
ESR
m
120Hz,+20°C
6800
50
688LMU050M2ED
60.951
3.19
35x30
6800
50
688LMU050M2FC
60.951
2.78
40x25
6800
63
688LMU063M2EF
60.951
3.68
35x40
10000
16
109LMU016M2BE
116.050
2.19
22x35
10000
16
109LMU016M2CC
116.050
1.94
25x25
10000
25
109LMU025M2CF
66.315
2.83
25x40
10000
25
109LMU025M2DD
66.315
2.72
30x30
10000
25
109LMU025M2EC
66.315
2.65
35x25
10000
35
109LMU035M2CG
58.025
3.4
25x45
10000
35
109LMU035M2DE
58.025
3.34
30x35
10000
35
109LMU035M2ED
58.025
3.27
35x30
10000
50
109LMU050M2DH
49.736
4.05
30x50
10000
50
109LMU050M2EF
49.736
3.98
35x40
10000
50
109LMU050M2FE
49.736
3.9
40x35
10000
63
109LMU063M2EH
49.736
4.48
35x50
10000
63
109LMU063M2FF
49.736
4.4
40x40
15000
10
159LMU010M2CC
77.367
1.92
25x25
15000
16
159LMU016M2CE
77.367
2.8
25x35
15000
16
159LMU016M2DD
77.367
2.8
30x30
15000
16
159LMU016M2EC
77.367
2.67
35x25
15000
25
159LMU025M2DF
44.210
3.13
30x40
15000
25
159LMU025M2ED
44.210
3.06
35x30
15000
35
159LMU035M2DG
38.683
4
30x45
15000
35
159LMU035M2EE
38.683
3.93
35x35
22000
10
229LMU010M2CE
52.750
2.46
25x35
22000
16
229LMU016M2DE
52.750
3.48
30x35
22000
16
229LMU016M2ED
52.750
3.35
35x30
22000
25
229LMU025M2EE
30.143
4.07
35x35
22000
35
229LMU035M2EG
26.375
5.12
35x45
33000
10
339LMU010M2DE
35.167
3.05
30x35
33000
16
339LMU016M2EE
35.167
4.06
35x35
33000
25
339LMU025M2EH
20.095
4.78
35x50
39000
10
399LMU010M2ED
29.757
3.09
35x30
39000
16
399LMU016M2EF
29.757
4.08
35x40
47000
10
479LMU010M2EE
24.692
3.51
35x35
47000
16
479LMU016M2EG
24.692
4.45
35x45
4.0
±1.0
10.0
Cathode
L
Case Vent
Insulator
P.V.C. Sleeve
10.0
±0.1
2.0
± 0.1
P.C. Mounting
Specifications
D1
D1=D+1.0 mm Max.
L1=L + 2.0 mm Max.
S1=10 ± .1mm
L1
3 and 4 pin mounting styles available on special order. Contact I.C. for details


Similar Part No. - 228LMU100M2FD

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
228LMB035M2BC ILLINOISCAPACITOR-228LMB035M2BC Datasheet
249Kb / 6P
   105째C 3000 hour Snap-Mount Aluminum Electrolytic Capacitors
228LMB035M2BC ILLINOISCAPACITOR-228LMB035M2BC Datasheet
428Kb / 7P
   Multiple Case Sizes - High Voltage ??High Current
228LMB035M2BC ILLINOISCAPACITOR-228LMB035M2BC Datasheet
132Kb / 1P
   SNAP-IN / SNAP MOUNT
228LMB050M2AE ILLINOISCAPACITOR-228LMB050M2AE Datasheet
428Kb / 7P
   Multiple Case Sizes - High Voltage ??High Current
228LMB050M2AE ILLINOISCAPACITOR-228LMB050M2AE Datasheet
131Kb / 1P
   SNAP-IN / SNAP MOUNT
More results

Similar Description - 228LMU100M2FD

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
476LMU450M2BC ILLINOISCAPACITOR-476LMU450M2BC_13 Datasheet
507Kb / 4P
   105C Long Life Snap mount Aluminum Electrolytic Capacitors
686LMH450M2BC ILLINOISCAPACITOR-686LMH450M2BC Datasheet
399Kb / 4P
   105C Long Life Snap mount Aluminum Electrolytic Capacitors
335TXK450M ILLINOISCAPACITOR-335TXK450M Datasheet
115Kb / 3P
   105째C Long Life Radial Lead Aluminum Electrolytic Capacitors
logo
Vishay Siliconix
058PLL-SI VISHAY-058PLL-SI_16 Datasheet
148Kb / 11P
   Aluminum Electrolytic Capacitors Power Long Life Snap-In
Revision: 12-Oct-16
058059PLL-SI VISHAY-058059PLL-SI Datasheet
146Kb / 11P
   Aluminum Electrolytic Capacitors Power Long Life Snap-In
058059PLL-SI VISHAY-058059PLL-SI_V01 Datasheet
146Kb / 11P
   Aluminum Electrolytic Capacitors Power Long Life Snap-In
01-Jan-2023
158PUL-SI VISHAY-158PUL-SI_16 Datasheet
123Kb / 9P
   Aluminum Electrolytic Capacitors Power Ultra Long Life Snap-In
Revision: 13-Oct-16
090PUL-SI VISHAY-090PUL-SI_17 Datasheet
115Kb / 7P
   Aluminum Electrolytic Capacitors Power Ultra Long Life Snap-In
Revision: 08-Sep-17
159-PUL-SI VISHAY-159-PUL-SI Datasheet
121Kb / 9P
   Aluminum Electrolytic Capacitors Power Ultra Long Life Snap-In
Revision: 31-Jan-17
090PUL-SI VISHAY-090PUL-SI_V01 Datasheet
97Kb / 7P
   Aluminum Electrolytic Capacitors Power Ultra Long Life Snap-In
01-Jan-2023
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com