Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

256MHBA02K2R Datasheet(PDF) 7 Page - Illinois Capacitor, Inc.

Part # 256MHBA02K2R
Description  Radial Leaded Polypropylene Film Capacitors with Double Sided Metallized Electrodes
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

256MHBA02K2R Datasheet(HTML) 7 Page - Illinois Capacitor, Inc.

  256MHBA02K2R Datasheet HTML 1Page - Illinois Capacitor, Inc. 256MHBA02K2R Datasheet HTML 2Page - Illinois Capacitor, Inc. 256MHBA02K2R Datasheet HTML 3Page - Illinois Capacitor, Inc. 256MHBA02K2R Datasheet HTML 4Page - Illinois Capacitor, Inc. 256MHBA02K2R Datasheet HTML 5Page - Illinois Capacitor, Inc. 256MHBA02K2R Datasheet HTML 6Page - Illinois Capacitor, Inc. 256MHBA02K2R Datasheet HTML 7Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
3757 W. Touhy Ave., Lincolnwood, IL 60712 • (847) 675-1760 • Fax (847) 673-2850 • www.illcap.com
®
MHB
Radial Leaded Polypropylene
Film Capacitors
with Double Sided
Metallized Electrodes
STYLE DRAWINGS
Style S / T
Style B
(Not available for L=57.5 mm)
Style V/ W
Style F/G
P1
7
±0.2
7
±0.2
13.7
±0.3
0.8
±0.1
0.8
±0.1
0.6
±0.4
13.7
±0.3
6
±1
P2
P2
P1
56.5 max.
6 min.
5.5
±1
7
±0.2
P1
P2
10 max.
H
T
H
L
H
T
T
L
L
L
T
6
±1
H
17.5 max.
T
L
11 min.
13.7
±0.3
6 min.
5.5
±1
20
±1.5
7
±0.2
P1
P2
L
T
H
Style N (for L=57.5 mm only)
Style P (for L=57.5 mm only)
Dimensions in mm
Style A
P1
7
±0.2
7
±0.2
13.7
±0.3
P2
L
0.8
±0.1
6
±1
H
10 max.
T
P1
18.5 max.
8
min
H
P2
P1
13.7
±0.3
7
±0.2
T
Fixing pitch and distance between lugs (mm)
Lugs
L
P1
P2
S, V, F
T, W, G
N, P
A
B
42.5
23
÷28 (M6)
11
57.5
37
÷42 (M6)
24
42.5
20
÷25 (M6)
8
57.5
34
÷39 (M6)
21
42.5
Not available
57.5
23
÷28 (M6)
11
42.5
51
÷64 (M8)
-
57.5
65
÷78 (M8)
-
42.5
32
÷45 (M6)
17
57.5
Not available


Similar Part No. - 256MHBA02K2R

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
256MHBA02K2R ILLINOISCAPACITOR-256MHBA02K2R Datasheet
636Kb / 8P
   Small size - High voltage ??High Capacitance
More results

Similar Description - 256MHBA02K2R

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
472PSB302K2G ILLINOISCAPACITOR-472PSB302K2G Datasheet
402Kb / 9P
   Radial Leaded Polypropylene Film Capacitors with Double Sided Metallized Electrodes
logo
Kemet Corporation
R76ID1680XX3XX KEMET-R76ID1680XX3XX Datasheet
990Kb / 12P
   POLYPROPYLENE CAPACITOR WITH DOUBLE SIDED METALLIZED FILM ELECTRODES
logo
Illinois Capacitor, Inc...
755DCB112K2J ILLINOISCAPACITOR-755DCB112K2J Datasheet
373Kb / 3P
   Radial Leaded Metallized Polypropylene Film Capacitors
472PSB302K2G ILLINOISCAPACITOR-472PSB302K2G_13 Datasheet
806Kb / 7P
   Radial leaded metallized polypropylene film capacitors
103MPR400K ILLINOISCAPACITOR-103MPR400K_13 Datasheet
200Kb / 2P
   Radial leaded metallized polypropylene film capacitors
logo
Cornell Dubilier Electr...
DPP CDE-DPP Datasheet
203Kb / 3P
   Polypropylene Radial Leaded Film Capacitors
logo
Illinois Capacitor, Inc...
102PPB202K ILLINOISCAPACITOR-102PPB202K_13 Datasheet
554Kb / 3P
   Radial leaded metallized polypropylene film capacitors for Pulse applications
logo
Cornell Dubilier Electr...
930 CDE-930 Datasheet
263Kb / 3P
   Polypropylene Film Capacitors Axial Leaded Metallized Polypropylene
logo
Illinois Capacitor, Inc...
153FPF302K ILLINOISCAPACITOR-153FPF302K Datasheet
367Kb / 2P
   Oval Leaded Polypropylene Film with Aluminum Foil Electrodes
102MPW630K ILLINOISCAPACITOR-102MPW630K_13 Datasheet
252Kb / 2P
   Axial leaded metallized polypropylene film capacitors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com