Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

478LMU080M2EG Datasheet(PDF) 1 Page - Illinois Capacitor, Inc.

Part # 478LMU080M2EG
Description  105째C Long Life Snap-Mount Aluminum Electrolytic Capacitors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

478LMU080M2EG Datasheet(HTML) 1 Page - Illinois Capacitor, Inc.

  478LMU080M2EG Datasheet HTML 1Page - Illinois Capacitor, Inc. 478LMU080M2EG Datasheet HTML 2Page - Illinois Capacitor, Inc. 478LMU080M2EG Datasheet HTML 3Page - Illinois Capacitor, Inc. 478LMU080M2EG Datasheet HTML 4Page - Illinois Capacitor, Inc. 478LMU080M2EG Datasheet HTML 5Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
3757 W. Touhy Ave., Lincolnwood, IL 60712 • (847) 675-1760 • Fax (847) 673-2850 • www.illcap.com
®
WVDC
tan
δ
Dissipation Factor
120Hz, 20°C
I Rugged design
I Large case size selection
I Capacitance range: 47µF to 47,000µF
FEATURES
LMU
+105°C Long Life
Snap-Mount
Aluminum
Electrolytic Capacitors
Operating Temperature Range
SPECIFICATIONS
Capacitance Tolerance
-40°C to +105°C
Leakage Current
≤450 WVDC
±20% at 120Hz, 20°C
Shelf life
500 hours at +105°C with no voltage applied.
Units will meet load life specifications
Impedance Ratio
120Hz
WVDC
-25°C/20°C
-40°C/20°
C
I High voltage range: 10 WVDC to 450 WVDC
I High ripple currents ratings
I Extended Life
-25°C to
+105°C
C
≤ 2200µf
3300µf
≤ C ≤6800µf
C
≥10000µf
10
16
25
35
50
63
80
100 160
180 200 250
350 400 450
4
4
3
3
333
3
3
3
3
3
8
88
12
12
6
6
666
6
8
8
8
8
-
-
-
WVDC
Time
.02CV or 2000µA
whichever is less
Load Life
2,000 hours at 105°C with rated WVDC and ripple current
≤ 20% of initial measured value
≤200% of initial specified value
< Initial specified value
Capacitance change
Dissipation factor
Leakage current
For all Long Life High CV Applications
5 minutes
10
16
25
35
50
63
80
100 160 180
200
250
350 400
450
.2
.15
.15
.15
.1
.1
.1
.1
.2
.2
.2
.3
.25
.25
.2
.2
.2
.7
.7
.4
.35
.3
.3
Ripple Current
Multipliers
WVDC
50
120
400
1k
10k
100k
.8
1.0
1.1
1.15
1.2
1.25
.8
1.0
1.1
1.2
1.4
1.5
.8
1.0
1.1
1.15
1.2
1.3
45
60
70
85
105
2.4
2.2
2.0
1.7
1.0
2.4
2.2
2.0
1.7
1.0
2.4
2.2
2.0
1.7
1.0
SPECIAL ORDER OPTIONS
Special tolerances: ±10% (K), -10% + 30% (Q) Epoxy end seal
(See Page 33 to 37)
Frequency (Hz)
≤100
160 to 250V
>250V
Temperature (C°)


Similar Part No. - 478LMU080M2EG

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
478LMB016M2BC ILLINOISCAPACITOR-478LMB016M2BC Datasheet
249Kb / 6P
   105째C 3000 hour Snap-Mount Aluminum Electrolytic Capacitors
478LMB025M2AD ILLINOISCAPACITOR-478LMB025M2AD Datasheet
428Kb / 7P
   Multiple Case Sizes - High Voltage ??High Current
478LMB025M2AD ILLINOISCAPACITOR-478LMB025M2AD Datasheet
131Kb / 1P
   SNAP-IN / SNAP MOUNT
478LMB025M2BC ILLINOISCAPACITOR-478LMB025M2BC Datasheet
249Kb / 6P
   105째C 3000 hour Snap-Mount Aluminum Electrolytic Capacitors
478LMB025M2BC ILLINOISCAPACITOR-478LMB025M2BC Datasheet
428Kb / 7P
   Multiple Case Sizes - High Voltage ??High Current
More results

Similar Description - 478LMU080M2EG

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
476LMU450M2BC ILLINOISCAPACITOR-476LMU450M2BC_13 Datasheet
507Kb / 4P
   105C Long Life Snap mount Aluminum Electrolytic Capacitors
686LMH450M2BC ILLINOISCAPACITOR-686LMH450M2BC Datasheet
399Kb / 4P
   105C Long Life Snap mount Aluminum Electrolytic Capacitors
335TXK450M ILLINOISCAPACITOR-335TXK450M Datasheet
115Kb / 3P
   105째C Long Life Radial Lead Aluminum Electrolytic Capacitors
logo
Vishay Siliconix
058PLL-SI VISHAY-058PLL-SI_16 Datasheet
148Kb / 11P
   Aluminum Electrolytic Capacitors Power Long Life Snap-In
Revision: 12-Oct-16
058059PLL-SI VISHAY-058059PLL-SI Datasheet
146Kb / 11P
   Aluminum Electrolytic Capacitors Power Long Life Snap-In
058059PLL-SI VISHAY-058059PLL-SI_V01 Datasheet
146Kb / 11P
   Aluminum Electrolytic Capacitors Power Long Life Snap-In
01-Jan-2023
158PUL-SI VISHAY-158PUL-SI_16 Datasheet
123Kb / 9P
   Aluminum Electrolytic Capacitors Power Ultra Long Life Snap-In
Revision: 13-Oct-16
090PUL-SI VISHAY-090PUL-SI_17 Datasheet
115Kb / 7P
   Aluminum Electrolytic Capacitors Power Ultra Long Life Snap-In
Revision: 08-Sep-17
159-PUL-SI VISHAY-159-PUL-SI Datasheet
121Kb / 9P
   Aluminum Electrolytic Capacitors Power Ultra Long Life Snap-In
Revision: 31-Jan-17
090PUL-SI VISHAY-090PUL-SI_V01 Datasheet
97Kb / 7P
   Aluminum Electrolytic Capacitors Power Ultra Long Life Snap-In
01-Jan-2023
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com