Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FTLF8528P2BCV Datasheet(PDF) 2 Page - Finisar Corporation.

Part # FTLF8528P2BCV
Description  8.5 Gb/s Short-Wavelength SFP Transceiver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINISAR [Finisar Corporation.]
Direct Link  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.

FTLF8528P2BCV Datasheet(HTML) 2 Page - Finisar Corporation.

  FTLF8528P2BCV Datasheet HTML 1Page - Finisar Corporation. FTLF8528P2BCV Datasheet HTML 2Page - Finisar Corporation. FTLF8528P2BCV Datasheet HTML 3Page - Finisar Corporation. FTLF8528P2BCV Datasheet HTML 4Page - Finisar Corporation. FTLF8528P2BCV Datasheet HTML 5Page - Finisar Corporation. FTLF8528P2BCV Datasheet HTML 6Page - Finisar Corporation. FTLF8528P2BCV Datasheet HTML 7Page - Finisar Corporation. FTLF8528P2BCV Datasheet HTML 8Page - Finisar Corporation. FTLF8528P2BCV Datasheet HTML 9Page - Finisar Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
FTLF8528P2BCV Pluggable SFP+ Product Specification – November 2007
© Finisar Corporation November 21, 2007 Rev. B
Page 2
I.
Pin Descriptions
Pin
Symbol
Name/Description
Ref.
1
VEET
Transmitter Ground (Common with Receiver Ground)
1
2
TFAULT
Transmitter Fault.
2
3
TDIS
Transmitter Disable. Laser output disabled on high or open.
3
4
SDA
2-wire Serial Interface Data Line (MOD-DEF2)
4
5
SCA
2-wire Serial Interface Clock (MOD-DEF1)
4
6
MOD_ABS
Module Absent, connected to VEET or VEER
4
7
RS0
Rx Rate Select:
Open or Low =
High =
2.125 or 4.25 Gb/s Fibre Channel (Low Bandwidth)
8.5 Gb/s Fibre Channel (High Bandwidth)
5
8
LOS
Loss of Signal indication. Logic 0 indicates normal operation.
6
9
RS1
Tx Rate Select:
Open or Low =
High =
2.125 or 4.25 Gb/s Fibre Channel (Low Bandwidth)
8.5 Gb/s Fibre Channel (High Bandwidth)
5
10
VEER
Receiver Ground (Common with Transmitter Ground)
1
11
VEER
Receiver Ground (Common with Transmitter Ground)
1
12
RD-
Receiver Inverted DATA out. AC Coupled
13
RD+
Receiver Non-inverted DATA out. AC Coupled
14
VEER
Receiver Ground (Common with Transmitter Ground)
1
15
VCCR
Receiver Power Supply
16
VCCT
Transmitter Power Supply
17
VEET
Transmitter Ground (Common with Receiver Ground)
1
18
TD+
Transmitter Non-Inverted DATA in. AC Coupled.
19
TD-
Transmitter Inverted DATA in. AC Coupled.
20
VEET
Transmitter Ground (Common with Receiver Ground)
1
Notes:
1.
Circuit ground is internally isolated from chassis ground.
2.
TFAULT is an open collector/drain output, which should be pulled up with a 4.7k – 10k Ohms resistor on
the host board if intended for use. Pull up voltage should be between 2.0V to Vcc + 0.3V. A high
output indicates a transmitter fault caused by either the TX bias current or the TX output power
exceeding the preset alarm thresholds. A low output indicates normal operation. In the low state, the
output is pulled to <0.8V.
3.
Laser output disabled on TDIS >2.0V or open, enabled on TDIS <0.8V.
4.
Should be pulled up with 4.7k – 10kohms on host board to a voltage between 2.0V and 3.6V.
MOD_ABS pulls line low to indicate module is plugged in.
5.
Rate select can also be set through the 2-wire bus in accordance with SFF-8472 v. 10.1
3. Rx Rate
Select is set at Bit 3, Byte 110, Address A2h. Tx Rate Select is set at Bit 3, Byte 118, Address A2h.
Note: writing a “1” selects maximum bandwidth operation. Rate select is the logic OR of the input
state of Rate Select Pin and 2-wire bus.
6.
LOS is open collector output. Should be pulled up with 4.7k – 10kohms on host board to a voltage
between 2.0V and 3.6V. Logic 0 indicates normal operation; logic 1 indicates loss of signal.


Similar Part No. - FTLF8528P2BCV

ManufacturerPart #DatasheetDescription
logo
ATGBICS by Approved Tec...
FTLF8528P2BCV-QL-C ATGBICS-FTLF8528P2BCV-QL-C Datasheet
380Kb / 11P
   FTLF8528P2BCV-QL Finisar Compatible Transceiver SFP 2.125/4.25/8.5GBase-FC (850nm, MMF, 300m, DOM)
More results

Similar Description - FTLF8528P2BCV

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FTLF8528P3BNV FINISAR-FTLF8528P3BNV Datasheet
777Kb / 12P
   8.5 Gb/s Short-Wavelength SFP Transceiver
FTLF8528P2BNV FINISAR-FTLF8528P2BNV Datasheet
745Kb / 12P
   8.5 Gb/s Short-Wavelength SFP Transceiver
FTLF8528P3BCV FINISAR-FTLF8528P3BCV Datasheet
777Kb / 12P
   8.5 Gb/s Short-Wavelength SFP Transceiver
FTLF8528P3BXY FINISAR-FTLF8528P3BXY Datasheet
764Kb / 12P
   8.5 Gb/s Short-Wavelength SFP Transceiver
FTLF8528P3BXV FINISAR-FTLF8528P3BXV Datasheet
777Kb / 12P
   8.5 Gb/s Short-Wavelength SFP Transceiver
FTLF8526P3BNL FINISAR-FTLF8526P3BNL Datasheet
762Kb / 12P
   6.1 Gb/s Short-Wavelength SFP Transceiver
FTLF8529P3BNV FINISAR-FTLF8529P3BNV Datasheet
703Kb / 12P
   14 Gb/s Short-Wavelength SFP Transceiver
FTLF8526W4BTL FINISAR-FTLF8526W4BTL Datasheet
758Kb / 13P
   6.1 Gb/s Short-Wavelength SFP Transceiver
FTLF8529P3BCV FINISAR-FTLF8529P3BCV Datasheet
816Kb / 12P
   14 Gb/s Short-Wavelength SFP Transceiver
FTLF8519P3BNL FINISAR-FTLF8519P3BNL Datasheet
469Kb / 11P
   2.125 Gb/s RoHS Compliant Short-Wavelength SFP Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com