Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

338LMB050M2DC Datasheet(PDF) 5 Page - Illinois Capacitor, Inc.

Part # 338LMB050M2DC
Description  105째C 3000 hour Snap-Mount Aluminum Electrolytic Capacitors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

338LMB050M2DC Datasheet(HTML) 5 Page - Illinois Capacitor, Inc.

  338LMB050M2DC Datasheet HTML 1Page - Illinois Capacitor, Inc. 338LMB050M2DC Datasheet HTML 2Page - Illinois Capacitor, Inc. 338LMB050M2DC Datasheet HTML 3Page - Illinois Capacitor, Inc. 338LMB050M2DC Datasheet HTML 4Page - Illinois Capacitor, Inc. 338LMB050M2DC Datasheet HTML 5Page - Illinois Capacitor, Inc. 338LMB050M2DC Datasheet HTML 6Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
3757 W. Touhy Ave., Lincolnwood, IL 60712 • (847) 675-1760 • Fax (847) 673-2850 • www.illcap.com
133
®
PART
NUMBER
WVDC
Maximum RMS
Ripple Current
(A)
120Hz,+105°C
WVDC
Capacitance
(µF)
LMB
STANDARD PART LISTING
Maximum RMS
Ripple Current
(A)
120Hz,+105°C
Capacitance
(µF)
Dimensions
DxL
(mm)
Dimensions
DxL
(mm)
Maximum
ESR
120Hz,+20°C
Maximum
ESR
120Hz,+20°C
PART
NUMBER
390
250
397LMB250M2BF
0.638
1.47
22x40
390
250
397LMB250M2CE
0.638
1.46
25x35
390
250
397LMB250M2DC
0.638
1.48
30x25
390
350
397LMB350M2DG
0.638
1.42
30x45
390
350
397LMB350M2EE
0.638
1.4
35x35
390
400
397LMB400M2EE
0.638
1.7
35x35
390
450
397LMB450M2EH
0.638
1.96
35x50
470
160
477LMB160M2BD
0.529
1.51
22x30
470
160
477LMB160M2CC
0.529
1.5
25x25
470
200
477LMB200M2BF
0.529
1.52
22x40
470
200
477LMB200M2CD
0.529
1.45
25x30
470
200
477LMB200M2DC
0.529
1.5
30x25
470
250
477LMB250M2BH
0.529
1.66
22x50
470
250
477LMB250M2CF
0.529
1.61
25x40
470
250
477LMB250M2DD
0.529
1.59
30x30
470
250
477LMB250M2EC
0.529
1.63
35x25
470
350
477LMB350M2EF
0.529
1.62
35x40
470
400
477LMB400M2EF
0.529
2.07
35x40
560
160
567LMB160M2BE
0.444
1.66
22x35
560
160
567LMB160M2CD
0.444
1.65
25x30
560
160
567LMB160M2DC
0.444
1.66
30x25
560
200
567LMB200M2BF
0.444
1.7
22x40
560
200
567LMB200M2CE
0.444
1.68
25x35
560
200
567LMB200M2DD
0.444
1.7
30x30
560
250
567LMB250M2CG
0.444
1.85
25x45
560
250
567LMB250M2DE
0.444
1.85
30x35
560
250
567LMB250M2EC
0.444
1.78
35x25
560
350
567LMB350M2EG
0.444
1.86
35x45
560
400
567LMB400M2EG
0.444
2.36
35x45
680
160
687LMB160M2BF
0.366
1.8
22x40
680
160
687LMB160M2CE
0.366
2
25x35
680
160
687LMB160M2DC
0.366
1.82
30x25
680
200
687LMB200M2BG
0.366
1.82
22x45
680
200
687LMB200M2CE
0.366
1.79
25x35
680
200
687LMB200M2DD
0.366
1.84
30x30
680
200
687LMB200M2EC
0.366
1.8
35x25
680
250
687LMB250M2CH
0.366
2.14
25x50
680
250
687LMB250M2DE
0.366
2.04
30x35
680
250
687LMB250M2ED
0.366
2.1
35x30
820
160
827LMB160M2BG
0.303
2.02
22x45
820
160
827LMB160M2CE
0.303
2
25x35
820
160
827LMB160M2DD
0.303
2.03
30x30
820
160
827LMB160M2EC
0.303
2
35x25
820
200
827LMB200M2CG
0.303
2.07
25x45
820
200
827LMB200M2DD
0.303
2.05
30x30
820
200
827LMB200M2ED
0.303
2.15
35x30
820
250
827LMB250M2DG
0.303
2.49
30x45
820
250
827LMB250M2EE
0.303
2.45
35x35
1000
63
108LMB063M2BC
0.414
0.91
22x25
1000
80
108LMB080M2BC
0.332
1.2
22x25
1000
80
108LMB080M2CC
0.332
0.99
25x25
1000
100
108LMB100M2BD
0.332
1.51
22x30
1000
100
108LMB100M2CC
0.332
1.55
25x25
1000
160
108LMB160M2CG
0.249
2.22
25x45
1000
160
108LMB160M2DE
0.249
2.21
30x35
1000
160
108LMB160M2EC
0.249
2.24
35x25
1000
200
108LMB200M2CH
0.249
2.53
25x50
1000
200
108LMB200M2DE
0.249
2.4
30x35
1000
200
108LMB200M2ED
0.249
2.58
35x30
1000
250
108LMB250M2EF
0.249
2.56
35x40
1200
160
128LMB160M2CH
0.207
2.43
25x50
1200
160
128LMB160M2DE
0.207
2.4
30x35
1200
160
128LMB160M2ED
0.207
2.41
35x30
1200
200
128LMB200M2DF
0.207
2.8
30x40
1200
200
128LMB200M2EE
0.207
2.85
35x35
1200
250
128LMB250M2EG
0.207
2.85
35x45
1500
50
158LMB050M2BC
0.332
1.05
22x25
1500
63
158LMB063M2BD
0.276
1.43
22x30
1500
63
158LMB063M2CC
0.276
1.42
25x25
1500
80
158LMB080M2BE
0.221
1.6
22x35
1500
80
158LMB080M2CD
0.221
1.63
25x30
1500
80
158LMB080M2DC
0.221
1.21
30x25
1500
100
158LMB100M2BF
0.221
1.94
22x40
1500
100
158LMB100M2CE
0.221
2.01
25x35
1500
100
158LMB100M2DC
0.221
1.98
30x25
1500
160
158LMB160M2DG
0.166
2.88
30x45
1500
160
158LMB160M2EE
0.166
2.84
35x35
1500
200
158LMB200M2EG
0.166
3.25
35x45
1500
250
158LMB250M2EH
0.166
3.28
35x50
1800
160
188LMB160M2EF
0.138
3.28
35x40
1800
200
188LMB200M2EH
0.138
3.68
35x50
2200
35
228LMB035M2BC
0.264
1.17
22x25
2200
50
228LMB050M2BD
0.226
1.31
22x30
2200
50
228LMB050M2CC
0.226
1.25
25x25
+ 105°C 3000 hour
Snap-Mount Aluminum
Electrolytic Capacitors


Similar Part No. - 338LMB050M2DC

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
338LMB050M2DC ILLINOISCAPACITOR-338LMB050M2DC Datasheet
428Kb / 7P
   Multiple Case Sizes - High Voltage ??High Current
338LMB050M2DC ILLINOISCAPACITOR-338LMB050M2DC Datasheet
132Kb / 1P
   SNAP-IN / SNAP MOUNT
More results

Similar Description - 338LMB050M2DC

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
476LMX450M2BC ILLINOISCAPACITOR-476LMX450M2BC Datasheet
239Kb / 4P
   105째C 5000 hour Snap-Mount Aluminum Electrolytic Capacitors
476LMB450M2BC ILLINOISCAPACITOR-476LMB450M2BC_13 Datasheet
568Kb / 5P
   105C 3000 hour Snap mount Aluminum Electrolytic Capacitors
476LMU450M2BC ILLINOISCAPACITOR-476LMU450M2BC Datasheet
553Kb / 5P
   105째C Long Life Snap-Mount Aluminum Electrolytic Capacitors
476LMX450M2BC ILLINOISCAPACITOR-476LMX450M2BC_13 Datasheet
452Kb / 4P
   105C 5000 hour Snap mount Aluminum Electrolytic Capacitors
685KFM400M ILLINOISCAPACITOR-685KFM400M Datasheet
391Kb / 2P
   105째C 10,000 Hour Radial Lead Aluminum Electrolytic Capacitors
logo
RFE international
LSM101M2G220300 RFE-LSM101M2G220300 Datasheet
173Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS LSM Series: Snap-in, 105째C
logo
Illinois Capacitor, Inc...
104NCN050M ILLINOISCAPACITOR-104NCN050M Datasheet
411Kb / 2P
   105째C Non-polarized Surface Mount Aluminum Electrolytic Capacitors
826LBB400M2BC ILLINOISCAPACITOR-826LBB400M2BC Datasheet
250Kb / 6P
   85째C Snap-Mount Aluminum Electrolytic Capacitors
476LBA450M2BC ILLINOISCAPACITOR-476LBA450M2BC Datasheet
198Kb / 5P
   85째C Snap-Mount Aluminum Electrolytic Capacitors
826LBB400M2BC ILLINOISCAPACITOR-826LBB400M2BC_13 Datasheet
704Kb / 5P
   85C snap-Mount Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com