Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FTLF8519P2WCL Datasheet(PDF) 5 Page - Finisar Corporation.

Part # FTLF8519P2WCL
Description  2.125 Gb/s RoHS Compliant Short-Wavelength SFP Transceiver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINISAR [Finisar Corporation.]
Direct Link  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.

FTLF8519P2WCL Datasheet(HTML) 5 Page - Finisar Corporation.

  FTLF8519P2WCL Datasheet HTML 1Page - Finisar Corporation. FTLF8519P2WCL Datasheet HTML 2Page - Finisar Corporation. FTLF8519P2WCL Datasheet HTML 3Page - Finisar Corporation. FTLF8519P2WCL Datasheet HTML 4Page - Finisar Corporation. FTLF8519P2WCL Datasheet HTML 5Page - Finisar Corporation. FTLF8519P2WCL Datasheet HTML 6Page - Finisar Corporation. FTLF8519P2WCL Datasheet HTML 7Page - Finisar Corporation. FTLF8519P2WCL Datasheet HTML 8Page - Finisar Corporation. FTLF8519P2WCL Datasheet HTML 9Page - Finisar Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
FTLF8519P2xCL Pluggable SFP Product Specification – September 2005
 Finisar Corporation September 25, 2005 Rev. C
Page 5
V.
General Specifications
Parameter
Symbol
Min
Typ
Max
Units
Ref.
Data Rate
BR
1.062,
1.25,
2.125
Gb/sec 1
Bit Error Rate
BER
10-12
4
Fiber Length on 50/125
µm MMF
L
550
300
m
2
3
Fiber Length on 62.5/125
µm MMF
L
300
150
m
2
3
Notes:
1. Gigabit Ethernet and 1x, 2x Fibre Channel compatible, per IEEE 802.3 and FC-PI-2 Rev. 7.0
respectively.
2. At 1.0625 Gb/s Fibre Channel and 1.25 Gb/s Gigabit Ethernet data rates.
3. At 2.125 Gb/s Fibre Channel data rate.
4. 2.125Gb/s with PRBS 27-1.
VI.
Environmental Specifications
Finisar 850nm SFP transceivers have a commercial operating temperature range from
0°C to +70°C case temperature.
Parameter
Symbol
Min
Typ
Max
Units
Ref.
Case Operating Temperature
Top
0
70
°C
Storage Temperature
Tsto
-40
85
°C
VII.
Regulatory Compliance
Finisar transceivers are Class 1 Laser Products and comply with US FDA regulations.
These products are certified by TÜV and CSA to meet the Class 1 eye safety
requirements of EN (IEC) 60825 and the electrical safety requirements of
EN (IEC) 60950. Copies of certificates are available at Finisar Corporation upon request.
Copies of the referenced certificates are available at Finisar Corporation upon request.


Similar Part No. - FTLF8519P2WCL

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FTLF8519P2WNL FINISAR-FTLF8519P2WNL Datasheet
804Kb / 12P
   2.125 Gb/s RoHS Compliant Short-Wavelength SFP Transceiver
FTLF8519P2WTL FINISAR-FTLF8519P2WTL Datasheet
817Kb / 12P
   2.125 Gb/s RoHS Compliant Short-Wavelength SFP Transceiver
More results

Similar Description - FTLF8519P2WCL

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FTLF8519P3BNL FINISAR-FTLF8519P3BNL Datasheet
469Kb / 11P
   2.125 Gb/s RoHS Compliant Short-Wavelength SFP Transceiver
FTLF8519P3BYL FINISAR-FTLF8519P3BYL Datasheet
641Kb / 11P
   2.125 Gb/s RoHS Compliant Short-Wavelength SFP Transceiver
FTLF8519P2WTL FINISAR-FTLF8519P2WTL Datasheet
817Kb / 12P
   2.125 Gb/s RoHS Compliant Short-Wavelength SFP Transceiver
FTLF8519P3BTL FINISAR-FTLF8519P3BTL Datasheet
669Kb / 11P
   2.125 Gb/s RoHS Compliant Short-Wavelength SFP Transceiver
FTLF8519P2WNL FINISAR-FTLF8519P2WNL Datasheet
804Kb / 12P
   2.125 Gb/s RoHS Compliant Short-Wavelength SFP Transceiver
FTL-8519-3D-2.5 FINISAR-FTL-8519-3D-2.5 Datasheet
206Kb / 9P
   RoHS Compliant 2.125 Gb/s Short-Wavelength GBIC Transceiver
FTLF8519F2GCL FINISAR-FTLF8519F2GCL Datasheet
242Kb / 10P
   2.125 Gb/s RoHS Compliant Short Wavelength 2x5 SFF Transceiver
FTLF8519F2XTL FINISAR-FTLF8519F2XTL Datasheet
263Kb / 9P
   2.125 Gb/s RoHS Compliant Short Wavelength 2x5 SFF Transceiver
FTLF8519F2GTL FINISAR-FTLF8519F2GTL Datasheet
335Kb / 9P
   2.125 Gb/s RoHS Compliant Short Wavelength 2x5 SFF Transceiver
FTLF8519F2GNL FINISAR-FTLF8519F2GNL Datasheet
264Kb / 10P
   2.125 Gb/s RoHS Compliant Short Wavelength 2x5 SFF Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com