Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C518 Datasheet(PDF) 8 Page - Cooper Bussmann, Inc.

Part # C518
Description  PCB & Small Dimension Fuses
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

C518 Datasheet(HTML) 8 Page - Cooper Bussmann, Inc.

Back Button C518 Datasheet HTML 4Page - Cooper Bussmann, Inc. C518 Datasheet HTML 5Page - Cooper Bussmann, Inc. C518 Datasheet HTML 6Page - Cooper Bussmann, Inc. C518 Datasheet HTML 7Page - Cooper Bussmann, Inc. C518 Datasheet HTML 8Page - Cooper Bussmann, Inc. C518 Datasheet HTML 9Page - Cooper Bussmann, Inc. C518 Datasheet HTML 10Page - Cooper Bussmann, Inc. C518 Datasheet HTML 11Page - Cooper Bussmann, Inc. C518 Datasheet HTML 12Page - Cooper Bussmann, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
For product data sheets, visit www.cooperbussmann.com/datasheets/ULCSA
60
Electronic — PCB & Small Dimension Fuses
HTC-60M, HTC-65M
PCB Stand-Off Mount
Specifications
Description:
Two-leg (HTC-60M) and
four-leg (HTC-65M) PCB stand-off fuse
holder.
Dimensions:
See Dimensions
illustration.
Construction:
Valox DR48 body
material,phosphor bronze terminals.
Ratings:
Volts: — 250V
Amps: — 6.3A
Dimensions
HTC-50M
PCB Horizontal Mount
Specifications
Description:
PCB horizontal mount
bayonet cap and fuse holder.
Dimensions:
See Dimensions
illustration.
Ratings:
See Specifications table.
Dimensions
HTC-45M
PCB Vertical Mount
Specifications
Description:
PCB vertical mount bay-
onet cap and fuse holder.
Dimensions:
See Dimensions
illustration.
Ratings:
See Specifications table.
Dimensions
PC board mount fuse holders
F U
SE
.461"
(11.7mm)
1.303"
(33.1mm)
.512"
(13.0mm)
Printed Circuit
Board
.051" + .002" Dia. (Typ.)
_
( 1.30 + .05mm)
_
.394"
(10.0mm)
Mounting Holes
F U
SE
.461"
(11.7mm)
1.303"
(33.1mm)
.512"
(13.0mm)
Printed Circuit
Board
.394"
(10.0mm)
Mounting Holes
.051" + .002" Dia. (Typ.)
_
( 1.30 + .05mm)
_
.197"
(5.0mm)
.102" Dia. Hole
(2.6mm) .051" Dia. Hole
(1.3mm)
.591"
(15.0mm)
.886"
(22.5mm)
.138"
(3.5mm)
.354"
(9.0mm)
.551"
(14.0mm)
102" Dia. Hole
(2.6mm) .051" Dia. Hole
(1.3mm)
.591"
(15.0mm)
.138"
(3.5mm)
.354"
(9.0mm)
.512"
(13.0mm)
Data Sheet 2110
Data Sheet 2110
Specifications
Volts:
250V
Amps:
6.3A
Terminals:
For HTC-45M, HTC-50M Tin-plated.
Molded Materials:
High temperature thermoplastic that meets the flammability ratings of UL 94V0;
Glow Wire Test: 960°C per IEC 60695-2-1.
Solderability:
In accordance with IEC 68-2-20.
Electrical:
Contact Resistance: ≤ 10mΩ; Insulation Resistance: ≥ 10mΩ; Dielectric Strength ≥ 2000 Vac.
Shock Safety:
PC2 (fuse holders).
Agency Information:
CE, HTC-45M, HTC-50M UL Recognized, (Guide IZLT2, File E14853; 6.3A, 250V; CSA Certified, (Class
6225-01, File 47235; 6.3A, 250V) SEMKO: (9226032; 6.3A, 250V).
Packaging:
Standard Qty 10 (No Prefix), Bulk Qty 100 (Prefix Catalog Number with BK/).
HTC-60M
HTC-65M
(2-leg)
(4-Leg)
Data Sheet 2110


Similar Part No. - C518

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
C518 ETC2-C518 Datasheet
239Kb / 1P
   PCI-based Serial Communications Cards
logo
Eaton All Rights Reserv...
C518 EATON-C518 Datasheet
310Kb / 2P
   5 mm x 15 mm Fast-acting glass tube fuses
logo
Cooper Bussmann, Inc.
C518-1.5-R COOPER-C518-1.5-R Datasheet
234Kb / 2P
   5 x 15mm Fast-Acting Glass Tube Fuses
logo
Eaton All Rights Reserv...
C518-1.5-R EATON-C518-1.5-R Datasheet
310Kb / 2P
   5 mm x 15 mm Fast-acting glass tube fuses
logo
Cooper Bussmann, Inc.
C518-100-R COOPER-C518-100-R Datasheet
234Kb / 2P
   5 x 15mm Fast-Acting Glass Tube Fuses
More results

Similar Description - C518

ManufacturerPart #DatasheetDescription
logo
Littelfuse
2CM250-400 LITTELFUSE-2CM250-400 Datasheet
416Kb / 1P
   British Dimension HRCII-C Fuses
logo
Japan Aviation Electron...
SJ100489 JAE-SJ100489 Datasheet
120Kb / 1P
   APPLICABLE PCB DIMENSION
logo
Murata Manufacturing Co...
DLP11RN450UL2 MURATA1-DLP11RN450UL2_V01 Datasheet
309Kb / 3P
   Small size and tight dimension.
Last updated08/01/2022
logo
World Produts Inc.
PCMP384 WPI-PCMP384 Datasheet
324Kb / 26P
   Small dimension for high density packaging
logo
Maxim Integrated Produc...
USB2PMB2 MAXIM-USB2PMB2 Datasheet
1Mb / 16P
   Small PCB Area
Rev 0; 9/15
USB2PMB1 MAXIM-USB2PMB1 Datasheet
1Mb / 15P
   Small PCB Area
Rev 1; 6/15
logo
Cooper Bussmann, Inc.
H15-V-1 COOPER-H15-V-1 Datasheet
375Kb / 2P
   PCB fuse holders for 5x20mm fuses
logo
Littelfuse
834 LITTELFUSE-834 Datasheet
83Kb / 1P
   PCB mount, vertical for 5x20 mm Fuses
logo
Eaton All Rights Reserv...
HTC EATON-HTC Datasheet
446Kb / 2P
   PCB Fuse accessories for 5 mm fuses
logo
List of Unclassifed Man...
LCA50S-12 ETC2-LCA50S-12 Datasheet
152Kb / 3P
   Small and compact PCB construction
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com