Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FTRJ1519P1WCL Datasheet(PDF) 2 Page - Finisar Corporation.

Part # FTRJ1519P1WCL
Description  2 Gigabit Long-Wavelength Pluggable SFP Transceiver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINISAR [Finisar Corporation.]
Direct Link  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.

FTRJ1519P1WCL Datasheet(HTML) 2 Page - Finisar Corporation.

  FTRJ1519P1WCL Datasheet HTML 1Page - Finisar Corporation. FTRJ1519P1WCL Datasheet HTML 2Page - Finisar Corporation. FTRJ1519P1WCL Datasheet HTML 3Page - Finisar Corporation. FTRJ1519P1WCL Datasheet HTML 4Page - Finisar Corporation. FTRJ1519P1WCL Datasheet HTML 5Page - Finisar Corporation. FTRJ1519P1WCL Datasheet HTML 6Page - Finisar Corporation. FTRJ1519P1WCL Datasheet HTML 7Page - Finisar Corporation. FTRJ1519P1WCL Datasheet HTML 8Page - Finisar Corporation. FTRJ1519P1WCL Datasheet HTML 9Page - Finisar Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
FTRJ1519P1xCL Pluggable SFP Product Specification – December 2003
F i n i s a r
 Finisar Corporation December 16, 2003 Rev F
Page 2
I.
Pin Descriptions
Pin
Symbol
Name/Description
Ref.
1
VEET
Transmitter Ground (Common with Receiver Ground)
1
2
TFAULT
Transmitter Fault. Not supported.
3
TDIS
Transmitter Disable. Laser output disabled on high or open.
2
4
MOD_DEF(2)
Module Definition 2. Data line for Serial ID.
3
5
MOD_DEF(1)
Module Definition 1. Clock line for Serial ID.
3
6
MOD_DEF(0)
Module Definition 0. Grounded within the module.
3
7
Rate Select
No connection required
4
8
LOS
Loss of Signal indication. Logic 0 indicates normal operation.
5
9
VEER
Receiver Ground (Common with Transmitter Ground)
1
10
VEER
Receiver Ground (Common with Transmitter Ground)
1
11
VEER
Receiver Ground (Common with Transmitter Ground)
1
12
RD-
Receiver Inverted DATA out. AC Coupled
13
RD+
Receiver Non-inverted DATA out. AC Coupled
14
VEER
Receiver Ground (Common with Transmitter Ground)
1
15
VCCR
Receiver Power Supply
16
VCCT
Transmitter Power Supply
17
VEET
Transmitter Ground (Common with Receiver Ground)
1
18
TD+
Transmitter Non-Inverted DATA in. AC Coupled.
19
TD-
Transmitter Inverted DATA in. AC Coupled.
20
VEET
Transmitter Ground (Common with Receiver Ground)
1
Notes:
1. Circuit ground is internally isolated from chassis ground.
2. Laser output disabled on TDIS >2.0V or open, enabled on TDIS <0.8V.
3. Should be pulled up with 4.7k - 10 kohms on host board to a voltage between 2.0V and 3.6V.
MOD_DEF(0) pulls line low to indicate module is plugged in.
4. Finisar FTRJxx21xxxxx transceivers operate between OC-3 and OC-48, 1x and 2x Fibre Channel, and
Gigabit Ethernet data rates and respective protocols without active control. Finisar FTRJxx19xxxxx
transceivers operate at 1x and 2x Fibre Channel, and Gigabit Ethernet data rates and respective
protocols without active control.
5. LOS is open collector output. Should be pulled up with 4.7k – 10 kohms on host board to a voltage
between 2.0V and 3.6V. Logic 0 indicates normal operation; logic 1 indicates loss of signal.
VeeT
VeeT
VeeR
VeeR
TD-
TD+
RD+
RD-
VccT
VccR
VeeT
VeeR
TXFault
MOD-DEF(2)
MOD-DEF(1)
MOD-DEF(0)
Rate Select
LOS
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
Towards
ASIC
Towards
Bezel
TX Disable
VeeR
Pinout of Connector Block on Host Board


Similar Part No. - FTRJ1519P1WCL

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FTRJ1519P1WNL FINISAR-FTRJ1519P1WNL Datasheet
710Kb / 11P
   2 Gigabit Long-Wavelength Pluggable SFP Transceiver
More results

Similar Description - FTRJ1519P1WCL

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FTRJ1419P1WCL FINISAR-FTRJ1419P1WCL Datasheet
673Kb / 11P
   2 Gigabit Long-Wavelength Pluggable SFP Transceiver
FTRJ1619P1WCL FINISAR-FTRJ1619P1WCL Datasheet
674Kb / 11P
   2 Gigabit Long-Wavelength Pluggable SFP Transceiver
FTRJ1519P1WNL FINISAR-FTRJ1519P1WNL Datasheet
710Kb / 11P
   2 Gigabit Long-Wavelength Pluggable SFP Transceiver
FTRJ1319P1WTL FINISAR-FTRJ1319P1WTL Datasheet
673Kb / 11P
   Industrial Temperature 2 Gigabit Long-Wavelength Pluggable SFP Transceiver
logo
List of Unclassifed Man...
FTRJ-1319-7D ETC2-FTRJ-1319-7D Datasheet
162Kb / 10P
   Long-Wavelength Pluggable SFP Transceiver
logo
Finisar Corporation.
FTLF1519P1XCL FINISAR-FTLF1519P1XCL Datasheet
689Kb / 11P
   2 Gb/s RoHS Compliant Long-Wavelength Pluggable SFP Transceiver
FTLF1519P1WCL FINISAR-FTLF1519P1WCL Datasheet
721Kb / 11P
   2 Gb/s RoHS Compliant Long-Wavelength Pluggable SFP Transceiver
FTLF1419P1WCL FINISAR-FTLF1419P1WCL Datasheet
719Kb / 11P
   2 Gb/s RoHS Compliant Long-Wavelength Pluggable SFP Transceiver
FTLF1519P1WNL FINISAR-FTLF1519P1WNL Datasheet
719Kb / 11P
   2 Gb/s RoHS Compliant Long-Wavelength Pluggable SFP Transceiver
FTLF1519P1XNL FINISAR-FTLF1519P1XNL Datasheet
689Kb / 11P
   2 Gb/s RoHS Compliant Long-Wavelength Pluggable SFP Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com