Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

805MHBA01K Datasheet(PDF) 4 Page - Illinois Capacitor, Inc.

Part # 805MHBA01K
Description  Radial Leaded Polypropylene Film Capacitors with Double Sided Metallized Electrodes
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

805MHBA01K Datasheet(HTML) 4 Page - Illinois Capacitor, Inc.

  805MHBA01K Datasheet HTML 1Page - Illinois Capacitor, Inc. 805MHBA01K Datasheet HTML 2Page - Illinois Capacitor, Inc. 805MHBA01K Datasheet HTML 3Page - Illinois Capacitor, Inc. 805MHBA01K Datasheet HTML 4Page - Illinois Capacitor, Inc. 805MHBA01K Datasheet HTML 5Page - Illinois Capacitor, Inc. 805MHBA01K Datasheet HTML 6Page - Illinois Capacitor, Inc. 805MHBA01K Datasheet HTML 7Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
3757 W. Touhy Ave., Lincolnwood, IL 60712 • (847) 675-1760 • Fax (847) 673-2850 • www.illcap.com
®
4 Lead Construction
LL
P
L
T
d
S
H
L
S
H
P
d
32
27.5
<22
10.2
0.8
32
27.5
22<H<28
52.5
1.2
32
27.5
≥28
10.2
1.2
42.5
37.5
≤37
10.2
1.2
42.5
37.5
>37
20.3
1.2
57.5
52.5
ALL
20.3
1.2
µF
Convert to inches, divide by 25.4
4 Lead Construction
LxHxT mm
WVDC
(VAC)
500
(250)
600
(330)
370
(160)
3
32x33x18
32x37x22
3.3
32x33x18
4
32x33x18
32x37x22
5
32x33x18
32x37x22
42.5x37x28
6.8
32x33x18
32x37x22
8
42.5x37x28
42.5x45x30
10
32x37x22
42.5x33.5x22
42.5x37x28
42.5x45x30
57.5x45x30
12.5
57.5x45x30
15
42.5x30x22
42.5x37x28
57.5x45x30
57.5x50x35
42.5x45x30
20
57.5x45x30
57.5x50x35
22
42.5x37x28
42.5x45x30
25
57.5x45x30
57.5x50x35
30
57.5x45x30
33
42.5x45x30
40
57.5x45x30
57.5x50x35
50
57.5x50x35
60
57.5x50x35
700
(380)
800
(400)
MHB
Radial Leaded Polypropylene
Film Capacitors
with Double Sided
Metallized Electrodes
PHYSICAL DIMENSION


Similar Part No. - 805MHBA01K

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
805MHBA01K ILLINOISCAPACITOR-805MHBA01K Datasheet
636Kb / 8P
   Small size - High voltage ??High Capacitance
805MHBA01K2J ILLINOISCAPACITOR-805MHBA01K2J Datasheet
636Kb / 8P
   Small size - High voltage ??High Capacitance
805MHBA01K4J ILLINOISCAPACITOR-805MHBA01K4J Datasheet
636Kb / 8P
   Small size - High voltage ??High Capacitance
More results

Similar Description - 805MHBA01K

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
472PSB302K2G ILLINOISCAPACITOR-472PSB302K2G Datasheet
402Kb / 9P
   Radial Leaded Polypropylene Film Capacitors with Double Sided Metallized Electrodes
logo
Kemet Corporation
R76ID1680XX3XX KEMET-R76ID1680XX3XX Datasheet
990Kb / 12P
   POLYPROPYLENE CAPACITOR WITH DOUBLE SIDED METALLIZED FILM ELECTRODES
logo
Illinois Capacitor, Inc...
755DCB112K2J ILLINOISCAPACITOR-755DCB112K2J Datasheet
373Kb / 3P
   Radial Leaded Metallized Polypropylene Film Capacitors
472PSB302K2G ILLINOISCAPACITOR-472PSB302K2G_13 Datasheet
806Kb / 7P
   Radial leaded metallized polypropylene film capacitors
103MPR400K ILLINOISCAPACITOR-103MPR400K_13 Datasheet
200Kb / 2P
   Radial leaded metallized polypropylene film capacitors
logo
Cornell Dubilier Electr...
DPP CDE-DPP Datasheet
203Kb / 3P
   Polypropylene Radial Leaded Film Capacitors
logo
Illinois Capacitor, Inc...
102PPB202K ILLINOISCAPACITOR-102PPB202K_13 Datasheet
554Kb / 3P
   Radial leaded metallized polypropylene film capacitors for Pulse applications
logo
Cornell Dubilier Electr...
930 CDE-930 Datasheet
263Kb / 3P
   Polypropylene Film Capacitors Axial Leaded Metallized Polypropylene
logo
Illinois Capacitor, Inc...
153FPF302K ILLINOISCAPACITOR-153FPF302K Datasheet
367Kb / 2P
   Oval Leaded Polypropylene Film with Aluminum Foil Electrodes
102MPW630K ILLINOISCAPACITOR-102MPW630K_13 Datasheet
252Kb / 2P
   Axial leaded metallized polypropylene film capacitors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com