Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

688LMB050M2ED Datasheet(PDF) 4 Page - Illinois Capacitor, Inc.

Part # 688LMB050M2ED
Description  105째C 3000 hour Snap-Mount Aluminum Electrolytic Capacitors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

688LMB050M2ED Datasheet(HTML) 4 Page - Illinois Capacitor, Inc.

  688LMB050M2ED Datasheet HTML 1Page - Illinois Capacitor, Inc. 688LMB050M2ED Datasheet HTML 2Page - Illinois Capacitor, Inc. 688LMB050M2ED Datasheet HTML 3Page - Illinois Capacitor, Inc. 688LMB050M2ED Datasheet HTML 4Page - Illinois Capacitor, Inc. 688LMB050M2ED Datasheet HTML 5Page - Illinois Capacitor, Inc. 688LMB050M2ED Datasheet HTML 6Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
3757 W. Touhy Ave., Lincolnwood, IL 60712 • (847) 675-1760 • Fax (847) 673-2850 • www.illcap.com
132
®
PART
NUMBER
WVDC
Maximum
ESR
120Hz,+20°C
Maximum RMS
Ripple Current
(A)
120Hz,+105°C
PART
NUMBER
WVDC
Maximum
ESR
120Hz,+20°C
Dimensions
DxL
(mm)
Capacitance
(µF)
LMB
STANDARD PART LISTING
Maximum RMS
Ripple Current
(A)
120Hz,+105°C
Capacitance
(µF)
47
450
476LMB450M2BC
5.291
0.39
22x25
68
400
686LMB400M2BC
3.657
0.53
22x25
68
450
686LMB450M2BD
3.657
0.54
22x30
68
450
686LMB450M2CC
3.657
0.5
25x25
82
350
826LMB350M2BC
3.033
0.43
22x25
82
400
826LMB400M2BD
3.033
0.56
22x30
82
400
826LMB400M2CC
3.033
0.56
25x25
82
450
826LMB450M2BE
3.033
0.61
22x35
82
450
826LMB450M2CD
3.033
0.6
25x30
100
350
107LMB350M2BD
2.487
0.51
22x30
100
350
107LMB350M2CC
2.487
0.51
25x25
100
400
107LMB400M2BD
2.487
0.68
22x30
100
400
107LMB400M2CC
2.487
0.68
25x25
100
450
107LMB450M2BE
2.487
0.69
22x35
100
450
107LMB450M2CE
2.487
0.7
25x35
100
450
107LMB450M2DC
2.487
0.68
30x25
120
350
127LMB350M2BD
2.072
0.55
22x30
120
350
127LMB350M2CC
2.072
0.55
25x25
120
400
127LMB400M2BE
2.072
0.72
22x35
120
400
127LMB400M2CC
2.072
0.73
25x25
120
400
127LMB400M2DC
2.072
0.75
30x25
120
450
127LMB450M2BG
2.072
0.8
22x45
120
450
127LMB450M2CE
2.072
0.77
25x35
120
450
127LMB450M2DD
2.072
0.8
30x30
120
450
127LMB450M2EC
2.072
0.82
35x25
150
350
157LMB350M2BE
1.658
0.66
22x35
150
350
157LMB350M2CD
1.658
0.67
25x30
150
400
157LMB400M2BF
1.658
0.85
22x40
150
400
157LMB400M2CD
1.658
0.85
25x30
150
400
157LMB400M2DC
1.658
0.9
30x25
150
450
157LMB450M2CF
1.658
0.96
25x40
150
450
157LMB450M2DE
1.658
0.96
30x35
150
450
157LMB450M2ED
1.658
0.99
35x30
180
350
187LMB350M2BF
1.382
0.77
22x40
180
350
187LMB350M2CE
1.382
0.78
25x35
180
350
187LMB350M2DD
1.382
0.82
30x30
180
400
187LMB400M2BG
1.382
0.98
22x45
180
400
187LMB400M2CE
1.382
1
25x35
180
400
187LMB400M2DD
1.382
0.99
30x30
180
400
187LMB400M2EC
1.382
1.01
35x25
180
450
187LMB450M2CF
1.382
1.1
25x40
Dimensions
DxL
(mm)
180
450
187LMB450M2CF
1.382
1.1
25x40
180
450
187LMB450M2DE
1.382
1.05
30x35
220
200
227LMB200M2BC
1.130
0.97
22x25
220
250
227LMB250M2BC
1.130
0.94
22x25
220
250
227LMB250M2CC
1.130
0.91
25x25
220
350
227LMB350M2BH
1.130
0.94
22x50
220
350
227LMB350M2CF
1.130
0.91
25x40
220
350
227LMB350M2DD
1.130
0.9
30x30
220
350
227LMB350M2EC
1.130
0.92
35x25
220
400
227LMB400M2CF
1.130
1.15
25x40
220
400
227LMB400M2DD
1.130
1.1
30x30
220
400
227LMB400M2EC
1.130
1.1
35x25
220
450
227LMB450M2DE
1.130
1.22
30x35
220
450
227LMB450M2EE
1.130
1.27
35x35
270
200
277LMB200M2BC
0.921
1.04
22x25
270
250
277LMB250M2BE
0.921
1.13
22x35
270
250
277LMB250M2CC
0.921
1.11
25x25
270
350
277LMB350M2CG
0.921
1.07
25x45
270
350
277LMB350M2DE
0.921
1.06
30x35
270
350
277LMB350M2ED
0.921
1.1
35x30
270
400
277LMB400M2CG
0.921
1.3
25x45
270
400
277LMB400M2DE
0.921
1.26
30x35
270
400
277LMB400M2ED
0.921
1.27
35x30
270
450
277LMB450M2EE
0.921
1.49
35x35
270
450
277LMB450M2DG
0.921
1.48
30x45
330
160
337LMB160M2BC
0.754
1.16
22x25
330
200
337LMB200M2BD
0.754
1.21
22x30
330
200
337LMB200M2CC
0.754
1.44
25x25
330
250
337LMB250M2BE
0.754
1.23
22x35
330
250
337LMB250M2CD
0.754
1.28
25x30
330
250
337LMB250M2DC
0.754
1.24
30x25
330
350
337LMB350M2CH
0.754
1.23
25x50
330
350
337LMB350M2DF
0.754
1.24
30x40
330
350
337LMB350M2ED
0.754
1.21
35x30
330
400
337LMB400M2DF
0.754
1.5
30x40
330
400
337LMB400M2ED
0.754
1.5
35x30
330
450
337LMB450M2EG
0.754
1.72
35x45
390
160
397LMB160M2BD
0.638
1.27
22x30
390
160
397LMB160M2CC
0.638
1.03
25x25
390
200
397LMB200M2BE
0.638
1.31
22x35
390
200
397LMB200M2CC
0.638
1.29
25x25
+ 105°C 3000 hour
Snap-Mount Aluminum
Electrolytic Capacitors


Similar Part No. - 688LMB050M2ED

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
688LMB050M2ED ILLINOISCAPACITOR-688LMB050M2ED Datasheet
428Kb / 7P
   Multiple Case Sizes - High Voltage ??High Current
More results

Similar Description - 688LMB050M2ED

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
476LMX450M2BC ILLINOISCAPACITOR-476LMX450M2BC Datasheet
239Kb / 4P
   105째C 5000 hour Snap-Mount Aluminum Electrolytic Capacitors
476LMB450M2BC ILLINOISCAPACITOR-476LMB450M2BC_13 Datasheet
568Kb / 5P
   105C 3000 hour Snap mount Aluminum Electrolytic Capacitors
476LMU450M2BC ILLINOISCAPACITOR-476LMU450M2BC Datasheet
553Kb / 5P
   105째C Long Life Snap-Mount Aluminum Electrolytic Capacitors
476LMX450M2BC ILLINOISCAPACITOR-476LMX450M2BC_13 Datasheet
452Kb / 4P
   105C 5000 hour Snap mount Aluminum Electrolytic Capacitors
685KFM400M ILLINOISCAPACITOR-685KFM400M Datasheet
391Kb / 2P
   105째C 10,000 Hour Radial Lead Aluminum Electrolytic Capacitors
logo
RFE international
LSM101M2G220300 RFE-LSM101M2G220300 Datasheet
173Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS LSM Series: Snap-in, 105째C
logo
Illinois Capacitor, Inc...
104NCN050M ILLINOISCAPACITOR-104NCN050M Datasheet
411Kb / 2P
   105째C Non-polarized Surface Mount Aluminum Electrolytic Capacitors
826LBB400M2BC ILLINOISCAPACITOR-826LBB400M2BC Datasheet
250Kb / 6P
   85째C Snap-Mount Aluminum Electrolytic Capacitors
476LBA450M2BC ILLINOISCAPACITOR-476LBA450M2BC Datasheet
198Kb / 5P
   85째C Snap-Mount Aluminum Electrolytic Capacitors
826LBB400M2BC ILLINOISCAPACITOR-826LBB400M2BC_13 Datasheet
704Kb / 5P
   85C snap-Mount Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com