Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FTLF1424P2WCD Datasheet(PDF) 1 Page - Finisar Corporation.

Part # FTLF1424P2WCD
Description  4 Gigabit RoHS Compliant Long-Wavelength SFP Transceiver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINISAR [Finisar Corporation.]
Direct Link  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.

FTLF1424P2WCD Datasheet(HTML) 1 Page - Finisar Corporation.

  FTLF1424P2WCD Datasheet HTML 1Page - Finisar Corporation. FTLF1424P2WCD Datasheet HTML 2Page - Finisar Corporation. FTLF1424P2WCD Datasheet HTML 3Page - Finisar Corporation. FTLF1424P2WCD Datasheet HTML 4Page - Finisar Corporation. FTLF1424P2WCD Datasheet HTML 5Page - Finisar Corporation. FTLF1424P2WCD Datasheet HTML 6Page - Finisar Corporation. FTLF1424P2WCD Datasheet HTML 7Page - Finisar Corporation. FTLF1424P2WCD Datasheet HTML 8Page - Finisar Corporation. FTLF1424P2WCD Datasheet HTML 9Page - Finisar Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
F i n i s a r
Product Specification
4 Gigabit RoHS Compliant Long-Wavelength SFP Transceiver
FTLF1424P2xCR and FTLF1424P2xCD
PRODUCT FEATURES
• Up to 4.25Gb/s bi-directional
data links
• Hot-pluggable SFP footprint
• Built-in digital diagnostic functions
• 1310nm DFB laser transmitter
• Duplex LC connector
• RoHS compliant and Lead Free
• Up to 10 km on 9/125μm SMF
• Metal enclosure, for lower EMI
• Single 3.3V power supply
• Commercial operating temperature
range: -10°C to 70°C
APPLICATIONS
• Tri Rate 1.06 / 2.125 / 4.25 Gb/s
Fibre Channel
• 1.25Gb/s Gigabit Ethernet (Rate
selectable version)
Finisar’s FTLF1424P2xCR and FTLF1424P2xCD Small Form Factor Pluggable (SFP)
transceivers are compatible with the Small Form Factor Pluggable Multi-Sourcing
Agreement (MSA)1. They are compatible with Fibre Channel per FC-PI-2 Rev. 10.02.
Rate selectable versions are also simultaneously compatible with Gigabit Ethernet as
specified in IEEE Std 802.33. The product is RoHS compliant and lead-free per Directive
2002/95/EC
4 and Finisar Application Note AN-2038.
PRODUCT SELECTION
FTLF1424P2xCy
x
W
Wide Extraction Bail
B
Narrow Extraction Bail
y
R
Non Rate Selectable - 1x, 2x, 4x Fibre Channel
D
Rate Selectable - 1x, 2x, 4x Fibre Channel and Gigabit Ethernet
© Finisar Corporation August 31, 2006 Rev D
Page 1


Similar Part No. - FTLF1424P2WCD

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FTLF1424P2WCL FINISAR-FTLF1424P2WCL Datasheet
473Kb / 11P
   4 Gigabit RoHS Compliant Long-Wavelength SFP Transceiver
FTLF1424P2WCL FINISAR-FTLF1424P2WCL Datasheet
700Kb / 12P
   4 Gigabit RoHS Compliant Long-Wavelength SFP Transceiver
FTLF1424P2WCV FINISAR-FTLF1424P2WCV Datasheet
473Kb / 11P
   4 Gigabit RoHS Compliant Long-Wavelength SFP Transceiver
FTLF1424P2WCV FINISAR-FTLF1424P2WCV Datasheet
700Kb / 12P
   4 Gigabit RoHS Compliant Long-Wavelength SFP Transceiver
More results

Similar Description - FTLF1424P2WCD

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FTLF1324P2TV FINISAR-FTLF1324P2TV Datasheet
757Kb / 1P
   4 Gigabit RoHS Compliant Long-Wavelength SFP Transceiver
FTLF1424P2CD FINISAR-FTLF1424P2CD Datasheet
772Kb / 11P
   4 Gigabit RoHS Compliant Long-Wavelength SFP Transceiver
FTLF1424P2XCL FINISAR-FTLF1424P2XCL Datasheet
700Kb / 12P
   4 Gigabit RoHS Compliant Long-Wavelength SFP Transceiver
FTLF1424WTR FINISAR-FTLF1424WTR Datasheet
482Kb / 11P
   4 Gigabit RoHS Compliant Long-Wavelength SFP Transceiver
FTLF1424P2WCL FINISAR-FTLF1424P2WCL Datasheet
473Kb / 11P
   4 Gigabit RoHS Compliant Long-Wavelength SFP Transceiver
FTLF1324P2WTL FINISAR-FTLF1324P2WTL Datasheet
474Kb / 11P
   4 Gigabit RoHS Compliant Long-Wavelength SFP Transceiver
FTLF1324P2TL FINISAR-FTLF1324P2TL Datasheet
757Kb / 11P
   4 Gigabit RoHS Compliant Long-Wavelength SFP Transceiver
FTLF1324P2XTY FINISAR-FTLF1324P2XTY Datasheet
757Kb / 11P
   4 Gigabit RoHS Compliant Long-Wavelength SFP Transceiver
FTLF1424P2WTR FINISAR-FTLF1424P2WTR Datasheet
762Kb / 11P
   4 Gigabit RoHS Compliant Long-Wavelength SFP Transceiver
FTLF1328P2BNV FINISAR-FTLF1328P2BNV Datasheet
718Kb / 10P
   8 Gigabit RoHS Compliant Long-Wavelength SFP Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com